Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

712-852 Datasheet(PDF) 2 Page - Glenair, Inc.

Part # 712-852
Description  Metal EMI/RFI Environmental Bulkhead Feed-Thru Fitting Metal EMI/RFI Environmental Bulkhead Feed-Thru Fitting
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GLENAIR [Glenair, Inc.]
Direct Link  http://www.glenair.com
Logo GLENAIR - Glenair, Inc.

712-852 Datasheet(HTML) 2 Page - Glenair, Inc.

  712-852 Datasheet HTML 1Page - Glenair, Inc. 712-852 Datasheet HTML 2Page - Glenair, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CAGE Code 06324
©2011 Glenair, Inc.
Printed in U.S.A.
21
GLENAIR, INC. • 1211 AIR WAY • GLENDALE, CA 91201-2497 • 818-247-6000 • FAX 818-500-9912
712-852
Metal eMi/RFi environmental Bulkhead Feed-thru Fitting
for Series 72 Annular Convoluted tubing
table i
Bulkhead
Size
A Thread
Class 2A
B +.015
-.000
C
Dia
D
Flats
e
+.010
-.000
max entry
Size
06
3/8-32 UNEF
0.380 (9.7)
0.188 (4.8)
0.625 (15.9)
0.323 (8.2)
09
08
7/16-28 UNEF
0.443 (11.3)
0.250 (6.4)
0.688 (17.5)
0.385 (9.8)
12
09
1/2-20 UNF
0.505 (12.8)
0.281 (7.1)
0.750 (19.1)
0.448 (11.4)
12
10
1/2-20 UNF
0.505 (12.8)
0.312 (7.9)
0.750 (19.1)
0.448 (11.4)
12
12
9/16-24 UNEF
0.568 (14.4)
0.375 (9.5)
0.812 (20.6)
0.510 (13.0)
16
14
5/8-24 UNEF
0.63 (16.0)
0.438 (11.1)
0.875 (22.2)
0.573 (14.6)
16
16
11/16-24 UNEF
0.693 (17.6)
0.500 (12.7)
0.937 (23.8)
0.635 (16.1)
20
20
13/16-20 UNEF 0.818 (20.8)
0.625 (15.9)
1.062 (27.0)
0.760 (19.3)
20
24
15/16-20 UNEF 0.943 (24.0)
0.750 (19.1)
1.250 (31.8)
0.885 (22.5)
24
28
1 1/16-18 UNEF
1.068 (27.1)
0.875 (22.2)
1.375 (34.9)
1.010 (25.7)
32
32
1 3/16-18 UNEF
1.193 (30.3)
1.000 (25.4)
1.562 (39.7)
1.135 (28.8)
32
40
1 7/16-18 UNEF
1.443 (36.7)
1.250 (31.8)
1.875 (47.6)
1.385 (35.2)
40
table iii
entry Size
F
max
Conduit i.D.
G
max
H
max
J
max
K
max
Shrink Boot
Ref
min
max
06
0.53
(13.5)
0.16
(4.1)
0.19
(4.8)
0.50
(12.7)
1.02
(25.9)
0.68
(17.3)
1.20
(30.5)
770-001S103
09
0.63
(16.0)
0.24
(6.1)
0.28
(7.1)
0.53
(13.5)
1.04
(26.4)
0.75
(19.1)
1.26
(32.0)
770-001S103
12
0.73
(18.5)
0.33
(8.4)
0.37
(9.4)
0.53
(13.5)
1.04
(26.4)
0.75
(19.1)
1.26
(32.0)
770-001S104
16
0.86
(21.8)
0.45
(11.4)
0.50
(12.7)
0.55
(14.0)
1.07
(27.2)
0.81
(20.6)
1.33
(33.8)
770-001S104
20
0.98
(24.9)
0.57
(14.5)
0.62
(15.7)
0.61
(15.5)
1.12
(28.4)
0.93
(23.6)
1.45
(36.8)
770-001S105
24
1.15
(29.2)
0.69
(17.5)
0.75
(19.1)
0.63
(16.0)
1.15
(29.2)
1.00
(25.4)
1.51
(38.4)
770-001S106
28
1.27
(32.3)
0.81
(20.6)
0.87
(22.1)
0.68
(17.3)
1.20
(30.5)
1.12
(28.4)
1.64
(41.7)
770-001S107
32
1.40
(35.6)
0.93
(23.6)
1.00
(25.4)
0.71
(18.0)
1.22
(31.0)
1.18
(30.0)
1.70
(43.2)
770-001S107
40
1.62
(41.1)
1.18
(30.0)
1.25
(31.8)
0.76
(19.3)
1.28
(32.5)
1.31
(33.3)
1.83
(46.5)
770-001S107
Symbol M
Full-Radius
Profile
45°
Symbol N
Full-Radius
Profile
90°
G
H
j
k
table ii
Sym material
Finish Description
M
Aluminum
Electroless Nickel
MT
Nickel-PTFE
NF
Cad/Olive Drab over Electroless
Nickel
ZN
Zinc Nickel/Olive Drab over
Electroless Nickel
ZNU
Zinc Nickel/Black over
Electroless Nickel
Z1
Stainless
Steel
Passivate


Similar Part No. - 712-852

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
712-839 GLENAIR-712-839 Datasheet
207Kb / 2P
   Metal Self- Locking EMI/RFI Environmental Connector Adapter for Series 72 Annular Convoluted Tubing
logo
Precid-Dip Durtal SA
712-87-102-41-001101 PREDIP-712-87-102-41-001101 Datasheet
23Kb / 3P
   Single row 2.54 mm, Carrier
logo
Glenair, Inc.
712-877 GLENAIR-712-877 Datasheet
207Kb / 2P
   Composite Junction Box Adapter
More results

Similar Description - 712-852

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
630A005NF GLENAIR-630A005NF Datasheet
394Kb / 2P
   EMI/RFI Environmental G-Spring Bulkhead Fitting
630AH023 GLENAIR-630AH023 Datasheet
434Kb / 2P
   EMI/RFI Environmental Bulkhead Feed-Through
630AH003 GLENAIR-630AH003 Datasheet
460Kb / 2P
   EMI/RFI Environmental Bulkhead Feed-Through
630A006NF GLENAIR-630A006NF Datasheet
490Kb / 2P
   EMI/RFI Environmental Bulkhead Feed-Through
630A007NF GLENAIR-630A007NF Datasheet
446Kb / 2P
   EMI/RFI Environmental Bulkhead Feed-Through with Strain Relief
630A008NF GLENAIR-630A008NF Datasheet
386Kb / 2P
   EMI/RFI Environmental Bulkhead Feed-Through with Strain Relief
231-104-00M GLENAIR-231-104-00M Datasheet
434Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
231-104-09M09 GLENAIR-231-104-09M09 Datasheet
429Kb / 1P
   Jam Nut Environmental Bulkhead Feed-Thru
232-104-00M08 GLENAIR-232-104-00M08 Datasheet
459Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
231-104-00 GLENAIR-231-104-00 Datasheet
181Kb / 1P
   Wall Mount Environmental Bulkhead Feed-Thru
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com