Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1N5267B Datasheet(PDF) 1 Page - New Jersey Semi-Conductor Products, Inc.

Part # 1N5267B
Description  GLASS ZENER DIODES 500 MILLIWATTS 2.4-200 VOLTS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJSEMI [New Jersey Semi-Conductor Products, Inc.]
Direct Link  http://www.njsemi.com
Logo NJSEMI - New Jersey Semi-Conductor Products, Inc.

1N5267B Datasheet(HTML) 1 Page - New Jersey Semi-Conductor Products, Inc.

  1N5267B Datasheet HTML 1Page - New Jersey Semi-Conductor Products, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image


Similar Part No. - 1N5267B

ManufacturerPart #DatasheetDescription
logo
Gaomi Xinghe Electronic...
1N5267B GXELECTRONICS-1N5267B Datasheet
203Kb / 2P
   Silicon Z?밆iodes
logo
Vishay Siliconix
1N5267B VISHAY-1N5267B Datasheet
47Kb / 4P
   Silicon Z-Diodes
Rev. 2, 06-Aug-99
logo
Zibo Seno Electronic En...
1N5267B ZSELEC-1N5267B Datasheet
76Kb / 2P
   500mW EPITAXIAL ZENER DIODE
logo
First Components Intern...
1N5267B FCI-1N5267B Datasheet
159Kb / 3P
   1/2 Watt ZENER DIODES
logo
EIC discrete Semiconduc...
1N5267B EIC-1N5267B Datasheet
38Kb / 2P
   ZENER DIODES
More results

Similar Description - 1N5267B

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
1N957A NJSEMI-1N957A Datasheet
105Kb / 2P
   GLASS ZENER DIODES 500 MILLIWATTS 2.4-110 VOLTS
logo
Motorola, Inc
DO-204AH MOTOROLA-DO-204AH Datasheet
424Kb / 42P
   GLASS ZENER DIODES 500 MILLIWATTS 1.8.200 VOLTS
logo
Solid States Devices, I...
SZN6309 SSDI-SZN6309 Datasheet
180Kb / 4P
   2.4 ??200 VOLTS ZENER DIODES
SZ5A2.4 SSDI-SZ5A2.4_1 Datasheet
131Kb / 2P
   2.4 ??200 VOLTS ZENER DIODES
logo
Micro Commercial Compon...
DL5221 MCC-DL5221 Datasheet
890Kb / 2P
   500 mW Zener Diode 2.4 to 200 Volts
1N5221 MCC-1N5221 Datasheet
621Kb / 2P
   500 mW Zener Diode 2.4 to 200 Volts
MMSZ5221 MCC-MMSZ5221 Datasheet
250Kb / 5P
   500 mW Zener Diodes 2.4 to 39 Volts
MMSZ5221B MCC-MMSZ5221B_17 Datasheet
407Kb / 6P
   500 mW Zener Diodes 2.4 to 75 Volts
MMSZ5221B MCC-MMSZ5221B Datasheet
411Kb / 4P
   500 mW Zener Diodes 2.4 to 39 Volts
MMSZ5254B-TP MCC-MMSZ5254B-TP Datasheet
409Kb / 6P
   500 mW Zener Diodes 2.4 to 39 Volts
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com