Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLLM762-WCY01 Datasheet(PDF) 1 Page - P-tec Corporation

Part # PLLM762-WCY01
Description  HIGH INTENSITY POLYGONAL LED LAMP, 3mm round shape
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  P-TEC [P-tec Corporation]
Direct Link  http://www.p-tec.net
Logo P-TEC - P-tec Corporation

PLLM762-WCY01 Datasheet(HTML) 1 Page - P-tec Corporation

  PLLM762-WCY01 Datasheet HTML 1Page - P-tec Corporation PLLM762-WCY01 Datasheet HTML 2Page - P-tec Corporation PLLM762-WCY01 Datasheet HTML 3Page - P-tec Corporation PLLM762-WCY01 Datasheet HTML 4Page - P-tec Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image


Similar Part No. - PLLM762-WCY01

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLLM762-WCR01 P-TEC-PLLM762-WCR01 Datasheet
836Kb / 4P
   High intensity Polygonal LED lamp, 3mm round shape, UV resistant epoxy
More results

Similar Description - PLLM762-WCY01

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PLLM762-WCR01 P-TEC-PLLM762-WCR01 Datasheet
836Kb / 4P
   High intensity Polygonal LED lamp, 3mm round shape, UV resistant epoxy
logo
TAITRON Components Inco...
TLN-H4R3-1254 TAITRON-TLN-H4R3-1254 Datasheet
252Kb / 6P
   3mm ROUND LAMP LED
logo
OPTEK Technologies
OVLAB6CB8 OPTEK-OVLAB6CB8 Datasheet
968Kb / 4P
   Round Blue LED Lamp (3mm)
OVLAS6CB8 OPTEK-OVLAS6CB8 Datasheet
986Kb / 4P
   Round Red LED Lamp (3mm)
OVLEW1CB9 OPTEK-OVLEW1CB9 Datasheet
898Kb / 5P
   White High-Intensity LED Lamp White High-Intensity LED Lamp
logo
TT Electronics.
OVLAB6CB8 TTELEC-OVLAB6CB8 Datasheet
969Kb / 4P
   Round Blue LED Lamp (3mm)
OVLAG6CB8 TTELEC-OVLAG6CB8 Datasheet
984Kb / 4P
   Round Green LED Lamp (3mm)
logo
OPTEK Technologies
OVLAG6CB8 OPTEK-OVLAG6CB8 Datasheet
982Kb / 4P
   Round Green LED Lamp (3mm)
logo
TT Electronics.
OVLAS6CB8 TTELEC-OVLAS6CB8 Datasheet
988Kb / 4P
   Round Red LED Lamp (3mm)
logo
SunLED Corporation
LURR37D SUNLED-LURR37D Datasheet
186Kb / 4P
   T-1(3mm) ROUND LED LAMP
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com