Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN3025 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AN3025
Description  Transistor Mounting and Soldering
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AN3025 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AN3025 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AN3025 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Transistor Mounting and Soldering
Application Note
AN3025
• North America Tel: 800.366.2266 / Fax: 978.366.2266
• Europe Tel: 44.1908.574.200 / Fax: 44.1908.574.300
• Asia/Pacific Tel: 81.44.844.8296 / Fax: 81.44.844.8298
1
Visit www.macom.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Rev. 3
Introduction
There are three basic steps recommended to mount and solder RF power transistors into a circuit.
Solder pre-tin the transistor leads
Mount the transistor
Solder the transistor leads to the circuit trace
Solder Pre-Tinning
Pre-tinning is an effective technique to improve solderability. The purpose of pre-tinning is to remove the gold
from the lead of the transistor prior to soldering the device onto the circuit board. Thus, pre-tinning reduces de-
fects associated with cold solder joints when gold is mixed with Tin-Lead (Sn-Pb) solder. It has also been ob-
served that excessive gold in a solder joint can cause solder embrittlement. After time, depending on the environ-
mental stress applied to the solder joint, cracks and even an open circuit may result. Worse still there may be a
period of time where the joint is intermittently open or closed, thus making troubleshooting extremely difficult.
Therefore, pre-tinning and removing the gold from the leads prior to soldering is a prerequisite for reliable solder
connections.
There are several methods for performing pre-tinning. One method uses a soldering iron and solder wick. First,
apply solder to the transistor lead with the soldering iron, and then remove the solder with the wick. Care must be
taken to ensure that most of the gold is removed from the lead. Also, ensure that after wicking the excess solder,
the lead remains smooth and flat.
A better process is known as “double dip” tinning. For this process, two solder pots are used. The type of solder
used will depend on the properties of the PCB/carrier. Note that the exact same solder is used in both solder
pots. The double dip method is performed in the following manner:
Dip the leads into the solder flux being used, and then dip the leads into the molten solder contained in the first
solder pot. Remove from the first pot and dip the leads into the molten solder of the second pot.
As indicated earlier, the intent is to re-flow and remove the gold from the leads; therefore the solder in the first
pot becomes contaminated with gold. The second solder pot does not have gold in solution, and therefore de-
posits only pure solder onto the leads. This method can be carried out with a great deal of success for relatively
high volumes.
If a “hands off” approach is desired, machines can be utilized to automate the lead tinning process. The ma-
chines generally work on the same principle of removing the gold-laden solder and replacing it with gold free sol-
der, but they usually have a single solder pot working as a solder wave to achieve the gold free solder joint. Out-
side contract tinning facilities are also available.
Mounting the Transistor
Prior to mounting the transistor onto the circuit, a design review of the mounting surface and transistor is very
important. Verify that the two mating surfaces are compatible with regards to thermal expansion/contraction cycle
that the system will undergo. Mismatches may be overcome by providing some form of stress relief in the transis-
tor lead itself.
Verify that the device is clean and free of burrs. The flange flatness specification is generally .002”. Mounting
surface finish roughness (Ra) should be in the order of 0.8um or 0.03 mils, If the flange or mating surface is not
adequately flat, it may bend and transmit stress to the package and perhaps cause cracking of the die or other


Similar Part No. - AN3025

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
AN30259C PANASONIC-AN30259C Datasheet
509Kb / 34P
   3-ch. LED Driver for illumination
More results

Similar Description - AN3025

ManufacturerPart #DatasheetDescription
logo
TXC Corporation.
AU-SERIES TXC-AU-SERIES Datasheet
996Kb / 1P
   Designed for automatic mounting and refl ow soldering.
logo
Motorola, Inc
AN1580 MOTOROLA-AN1580 Datasheet
126Kb / 4P
   MOUNTING AND SOLDERING RECOMMENDATIONS FOR THE MOTOROLA POWER FLAT PACK PACKAGE
logo
OKI electronic componet...
SFP-CH20 OKI-SFP-CH20 Datasheet
267Kb / 6P
   Soldering and Rework System
logo
List of Unclassifed Man...
PT-B7 ETC2-PT-B7 Datasheet
95Kb / 1P
   Soldering Tips and Nozzles
DP-DSG2 ETC2-DP-DSG2 Datasheet
815Kb / 32P
   SOLDERING, DESOLDERING AND REWORK SYSTEMS
logo
OKI electronic componet...
MX-5000 OKI-MX-5000 Datasheet
1Mb / 12P
   Soldering, Desoldering and Rework System
logo
TE Connectivity Ltd
T40300140X1000 TEC-T40300140X1000 Datasheet
242Kb / 1P
   M8 PANEL CONNECTOR MALE SIDE, SOLDERING, TYPE, REAR MOUNTING -
REV A
logo
EPCOS
B41691 EPCOS-B41691 Datasheet
522Kb / 14P
   Axial-lead and soldering star capacitors
B41696 EPCOS-B41696 Datasheet
157Kb / 8P
   Axial-Lead and Soldering Star Capacitors
B41694 EPCOS-B41694 Datasheet
158Kb / 8P
   Axial-Lead and Soldering Star Capacitors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com