Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AN-4005 Datasheet(PDF) 1 Page - M/A-COM Technology Solutions, Inc.

Part # AN-4005
Description  MAFL-009272 Improved rejection circuit 5 - 1002 / 1125 - 1550 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AN-4005 Datasheet(HTML) 1 Page - M/A-COM Technology Solutions, Inc.

  AN-4005 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AN-4005 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
MAFL-009272 Improved rejection circuit
5 - 1002 / 1125 - 1550 MHz
Released Rev. V1
Application Note
AN - 4005
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.4155721
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Recommended Rejection Circuit Configuration
Recommended Component Values
Description
Ref Des
Qty
CAP, SMT, 0402, 0.3pF, +/- 2% 50V,COG
C1
1.00
CAP, SMT, 0402, 1.2pF, +/- 2% 50V,COG
C2
1.00
CAP, SMT, 0402, 0.82pF, +/- 2% 50V,COG
C3
1.00
CAP, SMT, 0402, 1.1pF, +/- 2% 50V,COG
C4
1.00
CAP, SMT, 0402, 0.5pF, +/- 2% 50V,COG
C5
1.00
Not Stuffed
C6
-
CAP, SMT, 0402,1.8pF, +/- 2% 50V,COG
C7
1.00
CAP, SMT, 0402, 0.5pF, +/- 2% 50V,COG
C8
1.00
IND, SMT, 0402, 3.3nH, +/-5%, 500mA
L1
1.00
IND, SMT, 0402, 2.7nH, +/-5%, 500mA
L2
1.00
IND, SMT, 0402, 4.7nH, +/-5%, 500mA
L3
1.00
Features
• Improved Rejection
• RoHS Compliant
• Lead Free
• 75 Ohm
Description
• M/A-COM Technology Solutions' MAFL-009272-
CD0AC0 is a surface mount diplex filter unit designed for
MoCA applications.
This filter includes the addition of an off chip circuit exter-
nal to the diplex filter. This circuit improves rejection be-
tween 2GHz - 3GHz.
Recommended rejection circuit configuration, Recom-
mended component values and typical spec table are
given below.
Parameter
Units
Typ
Common To Low
Insertion Loss
5-42 MHz
42 – 860 MHz
860 – 1002 MHz
Rejection
1130 – 1550 MHz
dB
dB
dB
dB
0.1
0.6
1.5
40
Common to High
Insertion Loss
1125 – 1550 MHz
Rejection
5-1002 MHz
2250 – 2400 MHz
2400 – 2600 MHz
2600 – 3000 MHz
dB
dB
dB
dB
dB
1.7
40
35
50
34
Common Port Return Loss
5-600 MHz
600 – 950 MHz
950 – 1002 MHz
1125 – 1200 MHz
1200 – 1550 MHz
dB
dB
dB
dB
dB
16
12
13
12
12
Common Port voltage transient
V
200
Typical spec
Product Image


Similar Part No. - AN-4005

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
AN-4003 FAIRCHILD-AN-4003 Datasheet
233Kb / 28P
   PC POWER SUPPLY DESIGN WITH KA3511
AN-400A FAIRCHILD-AN-400A Datasheet
305Kb / 8P
   Low-Power Green-Mode PWM Flyback Power Controller
More results

Similar Description - AN-4005

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAFL-008290-CD0AC0 MA-COM-MAFL-008290-CD0AC0 Datasheet
72Kb / 3P
   CATV Diplex Filter 5 - 1002 / 1125 - 1550 MHz
logo
Pulse A Technitrol Comp...
C6132NL PULSE-C6132NL Datasheet
56Kb / 2P
   Diplexer 5-1002/1125-1525 MHz
CX5060 PULSE-CX5060 Datasheet
485Kb / 1P
   FILTER, 5-1002 MHz
logo
WALSIN TECHNOLOGY CORPO...
RFLPF3225100Q07B1U WALSIN-RFLPF3225100Q07B1U Datasheet
609Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225100Q7T WALSIN-RFLPF3225100Q7T Datasheet
588Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225100Q2T WALSIN-RFLPF3225100Q2T Datasheet
645Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225200Q5T WALSIN-RFLPF3225200Q5T Datasheet
589Kb / 7P
   5 ~ 1002 MHz RF Application
RFLPF3225100Q0T WALSIN-RFLPF3225100Q0T Datasheet
561Kb / 7P
   5 ~ 1002 MHz RF Application
logo
Pulse A Technitrol Comp...
C6329NL PULSE-C6329NL Datasheet
95Kb / 2P
   Diplexer 5-42/88-1002 MHz
C5031NL PULSE-C5031NL Datasheet
413Kb / 2P
   Filter 1125-1525 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com