Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S2083 Datasheet(PDF) 4 Page - M/A-COM Technology Solutions, Inc.

Part # S2083
Description  Surface Mount Instructions for QFN / DFN Packages
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

S2083 Datasheet(HTML) 4 Page - M/A-COM Technology Solutions, Inc.

  S2083 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. S2083 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. S2083 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. S2083 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. S2083 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. S2083 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. S2083 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. S2083 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc. S2083 Datasheet HTML 9Page - M/A-COM Technology Solutions, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Surface Mount Instructions for QFN / DFN Packages
Application Note
S2083
4
Rev. V10
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
• North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
• India Tel: +91.80.43537383
• China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
Table 1. Recommended PCB Land Pattern Dimensions
Package Description
PCB Land Pattern Dimensions (mm)
Max #
of Vias
Package
Type
Size
(mm)
No. of
Leads
Lead Pitch
(mm)
Tp
X
L
X1-DFN
1 x 1
6
0.35
Fig. 1-2
0.18
0.20
1
PDFN
1.2 x 1.5
6
0.50
Fig. 1-2
0.25
0.40
1
PDFN
1.5 x 1.2
6
0.40
Fig. 1-3
0.23
0.315
2
PDFN
2 x 2
8
0.50
Fig. 1-2
0.28
0.40
3
STQFN
2 x 2
12
0.40
0.82
0.23
0.34
4
STQFN
2 x 2.5
14
0.40
Fig.1-3
0.23
0.34
6
PQFN
3 x 3
12
0.50
1.2
0.28
0.65
2
PQFN
3 x 3 (1.45 mm Exp. Pad)
16
0.50
1.5
0.28
0.50
2
PQFN
3 x 3 (1.7 mm Exp. Pad)
16
0.50
1.6
0.28
0.45
2
PQFN
4 x 4
16
0.65
2.2
0.37
0.65
5
PQFN
4 x 4
20
0.50
2.2
0.28
0.65
5
PQFN
4 x 4
24
0.50
2.55
0.28
0.50
5
PQFN
4 x 6 (V1)
32
0.50
Fig. 1-3
0.28
0.50
5
PQFN
5 x 5 (std)
20
0.65
3.2
0.37
0.65
9
PQFN
5 x 5 (Power Amp.)
20
0.65
3.2
0.37
0.65
Fig.1-3
PQFN
5 x 5
28
0.50
3.2
0.28
0.65
9
PQFN
6 x 6
28
0.65
4.5
0.40
0.50
18


Similar Part No. - S2083

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
S2080 MICROSEMI-S2080 Datasheet
148Kb / 2P
   SILICON POWER RECTIFIER
S2080 MICROSEMI-S2080 Datasheet
143Kb / 2P
   Silicon Power Rectifier
logo
M/A-COM Technology Solu...
S2080 MA-COM-S2080 Datasheet
45Kb / 2P
   Moisture Effects on the Soldering of Plastic Encapsulated Devices
logo
Minmax Technology Co., ...
S208R MINMAX-S208R Datasheet
233Kb / 6P
   2W, Low Cost DIP, Single & Dual Output DC/DC Converters
logo
Sharp Corporation
S208T01 SHARP-S208T01 Datasheet
74Kb / 5P
   Low Profile Type Solid State Relays
More results

Similar Description - S2083

ManufacturerPart #DatasheetDescription
logo
ACCUTEK MICROCIRCUIT CO...
AK08D300-LLP3X3 ACCUTEK-AK08D300-LLP3X3_12 Datasheet
1Mb / 9P
   Chip Scale Packages LLP, DFN, QFN MLP, LCC DIP Adapters
AK08D300-LLP ACCUTEK-AK08D300-LLP Datasheet
1Mb / 9P
   Chip Scale Packages LLP, DFN, QFN MLP, CLCC DIP Adapters
logo
Aavid, Thermal Division...
573400D00010 AAVID-573400D00010 Datasheet
92Kb / 2P
   For use with Surface Mount packages
573300D00010 AAVID-573300D00010 Datasheet
89Kb / 2P
   For use with Surface Mount packages
573100D00000 AAVID-573100D00000 Datasheet
85Kb / 2P
   For use with Surface Mount packages
logo
M/A-COM Technology Solu...
M538 MA-COM-M538 Datasheet
748Kb / 8P
   Surface Mounting Instructions
logo
STMicroelectronics
TN1198 STMICROELECTRONICS-TN1198 Datasheet
140Kb / 10P
   Surface mount guidelines for MEMS sensors in HLGA packages
logo
AVAGO TECHNOLOGIES LIMI...
HSMS-2810 AVAGO-HSMS-2810 Datasheet
457Kb / 10P
   Surface Mount RF Schottky Barrier Diodes Surface Mount Packages
HSMP-3863-TR1G AVAGO-HSMP-3863-TR1G Datasheet
356Kb / 10P
   Unique Configurations in Surface Mount Packages
HSMP-3864-BLKG AVAGO-HSMP-3864-BLKG Datasheet
273Kb / 10P
   Unique Configurations in Surface Mount Packages
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com