Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B57213P0409M3 Datasheet(PDF) 7 Page - EPCOS

Part # B57213P0409M3
Description  NTC thermistors for inrush current limiti
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B57213P0409M3 Datasheet(HTML) 7 Page - EPCOS

Back Button B57213P0409M3 Datasheet HTML 3Page - EPCOS B57213P0409M3 Datasheet HTML 4Page - EPCOS B57213P0409M3 Datasheet HTML 5Page - EPCOS B57213P0409M3 Datasheet HTML 6Page - EPCOS B57213P0409M3 Datasheet HTML 7Page - EPCOS B57213P0409M3 Datasheet HTML 8Page - EPCOS B57213P0409M3 Datasheet HTML 9Page - EPCOS B57213P0409M3 Datasheet HTML 10Page - EPCOS B57213P0409M3 Datasheet HTML 11Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Mounting instructions
1
Soldering
1.1
Leaded NTC thermistors
Leaded thermistors comply with the solderability requirements specified by CECC.
When soldering, care must be taken that the NTC thermistors are not damaged by excessive
heat. The following maximum temperatures, maximum time spans and minimum distances have
to be observed:
Dip soldering
Iron soldering
Bath temperature
max. 260
°C
max. 360
°C
Soldering time
max. 4 s
max. 2 s
Distance from thermistor
min. 6 mm
min. 6 mm
Under more severe soldering conditions the resistance may change.
Solderability (test to IEC 60068-2-20)
Preconditioning: Immersion into flux F-SW 32.
Evaluation criterion: Wetting of soldering areas
≥95%.
Solder
Bath temperature (
°C)
Dwell time (s)
SnAg (3.0 ... 4.0), Cu (0.5 ... 0.9)
245
±3
3
1.1.1
Resistance to soldering heat (test to IEC 60068-2-20)
Preconditioning: Immersion into flux F-SW 32.
Solder
Bath temperature (
°C)
Dwell time (s)
SnAg (3.0 ... 4.0), Cu (0.5 ... 0.9)
260
5
10
Inrush current limiters
B57213P0*09M3*1
ICLs
P13
Page 7 of 14
Please read Cautions and warnings and
Important notes at the end of this document.


Similar Part No. - B57213P0409M3

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57211 EPCOS-B57211 Datasheet
57Kb / 3P
   SMD NTC Thermistors with Nickel Barrier Termination
B57211V2101+060 EPCOS-B57211V2101+060 Datasheet
57Kb / 3P
   SMD NTC Thermistors with Nickel Barrier Termination
B57211V2151+060 EPCOS-B57211V2151+060 Datasheet
57Kb / 3P
   SMD NTC Thermistors with Nickel Barrier Termination
B57211V2221+060 EPCOS-B57211V2221+060 Datasheet
57Kb / 3P
   SMD NTC Thermistors with Nickel Barrier Termination
B57211V2331+060 EPCOS-B57211V2331+060 Datasheet
57Kb / 3P
   SMD NTC Thermistors with Nickel Barrier Termination
More results

Similar Description - B57213P0409M3

ManufacturerPart #DatasheetDescription
logo
EPCOS
B57364S0109M000 EPCOS-B57364S0109M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
B57153S0479M000 EPCOS-B57153S0479M000_08 Datasheet
344Kb / 15P
   NTC thermistors for inrush current limiting
B57235S100M EPCOS-B57235S100M Datasheet
416Kb / 18P
   NTC thermistors for inrush current limiting
B57153S479M EPCOS-B57153S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57464S0109M000 EPCOS-B57464S0109M000_09 Datasheet
341Kb / 15P
   NTC thermistors for inrush current limiting
B57364S100M EPCOS-B57364S100M Datasheet
422Kb / 19P
   NTC thermistors for inrush current limiting
B57237S229M EPCOS-B57237S229M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57237S479M EPCOS-B57237S479M Datasheet
314Kb / 14P
   NTC thermistors for inrush current limiting
B57236S0229M000 EPCOS-B57236S0229M000 Datasheet
345Kb / 15P
   NTC thermistors for inrush current limiting
B57238S0259M000 EPCOS-B57238S0259M000_09 Datasheet
342Kb / 15P
   NTC thermistors for inrush current limiting
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com