Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HA16117FPA Datasheet(PDF) 5 Page - Hitachi Metals, Ltd

Part # HA16117FPA
Description  CMOS Watchdog Timer
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI-METALS [Hitachi Metals, Ltd]
Direct Link  http://www.hitachi-metals.co.jp/e
Logo HITACHI-METALS - Hitachi Metals, Ltd

HA16117FPA Datasheet(HTML) 5 Page - Hitachi Metals, Ltd

  HA16117FPA Datasheet HTML 1Page - Hitachi Metals, Ltd HA16117FPA Datasheet HTML 2Page - Hitachi Metals, Ltd HA16117FPA Datasheet HTML 3Page - Hitachi Metals, Ltd HA16117FPA Datasheet HTML 4Page - Hitachi Metals, Ltd HA16117FPA Datasheet HTML 5Page - Hitachi Metals, Ltd HA16117FPA Datasheet HTML 6Page - Hitachi Metals, Ltd HA16117FPA Datasheet HTML 7Page - Hitachi Metals, Ltd HA16117FPA Datasheet HTML 8Page - Hitachi Metals, Ltd HA16117FPA Datasheet HTML 9Page - Hitachi Metals, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 31 page
background image
HA16117F Series
5
Electrical Characteristics
(V
CC = 5 V, Ta = 25°C, CF = 0.01 µF, CR = 0.1 µF, R1 = 510 kΩ, R2 = 750 kΩ)
Item
Symbol
Min
Typ
Max
Unit
Test Conditions
General
Operating supply current
I
CC1
100
µAV
ACC = 0 V,
f
P-RUN = 100 Hz
I
CC2
200
600
µAV
ACC = 0 V,
f
P-RUN = 20 kHz
Standby supply current
I
STBY
43
100
µAV
ACC = 12 V
Low
voltage
detector
Low voltage
threshold
level
HA16117FPA/FPAJ
V
TL
4.3
4.4
4.5
V
When VCC drops
HA16117FPB/FPBJ
4.1
4.2
4.3
V
HA16117FPC/FPCJ
3.9
4.0
4.1
V
Hysteresis width
V
HYS
50
100
150
mV
ACC
Low input voltage
V
IL1
0.8
V
High input voltage
V
IH1
2.0
V
P-RUN
Low input voltage
V
IL2
0.8
V
input
High input voltage
V
IH2
2.0
V
WDT
Power-on reset time
t
ON
24
40
56
ms
Reset-clock off time
t
OFF *
1
78
130
182
ms
Reset low time
t
RL
12
20
28
ms
Reset high time
t
RH
36
60
84
ms
P-RUN pin = 0 V
Low setup time
t
SL
1—
ms
High setup time
t
SH
——
1
ms
RES
RES low voltage
V
OL
0.4
V
I
OL = 1 mA
output
RES high voltage
V
OH
—V
CC
V
Open
Reset function starting voltage
V
RES
0.8
1.4
V
Constant
range
Constant range of R
1 and R2
K
0.55
0.6
0.8
K =R
2 / (R1 + R2)
Operating supply voltage range
V
CCRNG
V
TL
6.0
V
Note:
1. Reset-clock off time t
OFF is provided a shown in the under figure.
tOFF
P-RUN
RES
f = 500 Hz, Duty = 50%


Similar Part No. - HA16117FPA

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
HA16117FPA HITACHI-HA16117FPA Datasheet
249Kb / 31P
   CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117FPA RENESAS-HA16117FPA Datasheet
551Kb / 31P
   CMOS Watchdog Timer
logo
Hitachi Semiconductor
HA16117FPAJ HITACHI-HA16117FPAJ Datasheet
249Kb / 31P
   CMOS Watchdog Timer
logo
Renesas Technology Corp
HA16117FPAJ RENESAS-HA16117FPAJ Datasheet
551Kb / 31P
   CMOS Watchdog Timer
More results

Similar Description - HA16117FPA

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
HA16117F RENESAS-HA16117F Datasheet
551Kb / 31P
   CMOS Watchdog Timer
logo
Hitachi Semiconductor
HA16117F HITACHI-HA16117F Datasheet
249Kb / 31P
   CMOS Watchdog Timer
HA16103 HITACHI-HA16103 Datasheet
106Kb / 21P
   Watchdog Timer
logo
Renesas Technology Corp
HA16103FPJ RENESAS-HA16103FPJ Datasheet
364Kb / 19P
   Watchdog Timer
logo
Axiomtek Co., Ltd.
EBOX630-850-FL AXIOMTEK-EBOX630-850-FL Datasheet
350Kb / 1P
   Watchdog Timer
logo
Toshiba Semiconductor
TA8030F TOSHIBA-TA8030F Datasheet
292Kb / 9P
   WATCHDOG TIMER
TA8030S TOSHIBA-TA8030S Datasheet
267Kb / 9P
   WATCHDOG TIMER
logo
Renesas Technology Corp
M5295AL RENESAS-M5295AL Datasheet
165Kb / 13P
   Watchdog Timer
logo
Hitachi Semiconductor
HA1835P HITACHI-HA1835P Datasheet
59Kb / 13P
   Watchdog Timer
logo
Mitsubishi Electric Sem...
M5295AL MITSUBISHI-M5295AL Datasheet
116Kb / 8P
   WATCHDOG TIMER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com