Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDH25D11DHF-2R2MC-H Datasheet(PDF) 1 Page - Sumida Corporation

Part # CDH25D11DHF-2R2MC-H
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH25D11DHF-2R2MC-H Datasheet(HTML) 1 Page - Sumida Corporation

  CDH25D11DHF-2R2MC-H Datasheet HTML 1Page - Sumida Corporation CDH25D11DHF-2R2MC-H Datasheet HTML 2Page - Sumida Corporation CDH25D11DHF-2R2MC-H Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Page 1 of 3
Revised: 8-Sep-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH25D11D
Description
• Ferrite drum core construction.
• Magnetically unshielded.
• L
×W×H: 2.6×2.1×1.2 mm Max.
• Product weight: 20 mg(Ref.)
• Moisture Sensitivity Level: 1
• RoHS compliance.
• Halogen Free available.
Environmental Data
• Operating temperature range: -40
℃~+105℃
(including coil’s self temperature rise)
• Storage temperature range: -40
℃~+105℃
• Solder reflow temperature: 260
℃ peak.
Packaging
• Carrier tape and reel packaging.
Applications
• Ideally used in HDD, cell phone, PDA, DVC
and DSC.
Halogen
Free
RoHS
Dimension - [mm]
Land pattern and Schematics - [mm]
2.5
±
±
±
±0.1
±
±
±
±
1.1
±
±
±
±0.1
1.0
±
±
±
±0.1
±
±
±
±
0.85
0.85
0.8
Electrical Characteristics
0.44
0.71
755
±20%
10
±20%
G
CDH25D11DHF-100MC-H
0.58
0.84
495
±20%
6.8
±20%
F
CDH25D11DHF-6R8MC-H
0.76
1.11
318
±20%
4.7
±20%
E
CDH25D11DHF-4R7MC-H
0.96
1.30
215
±25%
3.3
±20%
D
CDH25D11DHF-3R3MC-H
1.02
1.50
167
±25%
2.2
±20%
C
CDH25D11DHF-2R2MC-H
1.25
1.89
118
±25%
1.5
±30%
B
CDH25D11DHF-1R5NC-H
1.52
2.16
79
±25%
1.0
±30%
A
CDH25D11DHF-1R0NC-H
TEMPERATURE
RISE CURRENT
(A)
※3
SATURATION
CURRENT (A)
(at 20
℃) ※2
D.C.R. (m
Ω)
[ WITHIN ]
(at 20
℃)
INDUCTANCE
(uH)
[WITHIN]
※1
STAMP
PART NAME
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 70% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).


Similar Part No. - CDH25D11DHF-2R2MC-H

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH25D11DHF-2R2MC-H SUMIDA-CDH25D11DHF-2R2MC-H Datasheet
182Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDH25D11DHF-2R2MC-H

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com