Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDH70D48NP-102K Datasheet(PDF) 2 Page - Sumida Corporation

Part # CDH70D48NP-102K
Description  SMD Power Inductor
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUMIDA [Sumida Corporation]
Direct Link  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDH70D48NP-102K Datasheet(HTML) 2 Page - Sumida Corporation

  CDH70D48NP-102K Datasheet HTML 1Page - Sumida Corporation CDH70D48NP-102K Datasheet HTML 2Page - Sumida Corporation CDH70D48NP-102K Datasheet HTML 3Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Page 2 of 3
Revised: 22-Dec-11
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDH70D48
0
300
600
900
1200
1500
1800
0.00 0.06 0.12 0.18 0.24
0
10
20
30
40
50
60
0
1000
2000
3000
4000
5000
6000
0.00
0.04 0.08
0.12 0.16
0
10
20
30
40
50
60
0
700
1400
2100
2800
3500
4200
0.00 0.05 0.10 0.15 0.20
0
10
20
30
40
50
60
0
500
1000
1500
2000
2500
3000
0.00 0.06 0.12 0.18 0.24
0
10
20
30
40
50
60
0
200
400
600
800
1000
1200
0.00 0.08 0.16 0.24 0.32
0
10
20
30
40
50
60
0
150
300
450
600
750
900
0.0
0.1
0.2
0.3
0.4
0
10
20
30
40
50
60
0
100
200
300
400
500
600
0.0 0.1 0.2 0.3 0.4 0.5
0
10
20
30
40
50
60
0
70
140
210
280
350
420
0.0 0.1 0.2 0.3 0.4 0.5 0.6
0
10
20
30
40
50
60
0
50
100
150
200
250
300
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
30
60
90
120
150
180
0.0 0.2 0.4 0.6 0.8 1.0
0
10
20
30
40
50
60
0
20
40
60
80
100
120
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDH70D48NP-101K
△T (℃)
L (
μH)
2. CDH70D48NP-151K
△T (℃)
L (
μH)
3. CDH70D48NP-221K
L (
μH)
DC (A)
5. CDH70D48NP-471K
△T (℃)
L (
μH)
6. CDH70D48NP-681K
△T (℃)
L (
μH)
DC (A)
7. CDH70D48NP-102K
△T (℃)
L (
μH)
8. CDH70D48NP-152K
△T (℃)
L (
μH)
DC (A)
9. CDH70D48NP-222K
△T (℃)
L (
μH)
DC (A)
4. CDH70D48NP-331K
△T (℃)
DC (A)
DC (A)
10. CDH70D48NP-332K
△T (℃)
L (
μH)
DC (A)
11. CDH70D48NP-472K
△T (℃)
L (
μH)
DC (A)
DC (A)
DC (A)
DC (A)
L (20
℃)
△T
L (105
℃)
△T (℃)
L (
μH)


Similar Part No. - CDH70D48NP-102K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH70D48NP-102K SUMIDA-CDH70D48NP-102K Datasheet
194Kb / 3P
   SMD Power Inductor
More results

Similar Description - CDH70D48NP-102K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com