Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C67078-S3108-A2 Datasheet(PDF) 6 Page - Siemens Semiconductor Group

Part # C67078-S3108-A2
Description  SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67078-S3108-A2 Datasheet(HTML) 6 Page - Siemens Semiconductor Group

  C67078-S3108-A2 Datasheet HTML 1Page - Siemens Semiconductor Group C67078-S3108-A2 Datasheet HTML 2Page - Siemens Semiconductor Group C67078-S3108-A2 Datasheet HTML 3Page - Siemens Semiconductor Group C67078-S3108-A2 Datasheet HTML 4Page - Siemens Semiconductor Group C67078-S3108-A2 Datasheet HTML 5Page - Siemens Semiconductor Group C67078-S3108-A2 Datasheet HTML 6Page - Siemens Semiconductor Group C67078-S3108-A2 Datasheet HTML 7Page - Siemens Semiconductor Group C67078-S3108-A2 Datasheet HTML 8Page - Siemens Semiconductor Group C67078-S3108-A2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Semiconductor Group
6
07/96
BUZ 356
Typ. output characteristics
ID = ƒ(VDS)
parameter:
t
p = 80 µs
0
10
20
30
40
50
V
65
V
DS
0
1
2
3
4
5
6
7
8
9
10
A
12
I
D
V
GS
[V]
a
a 4.0
b
b 4.5
c
c 5.0
d
d 5.5
e
e 6.0
f
f
6.5
g
g 7.0
h
h 7.5
i
i
8.0
j
j
9.0
k
k 10.0
l
Ptot = 125W
l 20.0
Typ. drain-source on-resistance
RDS (on) = ƒ(ID)
parameter:
V
GS
0
1
2
3
4
5
6
7
8
A
10
I
D
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.5
R
DS (on)
VGS [V] =
a
4.0
VGS [V] =
a
4.5
VGS [V] =
a
a
5.0
b
b
5.5
c
c
6.0
d
d
6.5
e
e
7.0
f
f
7.5
g
g
8.0
h
h
9.0
i
i
10.0
j
j
20.0
Typ. transfer characteristics
ID = f (VGS)
parameter:
tp = 80 µs
VDS≥2 x ID x RDS(on)max
0
1
2
3
4
5
6
7
8
V
10
V
GS
0
2
4
6
8
10
12
A
16
I
D
Typ. forward transconductance
gfs = f (ID)
parameter:
tp = 80 µs,
VDS≥2 x ID x RDS(on)max
0
2
4
6
8
A
12
I
D
0
1
2
3
4
5
6
7
8
S
10
g
fs


Similar Part No. - C67078-S3108-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67078-S3100-A2 SIEMENS-C67078-S3100-A2 Datasheet
212Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S3105-A2 SIEMENS-C67078-S3105-A2 Datasheet
218Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S3107-A2 SIEMENS-C67078-S3107-A2 Datasheet
208Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
C67078-S3109-A2 SIEMENS-C67078-S3109-A2 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results

Similar Description - C67078-S3108-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ20 SIEMENS-BUZ20 Datasheet
202Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ255 SIEMENS-BUZ255 Datasheet
128Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ308 SIEMENS-BUZ308 Datasheet
242Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ30A SIEMENS-BUZ30A Datasheet
207Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ31 SIEMENS-BUZ31 Datasheet
197Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ323 SIEMENS-BUZ323 Datasheet
228Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ331 SIEMENS-BUZ331 Datasheet
212Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ344 SIEMENS-BUZ344 Datasheet
218Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ346S2 SIEMENS-BUZ346S2 Datasheet
154Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ70 SIEMENS-BUZ70 Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
BUZ71S2 SIEMENS-BUZ71S2 Datasheet
130Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com