Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

KA35S280-SN Datasheet(PDF) 4 Page - Kasin Electronics Corporation

Part # KA35S280-SN
Description  Lead-Acid Battery Charger
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KASIN [Kasin Electronics Corporation]
Direct Link  http://www.kasincorp.com
Logo KASIN - Kasin Electronics Corporation

KA35S280-SN Datasheet(HTML) 4 Page - Kasin Electronics Corporation

  KA35S280-SN Datasheet HTML 1Page - Kasin Electronics Corporation KA35S280-SN Datasheet HTML 2Page - Kasin Electronics Corporation KA35S280-SN Datasheet HTML 3Page - Kasin Electronics Corporation KA35S280-SN Datasheet HTML 4Page - Kasin Electronics Corporation KA35S280-SN Datasheet HTML 5Page - Kasin Electronics Corporation KA35S280-SN Datasheet HTML 6Page - Kasin Electronics Corporation KA35S280-SN Datasheet HTML 7Page - Kasin Electronics Corporation KA35S280-SN Datasheet HTML 8Page - Kasin Electronics Corporation KA35S280-SN Datasheet HTML 9Page - Kasin Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
KA35S280/281
Lead-Acid Battery Charger
2011 Nov 18
© 2011
Kasin Technology Inc.
4
Functional diagram:
MUX
Temp.
compensation
MUX
1
I
SNS
2
V
BAT
0
1
I
Min
I
Cond
I
Max
I
Th
4
5
V
FLT
V
BLK
V
Min
V
Max
V
SS
A
B
Comp.
A>B
A=B
Osc.
6Hz
Counter
Up
Down
CNT
Clk
7
ADC
+
-
MUX
1
0
A
B
Comp.
A>B
90
10
En
SW
V
HTF
+
-
V
LTF
+
-
TEMP
I
Max
+
-
+
-
+
-
5mV
1
Phase
Controller
Unit
MS0
Cyc/Flt
Reset
But. Press
Source Select: 0- Current
1- Voltage
2
3
3
MS1
LED0
LED1
LED2
LED3
MUX
50mV
MUX
50mV
4
5
Ref. Gen.
V
DD
4
4
4
1
0
V
FLT
V
Min
V
Max
V
BLK
Faster Charge
KA35S28X Block Diagram
0
1
2
3
0
1
2
3
Temp.
compensation
Figure 2
– KA35S28X Block Diagram
Functional description:
The KA35S28X functional operation is described in terms of
:
 Pin configuration
o Mode selection pins
o Faster Charge pin
o Cyclic/Float use pin
 Fixed and Configurable Thresholds
 Charge algorithms
o 3-Step voltage charge
o Current charge
o Pulsed-current charge
 Temperature monitoring
o Temperature compensation
o Disabling Temperature Sensing
 Charge monitoring
 Fault detection
o Battery insertion and removal
o Shorted, opened, or damaged cells detections


Similar Part No. - KA35S280-SN

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
KA350 FAIRCHILD-KA350 Datasheet
121Kb / 8P
   3-Terminal 3A Positive Adjustable Voltage Regulator
KA3501 FAIRCHILD-KA3501 Datasheet
41Kb / 6P
   PC SMPS Supervisory IC
KA3502 FAIRCHILD-KA3502 Datasheet
89Kb / 14P
   PC SMPS Supervisory IC
KA3504 FAIRCHILD-KA3504 Datasheet
207Kb / 12P
   PC SMPS Supervisory IC
KA3505 FAIRCHILD-KA3505 Datasheet
324Kb / 14P
   PC SMPS Supervisory IC
More results

Similar Description - KA35S280-SN

ManufacturerPart #DatasheetDescription
logo
CUI INC
DTB120150UC CUI-DTB120150UC Datasheet
1Mb / 6P
   LEAD ACID BATTERY CHARGER
logo
Texas Instruments
UC3906N TI-UC3906N Datasheet
4Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2906 TI-UC2906 Datasheet
568Kb / 8P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
UC2909 TI1-UC2909_13 Datasheet
748Kb / 14P
[Old version datasheet]   Switchmode Lead-Acid Battery Charger
UC2909-EP TI-UC2909-EP_15 Datasheet
968Kb / 20P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Bothhand USA, LP.
EA1046 BOTHHAND-EA1046 Datasheet
40Kb / 2P
   12V Lead-Acid Battery Charger
logo
Power Sonic Corporation
PSC-61000A-C POWER-SONIC-PSC-61000A-C Datasheet
334Kb / 1P
   Sealed Lead Acid Battery Charger
logo
Texas Instruments
UC2909-EP TI1-UC2909-EP_16 Datasheet
1Mb / 21P
[Old version datasheet]   SWITCHMODE LEAD-ACID BATTERY CHARGER
logo
Shanghai Consonance Ele...
CN3767 CONSONANCE-CN3767 Datasheet
219Kb / 11P
   Lead-Acid Battery Charger IC
logo
Texas Instruments
UC2906N TI1-UC2906N Datasheet
3Mb / 17P
[Old version datasheet]   Sealed Lead-Acid Battery Charger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com