Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C67078-A3207-A2 Datasheet(PDF) 1 Page - Siemens Semiconductor Group

Part # C67078-A3207-A2
Description  SIPMOS Power Transistor(400 V 12.5A 0.4 Ohm TO-218AA)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67078-A3207-A2 Datasheet(HTML) 1 Page - Siemens Semiconductor Group

  C67078-A3207-A2 Datasheet HTML 1Page - Siemens Semiconductor Group C67078-A3207-A2 Datasheet HTML 2Page - Siemens Semiconductor Group C67078-A3207-A2 Datasheet HTML 3Page - Siemens Semiconductor Group C67078-A3207-A2 Datasheet HTML 4Page - Siemens Semiconductor Group C67078-A3207-A2 Datasheet HTML 5Page - Siemens Semiconductor Group C67078-A3207-A2 Datasheet HTML 6Page - Siemens Semiconductor Group C67078-A3207-A2 Datasheet HTML 7Page - Siemens Semiconductor Group C67078-A3207-A2 Datasheet HTML 8Page - Siemens Semiconductor Group C67078-A3207-A2 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Semiconductor Group
1
07/96
BUZ 382
SIPMOS ® Power Transistor
• N channel
• Enhancement mode
• FREDFET
Pin 1
Pin 2
Pin 3
G
D
S
Type
VDS
ID
RDS(on)
Package
Ordering Code
BUZ 382
400 V
12.5 A
0.4
TO-218 AA
C67078-A3207-A2
Maximum Ratings
Parameter
Symbol
Values
Unit
Drain source voltage
VDS
400
V
Drain-gate voltage
RGS = 20 kΩ
V
DGR
400
Continuous drain current
TC = 30 °C
ID
12.5
A
Pulsed drain current
TC = 25 °C
IDpuls
50
Gate source voltage
VGS
± 20
V
Power dissipation
TC = 25 °C
Ptot
125
W
Operating temperature
Tj
-55 ... + 150
°C
Storage temperature
Tstg
-55 ... + 150
Thermal resistance, chip case
RthJC
≤ 1
K/W
Thermal resistance, chip to ambient
RthJA
75
DIN humidity category, DIN 40 040
E
IEC climatic category, DIN IEC 68-1
55 / 150 / 56


Similar Part No. - C67078-A3207-A2

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67078-A3200-A2 SIEMENS-C67078-A3200-A2 Datasheet
179Kb / 6P
   main ratings
C67078-A3204-A2 SIEMENS-C67078-A3204-A2 Datasheet
176Kb / 6P
   main ratings
C67078-A3205-A2 SIEMENS-C67078-A3205-A2 Datasheet
152Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
C67078-A3206-A2 SIEMENS-C67078-A3206-A2 Datasheet
178Kb / 6P
   main ratings
C67078-A3209-A2 SIEMENS-C67078-A3209-A2 Datasheet
157Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
More results

Similar Description - C67078-A3207-A2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
RF5L08350CB4 STMICROELECTRONICS-RF5L08350CB4 Datasheet
1Mb / 12P
   400 W, 50 V, 0.4 to 1 GHz RF power LDMOS transistor
September 2021 Rev 2
logo
Infineon Technologies A...
BUZ31SMD INFINEON-BUZ31SMD Datasheet
909Kb / 8P
   SIPMOS Power Transistor
05.99
SPP30N03 INFINEON-SPP30N03 Datasheet
560Kb / 14P
   SIPMOS Power Transistor
06.99
SPB10N10L INFINEON-SPB10N10L Datasheet
240Kb / 8P
   SIPMOS Power-Transistor
2005-02-14
BUZ31L INFINEON-BUZ31L Datasheet
88Kb / 8P
   SIPMOS Power Transistor
05.99
BUZ323 INFINEON-BUZ323 Datasheet
114Kb / 9P
   SIPMOS Power Transistor
03/99
SPD07N20 INFINEON-SPD07N20 Datasheet
120Kb / 8P
   SIPMOS Power Transistor
05.99
SPD10N10 INFINEON-SPD10N10 Datasheet
125Kb / 8P
   SIPMOS Power Transistor
05.99
SPI70N10L INFINEON-SPI70N10L Datasheet
514Kb / 8P
   SIPMOS Power-Transistor
2001-08-24
logo
Siemens Semiconductor G...
SPD23N05 SIEMENS-SPD23N05 Datasheet
148Kb / 8P
   SIPMOS Power Transistor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com