Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE2PCS01 Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # ICE2PCS01
Description  Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode(CCM)
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2PCS01 Datasheet(HTML) 3 Page - Infineon Technologies AG

  ICE2PCS01_11 Datasheet HTML 1Page - Infineon Technologies AG ICE2PCS01_11 Datasheet HTML 2Page - Infineon Technologies AG ICE2PCS01_11 Datasheet HTML 3Page - Infineon Technologies AG ICE2PCS01_11 Datasheet HTML 4Page - Infineon Technologies AG ICE2PCS01_11 Datasheet HTML 5Page - Infineon Technologies AG ICE2PCS01_11 Datasheet HTML 6Page - Infineon Technologies AG ICE2PCS01_11 Datasheet HTML 7Page - Infineon Technologies AG ICE2PCS01_11 Datasheet HTML 8Page - Infineon Technologies AG ICE2PCS01_11 Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
CCM-PFC
ICE2PCS01
ICE2PCS01G
Version 2.3
3
22 March 2010
Type
Package
ICE2PCS01
PG-DIP-8
ICE2PCS01G
PG-DSO-8
Standalone Power Factor Correction
(PFC) Controller in Continuous
Conduction Mode (CCM)
ICE2PCS01
PG-DIP-8
ICE2PCS01G
PG-DSO-8
Product Highlights
• Leadfree DIP and DSO Package
• Wide Input Range
• Optimized for applications which require fast Startup
• Output Power Controllable by External Sense Resistor
• Programmable Operating Frequency
• Output Over-Voltage Protection
• Fast Output Dynamic Response during Load Jumps
Features
Ease of Use with Few External Components
Supports Wide Range
Average Current Control
External Current and Voltage Loop Compensation
for Greater User Flexibility
Programmable Operating/Switching Frequency
(50kHz - 250kHz)
Max Duty Cycle of 95% (at 25°C) at 125kHz
Trimmed Internal Reference Voltage (3V+2% at
25°C)
VCC Under-Voltage Lockout
Cycle by Cycle Peak Current Limiting
Output Over-Voltage Protection
Open Loop Detection
Enhanced Dynamic Response
Short Startup(SoftStart) duration
Fulfills Class D Requirements of IEC 1000-3-2
Soft Overcurrent Protection
Description
The ICE2PCS01/G is a 8-pin wide input range controller
IC for active power factor correction converters. It is de-
signed for converters in boost topology, and requires few
external components. Its power supply is recommended
to be provided by an external auxiliary supply which will
switch on and off the IC.
The IC operates in the CCM with average current control,
and in DCM only under light load condition. The switching
frequency is programmable by the resistor at pin 4. Both
compensations for the current and voltage loop are exter-
nal to allow full user control.
There are various protection features incorporated to en-
sure safe system operation conditions. The internal refer-
ence is trimmed (3V+2%) to ensure precise protection and
control level. The device has a fast startup time with con-
trolled peak start up current.
85 ... 265 VAC
EMI-Filter
Voltage Loop
Compensation
Protection Unit
Variable
Oscillator
Current Loop
Compensation
PWM Logic
Driver
ICE2PCS01/
ICE2PCS01G
PFC-Controller
VCC
Auxiliary Supply
V
OUT
Typical Application
SWITCH
Ramp
Generator
FREQ
ICOMP
VSENSE
VCOMP
ISENSE
GND
Nonlinear
Gain
GATE


Similar Part No. - ICE2PCS01_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2PCS01G INFINEON-ICE2PCS01G Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
More results

Similar Description - ICE2PCS01_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2PCS01 INFINEON-ICE2PCS01 Datasheet
539Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.2, 09 Oct 2007
ICE2PCS02 INFINEON-ICE2PCS02 Datasheet
513Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
2007-10-09 V2.2
ICE3PCS01G INFINEON-ICE3PCS01G Datasheet
537Kb / 24P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE1PCS01 INFINEON-ICE1PCS01_07 Datasheet
458Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.3, 06 Feb 2007
ICE2PCS05 INFINEON-ICE2PCS05 Datasheet
541Kb / 22P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 1.0, 09 Oct 2008
ICE1PCS01 INFINEON-ICE1PCS01 Datasheet
849Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V 1.1, 28 May 2003
ICE1PCS02 INFINEON-ICE1PCS02_07 Datasheet
446Kb / 18P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
V1.2, 06 Feb 2007
ICE2PCS03 INFINEON-ICE2PCS03 Datasheet
507Kb / 19P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 10 Oct 2007
ICE3PCS02G INFINEON-ICE3PCS02G Datasheet
457Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
ICE3PCS03G INFINEON-ICE3PCS03G Datasheet
461Kb / 20P
   Standalone Power Factor Correction (PFC) Controller in Continuous Conduction Mode (CCM)
Version 2.0, 5 May 2010
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com