Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE2A0565Z Datasheet(PDF) 11 Page - Infineon Technologies AG

Part # ICE2A0565Z
Description  Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE2A0565Z Datasheet(HTML) 11 Page - Infineon Technologies AG

Back Button ICE2A0565Z Datasheet HTML 7Page - Infineon Technologies AG ICE2A0565Z Datasheet HTML 8Page - Infineon Technologies AG ICE2A0565Z Datasheet HTML 9Page - Infineon Technologies AG ICE2A0565Z Datasheet HTML 10Page - Infineon Technologies AG ICE2A0565Z Datasheet HTML 11Page - Infineon Technologies AG ICE2A0565Z Datasheet HTML 12Page - Infineon Technologies AG ICE2A0565Z Datasheet HTML 13Page - Infineon Technologies AG ICE2A0565Z Datasheet HTML 14Page - Infineon Technologies AG ICE2A0565Z Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 37 page
background image
Version 2.8
11
30 Aug 2011
CoolSET™-F2
Functional Description
secondary output voltage is insensitive on line
variations. Line variation changes the current
waveform slope which controls the duty cycle.
The external RSense allows an individual adjustment of
the maximum source current of the integrated
CoolMOS™.
Figure 9
Improved Current Mode
To improve the Current Mode during light load
conditions the amplified current ramp of the PWM-OP
is superimposed on a voltage ramp, which is built by
the switch T2, the voltage source V1 and the 1st order
low pass filter composed of R1 and C1(see Figure 9,
Figure 10). Every time the oscillator shuts down for
max. duty cycle limitation the switch T2 is closed by
VOSC. When the oscillator triggers the Gate Driver T2 is
opened so that the voltage ramp can start.
In case of light load the amplified current ramp is to
small to ensure a stable regulation. In that case the
Voltage Ramp is a well defined signal for the
comparison with the FB-signal. The duty cycle is then
controlled by the slope of the Voltage Ramp.
By means of the Comparator C5, the Gate Driver is
switched-off until the voltage ramp exceeds 0.3V. It
allows the duty cycle to be reduced continuously till 0%
by decreasing VFB below that threshold.
Figure 10 Light Load Conditions
3.2.1
PWM-OP
The input of the PWM-OP is applied over the internal
leading edge blanking to the external sense resistor
RSense connected to pin Isense. RSense converts the
source current into a sense voltage. The sense voltage
is amplified with a gain of 3.65 by PWM OP. The output
of the PWM-OP is connected to the voltage source V1.
The voltage ramp with the superimposed amplified
current signal is fed into the positive inputs of the PWM-
Comparator, C5 and the Soft-Start-Comparator.
3.2.2
PWM-Comparator
The PWM-Comparator compares the sensed current
signal of the integrated CoolMOSTM with the feedback
signal VFB (see Figure 11). VFB is created by an
external
optocoupler
or
external
transistor
in
combination with the internal pull-up resistor RFB and
provides the load information of the feedback circuitry.
When the amplified current signal of the integrated
CoolMOS™ exceeds the signal VFB the PWM-
Comparator switches off the Gate Driver.
x3.65
PWM OP
0.8V
10k
Oscillator
PWM Comparator
20pF
T
2
R
1
C
1
FB
PWM-Latch
V
1
C5
0.3V
Gate Driver
Voltage Ramp
V
OSC
Soft-Start Comparator
t
t
V
OSC
0.8V
FB
t
max.
Duty Cycle
0.3V
Gate Driver
Voltage Ramp


Similar Part No. - ICE2A0565Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2A0565Z INFINEON-ICE2A0565Z Datasheet
1Mb / 35P
   Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS
V2.6, 25 Dec 2006
ICE2A0565Z INFINEON-ICE2A0565Z Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
V2.6, 25 Dec 2006
ICE2A0565Z INFINEON-ICE2A0565Z Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.6, 25 Dec 2006
More results

Similar Description - ICE2A0565Z

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE2A280ZHKLA1 INFINEON-ICE2A280ZHKLA1 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V2.6, 25 Dec 2006
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS
V2.6, 25 Dec 2006
ICE2A165 INFINEON-ICE2A165 Datasheet
1Mb / 23P
   Off-Line SMPS Current Mode Controller with integrated 650V/800V CoolMOS?
V3.0, September 2001
ICE2A0565 INFINEON-ICE2A0565 Datasheet
1Mb / 35P
   Off-Line SMPS Current Mode Controller with integrated 650V/ 800V CoolMOS
V2.6, 25 Dec 2006
ICE2A380P2 INFINEON-ICE2A380P2 Datasheet
451Kb / 20P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS?
2004-09-23 Version 0.0
ICE3A1065ELJ INFINEON-ICE3A1065ELJ Datasheet
537Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A2065ELJ INFINEON-ICE3A2065ELJ Datasheet
538Kb / 29P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS
Ver 2.1, 12 May 2009
ICE3A0365 INFINEON-ICE3A0365 Datasheet
1Mb / 30P
   Off-Line SMPS Current Mode Controller with integrated 650V Startup Cell/CoolMOS
V1.3, 15 Sep 2004
ICE3AR2280JZ INFINEON-ICE3AR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3BR2280JZ INFINEON-ICE3BR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com