Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE3AR2280CJZ Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # ICE3AR2280CJZ
Description  Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & CCM) in DIP-7
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AR2280CJZ Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button ICE3AR2280CJZ Datasheet HTML 2Page - Infineon Technologies AG ICE3AR2280CJZ Datasheet HTML 3Page - Infineon Technologies AG ICE3AR2280CJZ Datasheet HTML 4Page - Infineon Technologies AG ICE3AR2280CJZ Datasheet HTML 5Page - Infineon Technologies AG ICE3AR2280CJZ Datasheet HTML 6Page - Infineon Technologies AG ICE3AR2280CJZ Datasheet HTML 7Page - Infineon Technologies AG ICE3AR2280CJZ Datasheet HTML 8Page - Infineon Technologies AG ICE3AR2280CJZ Datasheet HTML 9Page - Infineon Technologies AG ICE3AR2280CJZ Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 33 page
background image
Version 2.0
6
11 Jan 2012
CoolSET®-F3R80
ICE3AR2280CJZ
Pin Configuration and Functionality
1
Pin Configuration and Functionality
1.1
Pin Configuration with PG-DIP-7
Figure 1
Pin Configuration PG-DIP-7 (top view)
1.2
Pin Functionality
BRL (Brownout, fast AC Reset & Latch enable)
The BRL pin combines the functions of brownout, fast
AC reset and the external latch enable. The brownout
feature is to stop the switching pulse when the input
voltage is dropped to lower than 1V. The Fast AC reset
feature is to recover from latch feature when the
voltage of BRL pin has a rising rate of <1.33V/ms from
0.4V to 1V. The external latch enable function is an
external access to stop the gate switching and force the
IC to enter latch mode. It is triggered by pulling the pin
voltage to less than 0.4V.
FBB (Feedback & Burst entry select)
The FBB pin combines the feedback function and the
burst entry/exit control. The regulation information is
provided by the FBB pin to the internal Protection Unit
and the internal PWM-Comparator to control the duty
cycle. The FBB-signal is the only control signal in case
of light load at the Active Burst Mode. The burst entry
select provides an access to select the entry/exit burst
mode level.
CS (Current Sense)
The Current Sense pin senses the voltage developed
on the shunt resistor inserted in the source of the
integrated CoolMOS®. If CS reaches the internal
threshold of the Current Limit Comparator, the Driver
output is immediately switched off. Furthermore the
current information is provided for the PWM-
Comparator to realize the Current Mode operation.
Drain (Drain of integrated CoolMOS®)
The Drain pin is the connection to the Drain of the
integrated CoolMOS®.
VCC (Power Supply)
The VCC pin is the power supply of the IC. The voltage
operating range is between 10.5V and 24.7V.
GND (Ground)
The GND pin is the ground of the controller.
Pin
Symbol
Function
1
BRL
Brownout, fast AC Reset &
Latch enable
2
FBB
Feedback & Burst entry/exit con-
trol
3
CS
Current Sense/
800V CoolMOS
® Source
4
n.c.
not connected
5
Drain
800V CoolMOS
® Drain
6
-
(no pin)
7
VCC
Controller Supply Voltage
8
GND
Controller Ground
Package PG-DIP-7
1
7
8
4
3
2
5
GND
BRL
FBB
CS
VCC
n.c.
Drain


Similar Part No. - ICE3AR2280CJZ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3AR2280JG INFINEON-ICE3AR2280JG Datasheet
1Mb / 40P
   Fixed-Frequency, 800V CoolSET??in DS0-12 Package
Revision 1.0 2016-05-12
ICE3AR2280JZ INFINEON-ICE3AR2280JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.1a, 11 Jan 2012
ICE3AR2280VJZ INFINEON-ICE3AR2280VJZ Datasheet
1Mb / 43P
   Of f -Line SMPS Cur rent Mode Cont rol ler wi th integrated 800V
V2.1 2013-10-22
More results

Similar Description - ICE3AR2280CJZ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3AR10080CJZ INFINEON-ICE3AR10080CJZ Datasheet
2Mb / 33P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & CCM) in DIP-7
Version 2.0, 11 Jan 2012
ICE3AR4780JZ INFINEON-ICE3AR4780JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.1a, 11 Jan 2012
ICE3AR10080JZ INFINEON-ICE3AR10080JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controllerwith integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.2a, 11 Jan 2012
ICE2QR4780Z INFINEON-ICE2QR4780Z Datasheet
1Mb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 800V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR2280Z INFINEON-ICE2QR2280Z Datasheet
1Mb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 800V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR0665Z INFINEON-ICE2QR0665Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR1065Z INFINEON-ICE2QR1065Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR1765Z INFINEON-ICE2QR1765Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR4765Z INFINEON-ICE2QR4765Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE3BR1065J INFINEON-ICE3BR1065J_11 Datasheet
1Mb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8
Version 2.0, 28 Dec 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com