Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE3AR4780JZ Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # ICE3AR4780JZ
Description  Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3AR4780JZ Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button ICE3AR4780JZ Datasheet HTML 5Page - Infineon Technologies AG ICE3AR4780JZ Datasheet HTML 6Page - Infineon Technologies AG ICE3AR4780JZ Datasheet HTML 7Page - Infineon Technologies AG ICE3AR4780JZ Datasheet HTML 8Page - Infineon Technologies AG ICE3AR4780JZ Datasheet HTML 9Page - Infineon Technologies AG ICE3AR4780JZ Datasheet HTML 10Page - Infineon Technologies AG ICE3AR4780JZ Datasheet HTML 11Page - Infineon Technologies AG ICE3AR4780JZ Datasheet HTML 12Page - Infineon Technologies AG ICE3AR4780JZ Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
CoolSET®-F3R80
ICE3AR4780JZ
Functional Description
Version 2.1a
9
11 Jan 2012
Once the malfunction condition is removed, this block
will then turn back on. The recovery from Auto Restart
Mode does not require re-cycling the AC line.
When Active Burst Mode is entered, the internal Bias is
switched off most of the time but the Voltage Reference
is kept alive in order to reduce the current consumption
below 620mA.
3.3
Improved Current Mode
Figure 4
Current Mode
Current Mode means the duty cycle is controlled by the
slope of the primary current. This is done by comparing
the FBB signal with the amplified current sense signal.
Figure 5
Pulse Width Modulation
In case the amplified current sense signal exceeds the
FBB signal the on-time ton of the driver is finished by
resetting the PWM-Latch (Figure 5).
The primary current is sensed by the external series
resistor RSense inserted in the source of the integrated
CoolMOS®. By means of Current Mode regulation, the
secondary output voltage is insensitive to the line
variations. The current waveform slope will change with
the line variation, which controls the duty cycle.
The external RSense allows an individual adjustment of
the maximum source current of the integrated
CoolMOS®.
To improve the Current Mode during light load
conditions the amplified current ramp of the PWM-OP
is superimposed on a voltage ramp, which is built by
the switch T2, the voltage source V1 and a resistor R1
(see Figure 6). Every time the oscillator shuts down for
maximum duty cycle limitation the switch T2 is closed
by VOSC. When the oscillator triggers the Gate Driver,
T2 is opened so that the voltage ramp can start.
Figure 6
Improved Current Mode
In case of light load the amplified current ramp is too
small to ensure a stable regulation. In that case the
Voltage Ramp is a well defined signal for the
comparison with the FBB-signal. The duty cycle is then
controlled by the slope of the Voltage Ramp.
By means of the time delay circuit which is triggered by
the inverted VOSC signal, the Gate Driver is switched-off
until it reaches approximately 156ns delay time (Figure
x3.25
PWM OP
Improved
Current Mode
0.6V
C8
PWM-Latch
CS
FBB
R
S
Q
Q
Driver
Soft-Start Comparator
t
FBB
Amplified Current Signal
ton
t
0.6V
Driver
PWM OP
0.6V
10k
Oscillator
C8
T2
R1
FBB
PWM-Latch
V1
Gate Driver
Voltage Ramp
VOSC
Soft-Start Comparator
time delay
circuit (156ns)
X3.25
PWM Comparator


Similar Part No. - ICE3AR4780JZ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3AR4780CJZ INFINEON-ICE3AR4780CJZ Datasheet
605Kb / 33P
   Off-Line SMPS Current Mode Controller with integrated 800V
Version 2.0, 19 Apr 2013
ICE3AR4780VJZ INFINEON-ICE3AR4780VJZ Datasheet
1Mb / 43P
   Of f -Line SMPS Cur rent Mode Cont rol ler with integrated 800V
V2.1 2013-10-22
ICE3AR4780VJZ INFINEON-ICE3AR4780VJZ Datasheet
2Mb / 25P
   12W 5V SMPS evaluation board with ICE3AR4780VJZ
Revision 1.2, 2015-05-12
More results

Similar Description - ICE3AR4780JZ

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3AR10080JZ INFINEON-ICE3AR10080JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controllerwith integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.2a, 11 Jan 2012
ICE3AR2280CJZ INFINEON-ICE3AR2280CJZ Datasheet
2Mb / 33P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & CCM) in DIP-7
Version 2.0, 11 Jan 2012
ICE3AR10080CJZ INFINEON-ICE3AR10080CJZ Datasheet
2Mb / 33P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & CCM) in DIP-7
Version 2.0, 11 Jan 2012
ICE3BR1065J INFINEON-ICE3BR1065J_11 Datasheet
1Mb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8
Version 2.0, 28 Dec 2011
ICE2QR4780Z INFINEON-ICE2QR4780Z Datasheet
1Mb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 800V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE2QR2280Z INFINEON-ICE2QR2280Z Datasheet
1Mb / 21P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 800V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
ICE3B0365J INFINEON-ICE3B0365J_11 Datasheet
988Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.6, 4 Jul 2011
ICE3B2065J INFINEON-ICE3B2065J Datasheet
913Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.7, 9 May 2012
ICE3BR1465JF INFINEON-ICE3BR1465JF Datasheet
2Mb / 36P
   Off-Line SMPS Current Mode Controllerwith integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in FullPak
Version 2.1, 7 May 2011
ICE2QR0665Z INFINEON-ICE2QR0665Z Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-7
Version 2.1, August 30, 2011
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com