Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ICE3B0365J Datasheet(PDF) 9 Page - Infineon Technologies AG

Part # ICE3B0365J
Description  Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

ICE3B0365J Datasheet(HTML) 9 Page - Infineon Technologies AG

Back Button ICE3B0365J_11 Datasheet HTML 5Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 6Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 7Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 8Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 9Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 10Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 11Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 12Page - Infineon Technologies AG ICE3B0365J_11 Datasheet HTML 13Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 28 page
background image
CoolSET®-F3R
ICE3Bxx65J
Version 2.6
9
4 Jul 2011
3.4
PWM Section
Figure 6
PWM Section
3.4.1
Oscillator and Jittering
The oscillator generates a fixed frequency with
frequency jittering of ±4% from the fixed frequency
(which is ±2.7kHz from 67kHz) at a jittering period T
FJ.
The switching frequency is f
switch = 67kHz.
A resistor, a capacitor and a current source and current
sink which determine the frequency are integrated. The
charging and discharging current of the implemented
oscillator capacitor are internally trimmed, in order to
achieve a very accurate switching frequency. The ratio
of controlled charge to discharge current is adjusted to
reach a maximum duty cycle limitation of D
max=0.75.
Once the Soft Start period is over and when the IC goes
into normal mode, the Soft Start capacitor will be
charged and discharged through internal current
source, I
FJ to generate a triangular waveform with a
jittering period T
FJ which is externally adjustable by the
Soft Start capacitor, C
SoftS (See Figure 4).
T
FJ = kFJ * CSoftS
where k
FJ is a constant = 4 ms/uF
eg. T
FJ = 4 ms if CSoftS = 1uF
3.4.2
PWM-Latch FF1
The oscillator clock output provides a set pulse to the
PWM-Latch when initiating the internal CoolMOS
®
conduction. After setting the PWM-Latch can be reset
by the PWM comparator, the Soft Start comparator or
the Current-Limit comparator. In case of resetting the
driver is shut down immediately.
3.4.3
Gate Driver
The Gate Driver is a fast totem pole gate drive which is
designed to avoid cross conduction currents.
The Gate Driver is active low at voltages below the
undervoltage lockout threshold V
VCCoff.
Figure 7
Gate Driver
Oscillator
Duty
Cycle
max
Gate Driver
0.75
Clock
&
G9
1
G8
PWM Section
FF1
R
S
Q
Gate
Soft Start
Comparator
PWM
Comparator
Current
Limiting
Frequency
Jitter
SoftS
VCC
1
PWM-Latch
Depl. CoolMOS
Gate Driver
Gate


Similar Part No. - ICE3B0365J_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B0365J INFINEON-ICE3B0365J_13 Datasheet
938Kb / 28P
   Off-Line SMPS Cur rent Mode Controller with integrated 650V
Version 2.9, 25 Mar 2013
More results

Similar Description - ICE3B0365J_11

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
ICE3B2065J INFINEON-ICE3B2065J Datasheet
913Kb / 28P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8 Product Highlights
Version 2.7, 9 May 2012
ICE3BR1065J INFINEON-ICE3BR1065J_11 Datasheet
1Mb / 31P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in DIP-8
Version 2.0, 28 Dec 2011
ICE3BR1465JF INFINEON-ICE3BR1465JF Datasheet
2Mb / 36P
   Off-Line SMPS Current Mode Controllerwith integrated 650V CoolMOS짰 and Startup cell (frequency jitter Mode) in FullPak
Version 2.1, 7 May 2011
ICE3AR4780JZ INFINEON-ICE3AR4780JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.1a, 11 Jan 2012
ICE3BR1065JF INFINEON-ICE3BR1065JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3BR2565JF INFINEON-ICE3BR2565JF Datasheet
1Mb / 36P
   Off-Line SMPS Current Mode Controller with integrated 650V CoolMOS and Startup cell (frequency jitter Mode) in FullPak
Version 2.0, 11 Sep 2008
ICE3AR10080JZ INFINEON-ICE3AR10080JZ Datasheet
2Mb / 34P
   Off-Line SMPS Current Mode Controllerwith integrated 800V CoolMOS짰 and Startup cell (brownout & frequency jitter) in DIP-7
Version 2.2a, 11 Jan 2012
ICE2QR1765 INFINEON-ICE2QR1765 Datasheet
1Mb / 22P
   Off-Line SMPS Quasi-Resonant PWM Controller with integrated 650V CoolMOS짰 and startup cell in DIP-8
Version 2.2, August 30, 2011
ICE3AS03LJG INFINEON-ICE3AS03LJG Datasheet
470Kb / 25P
   Off-Line SMPS Current Mode Controller with integrated 500V Startup Cell ( Latched and frequency jitter Mode )
Version 2.0, 3 Jul 2009
ICE3AR10080CJZ INFINEON-ICE3AR10080CJZ Datasheet
2Mb / 33P
   Off-Line SMPS Current Mode Controller with integrated 800V CoolMOS짰 and Startup cell (brownout & CCM) in DIP-7
Version 2.0, 11 Jan 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com