Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RCLAMP0582N Datasheet(PDF) 4 Page - Semtech Corporation

Part # RCLAMP0582N
Description  RailClamp짰 Low Capacitance TVS Diode Array
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

RCLAMP0582N Datasheet(HTML) 4 Page - Semtech Corporation

  RCLAMP0582N Datasheet HTML 1Page - Semtech Corporation RCLAMP0582N Datasheet HTML 2Page - Semtech Corporation RCLAMP0582N Datasheet HTML 3Page - Semtech Corporation RCLAMP0582N Datasheet HTML 4Page - Semtech Corporation RCLAMP0582N Datasheet HTML 5Page - Semtech Corporation RCLAMP0582N Datasheet HTML 6Page - Semtech Corporation RCLAMP0582N Datasheet HTML 7Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
4
© 2012 Semtech Corporation.
www.semtech.com
PROTECTION PRODUCTS
RClamp0582N
Typical Characteristics
Capacitance v Temperature
VF v Temperature
Breakdown Voltage v Temperature
Leakage Current v Temperature
Crosstalk Pin 4 to Pin 5
0
1
2
3
4
5
-50
0
50
100
150
Temperature (
OC)
VR=0V; Line to Line
VR=6.5V; Line to Line
VR=0V; Pin6 to GND
VR=6.5V; Pin6 to GND
0.6
0.8
1.0
1.2
-50
0
50
100
150
Temperature (
OC)
TA=25
OC
IF=100mA
Pins 1, 4 or 5 to Pin6
8
9
10
11
12
-50
0
50
100
150
Temperature (
OC)
Vbr Pin4 or 5 to Pin1
Vbr Pin6 to Pin1
Ibr = 1mA
0
50
100
150
200
250
-50
0
50
100
150
Temp. (°C)
VR = 6.5V
Pin 4,5 or 6 to 1


Similar Part No. - RCLAMP0582N

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
RCLAMP0582B SEMTECH-RCLAMP0582B Datasheet
152Kb / 6P
   Low Capacitance TVS for ESD and Surge Protection
RClamp0582B.TCT SEMTECH-RClamp0582B.TCT Datasheet
152Kb / 6P
   Low Capacitance TVS for ESD and Surge Protection
RCLAMP0582BQ SEMTECH-RCLAMP0582BQ Datasheet
593Kb / 8P
   Low Capacitance RClamp짰 for Automotive Applications
RClamp0582BQTCT SEMTECH-RClamp0582BQTCT Datasheet
593Kb / 8P
   Low Capacitance RClamp짰 for Automotive Applications
More results

Similar Description - RCLAMP0582N

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SRDA05-6 SEMTECH-SRDA05-6 Datasheet
198Kb / 9P
   RailClamp짰 Low Capacitance TVS Diode Array
SR12 SEMTECH-SR12 Datasheet
180Kb / 8P
   RailClamp짰 Low Capacitance TVS Diode Array
SRV05-4 SEMTECH-SRV05-4_08 Datasheet
291Kb / 13P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0514M SEMTECH-RCLAMP0514M Datasheet
356Kb / 11P
   RailClamp짰 Low Capacitance TVS Diode Array
SRDA12-4 SEMTECH-SRDA12-4 Datasheet
268Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
SR2.8 SEMTECH-SR2.8 Datasheet
177Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR3.3 SEMTECH-SR3.3 Datasheet
173Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
SR70 SEMTECH-SR70 Datasheet
158Kb / 6P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0503N SEMTECH-RCLAMP0503N Datasheet
148Kb / 7P
   RailClamp짰 Low Capacitance TVS Diode Array
RCLAMP0504M SEMTECH-RCLAMP0504M Datasheet
201Kb / 10P
   RailClamp짰 Low Capacitance TVS Diode Array
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com