Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC402B Datasheet(PDF) 10 Page - Semtech Corporation

Part # SC402B
Description  10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC402B Datasheet(HTML) 10 Page - Semtech Corporation

Back Button SC402B Datasheet HTML 6Page - Semtech Corporation SC402B Datasheet HTML 7Page - Semtech Corporation SC402B Datasheet HTML 8Page - Semtech Corporation SC402B Datasheet HTML 9Page - Semtech Corporation SC402B Datasheet HTML 10Page - Semtech Corporation SC402B Datasheet HTML 11Page - Semtech Corporation SC402B Datasheet HTML 12Page - Semtech Corporation SC402B Datasheet HTML 13Page - Semtech Corporation SC402B Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
SC402B
10
Typical Characteristics (continued)
Load Regulation — FCM
1.495
1.500
1.505
1.510
1.515
1.520
1.525
0
1
2
3
4
5
6
7
8
9
10
IOUT (A)
VIN = 18V
VIN = 12V
VIN = 5V
Characteristics in this section are based on using the Typical Application Circuit on page 8.
1.495
1.500
1.505
1.510
1.515
1.520
1.525
0
1
2
3
4
5
6
7
8
9
10
IOUT (A)
VIN = 18V
VIN = 12V
VIN = 5V
0
50
100
150
200
250
300
350
0
1
2
3
4
5
6
7
8
9
10
IOUT (A)
PSAVE
FCM
Load Regulation — FCM
Load Regulation — PSAVE Mode
Switching Frequency — PSAVE Mode vs. FCM
Switching Frequency — PSAVE Mode vs. FCM
VDD = 5V, V
OUT = 1.5V
VDD = 5V, V
OUT = 1.5V
VDD = 5V, V
OUT = 1.5V, VIN = 12V
1.495
1.500
1.505
1.510
1.515
1.520
1.525
0
1
2
3
4
5
6
7
8
9
10
IOUT (A)
VIN = 12V
VIN = 5V
1.495
1.500
1.505
1.510
1.515
1.520
1.525
0
1
2
3
4
5
6
7
8
9
10
IOUT (A)
VIN = 12V
VIN = 5V
VDD = 3.3V, V
OUT = 1.5V
0
50
100
150
200
250
300
350
0
1
2
3
4
5
6
7
8
9
10
IOUT (A)
PSAVE
FCM
VDD = 3.3V, V
OUT = 1.5V
Load Regulation — PSAVE
VDD = 3.3V, V
OUT = 1.5V


Similar Part No. - SC402B

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SC4020FH BEL-SC4020FH Datasheet
777Kb / 1P
   SMD POWER INDUCTORS Open frame construction
SC4020FH-100 BEL-SC4020FH-100 Datasheet
777Kb / 1P
   SMD POWER INDUCTORS Open frame construction
SC4020FH-101 BEL-SC4020FH-101 Datasheet
777Kb / 1P
   SMD POWER INDUCTORS Open frame construction
SC4020FH-150 BEL-SC4020FH-150 Datasheet
777Kb / 1P
   SMD POWER INDUCTORS Open frame construction
SC4020FH-1R0 BEL-SC4020FH-1R0 Datasheet
777Kb / 1P
   SMD POWER INDUCTORS Open frame construction
More results

Similar Description - SC402B

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC403B SEMTECH-SC403B Datasheet
846Kb / 32P
   6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC417 SEMTECH-SC417 Datasheet
546Kb / 29P
   10A Integrated FET Regulator with Programmable LDO
SC417 SEMTECH-SC417_09 Datasheet
595Kb / 30P
   10A Integrated FET Regulator with Programmable LDO
SC9301 SEMTECH-SC9301 Datasheet
1Mb / 29P
   10A EcoSpeed짰 Integrated FET Regulator with 5V LDO and Hiccup Restart
SC401B SEMTECH-SC401B Datasheet
1Mb / 32P
   15A Integrated FET Regulator with Programmable LDO
SC403 SEMTECH-SC403 Datasheet
715Kb / 32P
   6A EcoSpeedTM Integrated FET Regulator with Programmable LDO
SC461 SEMTECH-SC461 Datasheet
878Kb / 31P
   EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC508 SEMTECH-SC508 Datasheet
847Kb / 32P
   EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC414 SEMTECH-SC414 Datasheet
506Kb / 29P
   6A Integrated FET Regulator with 5V LDO
logo
Texas Instruments
PT7602 TI-PT7602 Datasheet
162Kb / 3P
[Old version datasheet]   3.3V INPUT 10A PROGRAMMABLE INTEGRATED SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com