Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SC508A Datasheet(PDF) 2 Page - Semtech Corporation

Part # SC508A
Description  EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SC508A Datasheet(HTML) 2 Page - Semtech Corporation

  SC508A Datasheet HTML 1Page - Semtech Corporation SC508A Datasheet HTML 2Page - Semtech Corporation SC508A Datasheet HTML 3Page - Semtech Corporation SC508A Datasheet HTML 4Page - Semtech Corporation SC508A Datasheet HTML 5Page - Semtech Corporation SC508A Datasheet HTML 6Page - Semtech Corporation SC508A Datasheet HTML 7Page - Semtech Corporation SC508A Datasheet HTML 8Page - Semtech Corporation SC508A Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
SC508/SC508A
2
Pin Configuration
Ordering Information
Marking Information
508
yyww
xxxx
AGND PAD
1
2
3
4
FB
VLDO
VOUT
VDDA
5
6
7
8
9
10
PGND
PSV
DL
VDDP
PGOOD
15
14
13
12
11
16
17
18
19
20
VIN
Top View
Notes:
1)
Available in tape and reel only. A reel contains 3000 devices.
2)
Lead-free packaging only. Device is WEEE and RoHS compliant
and halogen-free.
3)
AEC-Q100 Qualified.
yyww = Date Code
xxxx = Semtech Lot Number
MLPQ-UT20
Device
Package
SC508ULTRT(1)(2)
MLPQ-UT20
SC508AULTRT(1)(2)(3)
MLPQ-UT20
SC508EVB
Evaluation Board
SC508AEVB
Evaluation Board
508A
yyww
xxxx
yyww = Date Code
xxxx = Semtech Lot Number


Similar Part No. - SC508A

ManufacturerPart #DatasheetDescription
logo
Extech Instruments Corp...
SC50 EXTECH-SC50 Datasheet
246Kb / 1P
   Electronic Digital Scale
logo
Amphenol Corporation
SC50 AMPHENOL-SC50 Datasheet
1Mb / 16P
   Thermometrics temperature sensor solutions
logo
Kingbright Corporation
SC50-11 KINGBRIGHT-SC50-11 Datasheet
617Kb / 5P
   127mm (5.0INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC50-11EWA KINGBRIGHT-SC50-11EWA Datasheet
617Kb / 5P
   127mm (5.0INCH) SINGLE DIGIT NUMERIC DISPLAYS
SC50-11SGWA KINGBRIGHT-SC50-11SGWA Datasheet
617Kb / 5P
   127mm (5.0INCH) SINGLE DIGIT NUMERIC DISPLAYS
More results

Similar Description - SC508A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SC461 SEMTECH-SC461 Datasheet
878Kb / 31P
   EcoSpeed짰 DC-DC Buck Controller with Integrated LDO
SC418 SEMTECH-SC418 Datasheet
659Kb / 30P
   EcoSpeedTM DC-DC Buck Controller with Programmable LDO
SC402B SEMTECH-SC402B Datasheet
1Mb / 32P
   10A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
SC403B SEMTECH-SC403B Datasheet
846Kb / 32P
   6A EcoSpeed짰 Integrated FET Regulator with Programmable LDO
logo
Altera Corporation
EN6360QI ALTERA-EN6360QI Datasheet
1Mb / 24P
   DC-DC Buck with Integrated Inductor
EN6362QI ALTERA-EN6362QI Datasheet
1Mb / 21P
   DC-DC Buck with Integrated Inductor
logo
Analog Intergrations Co...
AIC2573 AIC-AIC2573 Datasheet
373Kb / 13P
   Synchronous Buck DC/DC Controller
logo
List of Unclassifed Man...
AS1135 ETC2-AS1135 Datasheet
128Kb / 2P
   Powered Device with Integrated DC-DC Controller
logo
Cypress Semiconductor
MB39C022G CYPRESS-MB39C022G Datasheet
809Kb / 29P
   Buck DC/DC Converter Low Noise LDO
logo
Richtek Technology Corp...
DS6550A RICHTEK-DS6550A Datasheet
239Kb / 16P
   Synchronous DC-DC Step-Down Controller with 5V LDO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com