Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

C67078-A1307-A3 Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # C67078-A1307-A3
Description  SIPMOS Power Transistor (N channel Enhancement mode)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

C67078-A1307-A3 Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  C67078-A1307-A3 Datasheet HTML 1Page - Siemens Semiconductor Group C67078-A1307-A3 Datasheet HTML 2Page - Siemens Semiconductor Group C67078-A1307-A3 Datasheet HTML 3Page - Siemens Semiconductor Group C67078-A1307-A3 Datasheet HTML 4Page - Siemens Semiconductor Group C67078-A1307-A3 Datasheet HTML 5Page - Siemens Semiconductor Group C67078-A1307-A3 Datasheet HTML 6Page - Siemens Semiconductor Group C67078-A1307-A3 Datasheet HTML 7Page - Siemens Semiconductor Group C67078-A1307-A3 Datasheet HTML 8Page - Siemens Semiconductor Group C67078-A1307-A3 Datasheet HTML 9Page - Siemens Semiconductor Group  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Semiconductor Group
3
07/96
BUZ 50 A
Electrical Characteristics, at
Tj = 25°C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Dynamic Characteristics
Transconductance
VDS≥ 2 * ID * RDS(on)max, ID = 1.5 A
gfs
0.7
1.5
-
S
Input capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Ciss
-
1600
2100
pF
Output capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Coss
-
70
120
Reverse transfer capacitance
VGS = 0 V, VDS = 25 V, f = 1 MHz
Crss
-
30
55
Turn-on delay time
VDD = 30 V, VGS = 10 V, ID = 2 A
RGS = 50 Ω
td(on)
-
30
45
ns
Rise time
VDD = 30 V, VGS = 10 V, ID = 2 A
RGS = 50 Ω
tr
-
40
60
Turn-off delay time
VDD = 30 V, VGS = 10 V, ID = 2 A
RGS = 50 Ω
td(off)
-
110
140
Fall time
VDD = 30 V, VGS = 10 V, ID = 2 A
RGS = 50 Ω
tf
-
60
80


Similar Part No. - C67078-A1307-A3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
C67078-A1307-A4 SIEMENS-C67078-A1307-A4 Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
C67078-A1307-A5 SIEMENS-C67078-A1307-A5 Datasheet
203Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
More results

Similar Description - C67078-A1307-A3

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BUZ50B SIEMENS-BUZ50B Datasheet
199Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ80A SIEMENS-BUZ80A Datasheet
176Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ310 SIEMENS-BUZ310 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ50C SIEMENS-BUZ50C Datasheet
203Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
BUZ311 SIEMENS-BUZ311 Datasheet
240Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode)
logo
Infineon Technologies A...
SPD09P06PL INFINEON-SPD09P06PL_08 Datasheet
1Mb / 9P
   SIPMOS Power-Transistor Feature N-Channel Enhancement mode
Rev 2.5 2008-07-29
IPI47N10S-33 INFINEON-IPI47N10S-33 Datasheet
2Mb / 8P
   SIPMOS Power-Transistor Feature N-Channel Enhancement mode
2006-02-14
logo
Siemens Semiconductor G...
BUZ205 SIEMENS-BUZ205 Datasheet
338Kb / 6P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ385 SIEMENS-BUZ385 Datasheet
155Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
BUZ215 SIEMENS-BUZ215 Datasheet
120Kb / 9P
   SIPMOS Power Transistor (N channel Enhancement mode FREDFET)
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com