Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX1511BIULTRT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SX1511BIULTRT
Description  World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX1511BIULTRT Datasheet(HTML) 4 Page - Semtech Corporation

  SX1511BIULTRT Datasheet HTML 1Page - Semtech Corporation SX1511BIULTRT Datasheet HTML 2Page - Semtech Corporation SX1511BIULTRT Datasheet HTML 3Page - Semtech Corporation SX1511BIULTRT Datasheet HTML 4Page - Semtech Corporation SX1511BIULTRT Datasheet HTML 5Page - Semtech Corporation SX1511BIULTRT Datasheet HTML 6Page - Semtech Corporation SX1511BIULTRT Datasheet HTML 7Page - Semtech Corporation SX1511BIULTRT Datasheet HTML 8Page - Semtech Corporation SX1511BIULTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 37 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 4 – 26
th April 2011
4
www.semtech.com
SX1511B/SX1512B
World’s Lowest Voltage Level Shifting GPIO
with LED Driver and Keypad Engine
1
PIN DESCRIPTION
1.1
SX1511B 8-channel SPI GPIO with LED Driver and Keypad Engine
Pin
Symbol
Type
Description
1
NRESET
DI
Active low reset input
2
SO
DO
SPI data output (HZ when not used)
3
SCK
DI
SPI clock input
4
SI
DI
SPI data input
5
I/O[0]
DIO
(*1)
I/O[0], at power-on configured as an input
LED driver : Intensity control (PWM)
6
I/O[1]
DIO
(*1)
I/O[1], at power-on configured as an input
LED driver : Intensity control (PWM)
7
VCC1
P
Supply voltage for Bank A I/O[3-0]
8
GND
P
Ground Pin
9
I/O[2]
DIO
(*1)
I/O[2], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking
10
I/O[3]
DIO
(*1)
I/O[3], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking, Breathing (Fade In/Out)
11
NINT
DO
Active low interrupt output
12
NSS
DI
SPI slave select input (active low)
13
OSCIO
DIO
(*1)
Oscillator input/output, can also be used as GPO
14
VDDM
P
Main supply voltage
15
I/O[4]
DIO
(*1)
I/O[4], at power-on configured as an input
LED driver : Intensity control (PWM)
16
I/O[5]
DIO
(*1)
I/O[5], at power-on configured as an input
LED driver : Intensity control (PWM)
17
VCC2
P
Supply voltage for Bank B I/O[7-4]
18
GND
P
Ground Pin
19
I/O[6]
DIO
(*1)
I/O[6], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking
20
I/O[7]
DIO
(*1)
I/O[7], at power-on configured as an input
LED driver : Intensity control (PWM), Blinking, Breathing (Fade In/Out)
D/I/O/P: Digital/Input/Output/Power
(*1) This pin is programmable through the SPI interface
Table 1 – SX1511B Pin Description
Figure 1 – SX1511B QFN-UT-20 Pinout
NRESET
SO
SCK
SI
I/O[0]
I/O[4]
VDDM
OSCIO
NSS
NINT
GND
(PAD)


Similar Part No. - SX1511BIULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1511BIULTRT SEMTECH-SX1511BIULTRT Datasheet
1Mb / 43P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511BIULTRT SEMTECH-SX1511BIULTRT Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
More results

Similar Description - SX1511BIULTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX1510B SEMTECH-SX1510B Datasheet
1Mb / 43P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507QB SEMTECH-SX1507QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1509BEVK SEMTECH-SX1509BEVK Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1507 SEMTECH-SX1507 Datasheet
1Mb / 41P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508B SEMTECH-SX1508B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1508QB SEMTECH-SX1508QB Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX1511B SEMTECH-SX1511B Datasheet
1Mb / 37P
   World?셲 Lowest Voltage Level Shifting GPIO with LED Driver and Keypad Engine
SX15007QB SEMTECH-SX15007QB Datasheet
1Mb / 42P
   World?셲 Lowest Voltage Level Shifting GPIO ADVANCED COMMUNICATIONS & SENSING
logo
Solarflare Communicatio...
X2541 SOLARFLARE-X2541 Datasheet
288Kb / 2P
   The World?셲 Lowest Latency 100G Ethernet NIC
logo
Asahi Kasei Microsystem...
AK4184 AKM-AK4184 Datasheet
608Kb / 36P
   TSC with Keypad Scanner and GPIO Expander
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com