Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8122 Datasheet(PDF) 7 Page - Semtech Corporation

Part # SX8122
Description  1V Motor/LED timer
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8122 Datasheet(HTML) 7 Page - Semtech Corporation

Back Button SX8122 Datasheet HTML 3Page - Semtech Corporation SX8122 Datasheet HTML 4Page - Semtech Corporation SX8122 Datasheet HTML 5Page - Semtech Corporation SX8122 Datasheet HTML 6Page - Semtech Corporation SX8122 Datasheet HTML 7Page - Semtech Corporation SX8122 Datasheet HTML 8Page - Semtech Corporation SX8122 Datasheet HTML 9Page - Semtech Corporation SX8122 Datasheet HTML 10Page - Semtech Corporation SX8122 Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
www.semtech.com/products/
Page 7
ADVANCED COMMUNICATIONS & SENSING
DATASHEET
SX8122
1V Motor/LED timer
ACS - Revision 2.2
August 2010
© Semtech Corp.
TECHNICAL DESCRIPTION
4
System architecture
4.1
SX8122 architecture
The system is based on the cyclic acquisition of the TRIGGER and VDD voltages.
4.2
SX8122 timer behavior
The SX8122 has an internal level detector that compares the TRIGGER volatge to the VDD voltage. When
TRIGGER is above 2/3 of VDD, the comparator sets its output to high; when the TRIGGER is below 1/3 of VDD,
the comparator sets its output to low. As long as the TRIGGER voltage is between 1/3 VDD and 2/3 VDD, the
comparator output remains unchanged.
Figure 2. SX8122 Architecture
R
S
Q
Q
2/3 VDD
1/3 VDD
VDD
VSS
1.41V
BURST
VDD
VDD
TRIGGER
DISCHARGE
CHARGE
NIMH
MOTOR
VSS
LED


Similar Part No. - SX8122

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8120 SEMTECH-SX8120 Datasheet
546Kb / 17P
   1 V motor/LED control timers
SX8120ISTRT SEMTECH-SX8120ISTRT Datasheet
546Kb / 17P
   1 V motor/LED control timers
SX8120ISTRT SEMTECH-SX8120ISTRT Datasheet
546Kb / 17P
   1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
SX8121ISTRT SEMTECH-SX8121ISTRT Datasheet
546Kb / 17P
   1 V motor/LED control timers
SX8121ISTRT SEMTECH-SX8121ISTRT Datasheet
546Kb / 17P
   1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
More results

Similar Description - SX8122

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX812X SEMTECH-SX812X Datasheet
546Kb / 17P
   1V Motor/LED control timer ADVANCED COMMUNICATIONS & SENSING
logo
Omron Electronics LLC
H2C OMRON-H2C Datasheet
551Kb / 8P
   Motor Timer
logo
Touchstone Semiconducto...
TS3002 TOUCHSTONE-TS3002 Datasheet
889Kb / 11P
   A 1V/1uA Easy-to-Use Silicon Oscillator/Timer
TS3001 TOUCHSTONE-TS3001 Datasheet
746Kb / 10P
   A 1V/1uA Easy-to-Use Resistor-Tuned Silicon Oscillator/Timer
logo
List of Unclassifed Man...
88220SERIES ETC2-88220SERIES Datasheet
156Kb / 2P
   MULTIFUNCTION MOTOR TIMER WITH MEMORY
UCC2941-3 ETC1-UCC2941-3 Datasheet
188Kb / 11P
   1V Synchronous Boost Converter
UCC3945 ETC1-UCC3945 Datasheet
190Kb / 11P
   1V Synchronous Boost Converter
logo
Texas Instruments
UCC2941-3 TI1-UCC2941-3_11 Datasheet
296Kb / 20P
[Old version datasheet]   1V SYNCHRONOUS BOOST CONVERTER
logo
TRACO Electronic AG
TES1V TRACOPOWER-TES1V Datasheet
827Kb / 4P
   TES 1V Series, 1 Watt
Rev. November 30, 2022
logo
Rohm
2SCR513P5 ROHM-2SCR513P5 Datasheet
1Mb / 9P
   Midium Power Transistors (50V / 1V)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com