Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8654EVK Datasheet(PDF) 2 Page - Semtech Corporation

Part # SX8654EVK
Description  Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
Download  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8654EVK Datasheet(HTML) 2 Page - Semtech Corporation

  SX8654EVK Datasheet HTML 1Page - Semtech Corporation SX8654EVK Datasheet HTML 2Page - Semtech Corporation SX8654EVK Datasheet HTML 3Page - Semtech Corporation SX8654EVK Datasheet HTML 4Page - Semtech Corporation SX8654EVK Datasheet HTML 5Page - Semtech Corporation SX8654EVK Datasheet HTML 6Page - Semtech Corporation SX8654EVK Datasheet HTML 7Page - Semtech Corporation SX8654EVK Datasheet HTML 8Page - Semtech Corporation SX8654EVK Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 61 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
2
www.semtech.com
SX8657/SX8658
Haptics Enabled 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
Table of Contents
GENERAL DESCRIPTION ..................................................................................................................... 1
TYPICAL APPLICATIONS ..................................................................................................................... 1
ORDERING INFORMATION................................................................................................................... 1
KEY PRODUCT FEATURES.................................................................................................................. 1
1
GENERAL DESCRIPTION ............................................................................................................ 4
1.1
Marking Information
4
1.1.1
SX8657
4
1.1.2
SX8658
4
1.2
Pin Diagrams
5
1.2.1
QFN Package
5
1.2.2
CSP Package
5
1.3
Pin Description
6
1.4
Block Diagram
6
2
ELECTRICAL CHARACTERISTICS............................................................................................... 8
2.1
Absolute Maximum Ratings
8
2.2
Thermal Characteristics
8
2.3
Electrical Specifications
8
3
TYPICAL OPERATING CHARACTERISTICS ............................................................................... 11
4
TOUCHSCREEN INTERFACE..................................................................................................... 12
4.1
Introduction
12
4.2
Coordinates Measurement
13
4.2.1
4-wire Touchscreen
13
4.2.2
5-wire Touchscreen
14
4.3
Pressure Measurement (4-wire only)
14
4.3.1
Bias Time (POWDLY)
15
4.4
Pen Detection
15
4.5
Digital Processing
16
4.6
Host Operation
18
4.6.1
Overview
18
4.6.2
Manual Mode (MAN)
18
4.6.3
Pen Detect Mode (PENDET)
19
4.6.4
Pen Trigger Mode (PENTRG)
19
4.6.5
Maximum Throughput vs. TOUCHRATE setting
20
5
PROXIMITY SENSING INTERFACE (SX8657) ............................................................................ 22
5.1
Introduction
22
5.2
Analog Front-End (AFE)
23
5.2.1
Capacitive Sensing Basics
23
5.2.2
AFE Block Diagram
24
5.2.3
Capacitance-to-Voltage Conversion (C-to-V)
25
5.2.4
Shield Control
25
5.2.5
Offset Compensation
25
5.2.6
Analog-to-Digital Conversion (ADC)
26
5.3
Digital Processing
26
5.3.1
Overview
26
5.3.2
PROXRAW Update
27
5.3.3
PROXUSEFUL Update
28
5.3.4
PROXAVG Update
29
5.3.5
PROXDIFF Update
31


Similar Part No. - SX8654EVK

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
More results

Similar Description - SX8654EVK

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8677 SEMTECH-SX8677 Datasheet
2Mb / 63P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674 SEMTECH-SX8674 Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
logo
National Semiconductor ...
LM8500 NSC-LM8500 Datasheet
327Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
LM8300 NSC-LM8300 Datasheet
319Kb / 20P
   Four Wire Resistive Touchscreen Controller with Brownout
logo
Semtech Corporation
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8652EVKA SEMTECH-SX8652EVKA Datasheet
554Kb / 29P
   15kV ESD Low Power 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com