Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8677IWLTRT Datasheet(PDF) 11 Page - Semtech Corporation

Part # SX8677IWLTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8677IWLTRT Datasheet(HTML) 11 Page - Semtech Corporation

Back Button SX8677IWLTRT Datasheet HTML 7Page - Semtech Corporation SX8677IWLTRT Datasheet HTML 8Page - Semtech Corporation SX8677IWLTRT Datasheet HTML 9Page - Semtech Corporation SX8677IWLTRT Datasheet HTML 10Page - Semtech Corporation SX8677IWLTRT Datasheet HTML 11Page - Semtech Corporation SX8677IWLTRT Datasheet HTML 12Page - Semtech Corporation SX8677IWLTRT Datasheet HTML 13Page - Semtech Corporation SX8677IWLTRT Datasheet HTML 14Page - Semtech Corporation SX8677IWLTRT Datasheet HTML 15Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 63 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
11
www.semtech.com
SX8677/SX8678
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
3
TYPICAL OPERATING CHARACTERISTICS
Conditions as defined in §2.3, TA = +25°C, VDD=VDDM=3.3V unless otherwise specified.
IDD_OFF vs VDD vs TEMP
2.00E-07
2.20E-07
2.40E-07
2.60E-07
2.80E-07
3.00E-07
3.20E-07
3.40E-07
3.60E-07
3.80E-07
4.00E-07
2.3
2.5
2.7
2.9
3.1
3.3
3.5
VDD(V)
25°C
85°C
-40°C
IDD_WAIT vs VDD vs TOUCHRATE
0
1
2
3
4
5
6
7
8
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3.0
3.1
3.2
3.3
3.4
3.5
3.6
VDD(V)
10cps
80cps
2000cps
5000cps
IDD_PROX vs SCANPERIOD vs SENSITIVITY
0
10
20
30
40
50
60
70
80
0
100
200
300
400
500
600
700
800
SCANPERIOD(m s)
0(Min)
5
7(Max)
IDD_HAPT vs VDD vs TEMP
0.0001
0.00011
0.00012
0.00013
0.00014
0.00015
0.00016
0.00017
0.00018
0.00019
0.0002
2.3
2.5
2.7
2.9
3.1
3.3
3.5
VDD(V)
25°C
85°C
-40°C
MIDD_OFF vs MVDD vs TEMP
0.00E+00
5.00E-09
1.00E-08
1.50E-08
2.00E-08
2.50E-08
3.00E-08
3.50E-08
4.00E-08
4.50E-08
5.00E-08
2.3
2.5
2.7
2.9
3.1
3.3
3.5
MVDD(V)
25°C
85°C
-40°C
MIDD_SQUELCH vs MVDD vs TEMP
5.00E-06
6.00E-06
7.00E-06
8.00E-06
9.00E-06
1.00E-05
2.3
2.5
2.7
2.9
3.1
3.3
3.5
MVDD(V)
25°C
85°C
-40°C
VERR vs GAIN vs MVDD
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
GAIN
VOFF(V)
2.3V
3.3V
3.6V


Similar Part No. - SX8677IWLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8674 SEMTECH-SX8674 Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674ICSTRT SEMTECH-SX8674ICSTRT Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674ICSTRT SEMTECH-SX8674ICSTRT Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
More results

Similar Description - SX8677IWLTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674 SEMTECH-SX8674 Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8657 SEMTECH-SX8657 Datasheet
2Mb / 61P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8653 SEMTECH-SX8653 Datasheet
544Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com