Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8677ICSTRT Datasheet(PDF) 6 Page - Semtech Corporation

Part # SX8677ICSTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8677ICSTRT Datasheet(HTML) 6 Page - Semtech Corporation

Back Button SX8677ICSTRT Datasheet HTML 2Page - Semtech Corporation SX8677ICSTRT Datasheet HTML 3Page - Semtech Corporation SX8677ICSTRT Datasheet HTML 4Page - Semtech Corporation SX8677ICSTRT Datasheet HTML 5Page - Semtech Corporation SX8677ICSTRT Datasheet HTML 6Page - Semtech Corporation SX8677ICSTRT Datasheet HTML 7Page - Semtech Corporation SX8677ICSTRT Datasheet HTML 8Page - Semtech Corporation SX8677ICSTRT Datasheet HTML 9Page - Semtech Corporation SX8677ICSTRT Datasheet HTML 10Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
6
www.semtech.com
SX8677/SX8678
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
1.3
Pin Description
Name
Type
Description
VDD
P
Main Power Supply
GND
P
Main Ground
VREG
P
Internal Regulator Output (must be connected to an external capacitor; see §13)
MVDD
P
Haptics Motor Power Supply
MGND
P
Haptics Motor Ground (must be electrically connected to GND)
MOUTP
AO
Haptics Motor Positive Drive
MOUTN
AO
Haptics Motor Negative Drive
MIN
DI
Haptics Motor PWM/Clock Input
X+/BR
A
• 4-wire Touchscreen : X+ Electrode
• 5-wire Touchscreen : Bottom Right (BR) Electrode
Y+/TR
A
• 4-wire Touchscreen : Y+ Electrode
• 5-wire Touchscreen : Top Right (TR) Electrode
X-/TL
A
• 4-wire Touchscreen : X- Electrode
• 5-wire Touchscreen : Top Left (TL) Electrode
Y-/BL
A
• 4-wire Touchscreen : Y- Electrode
• 5-wire Touchscreen : Bottom Left (BL) Electrode
AUX1/WIPER
D/A
• 4-wire Touchscreen : First Programmable Auxiliary Function (see §9)
• 5-wire Touchscreen : WIPER Electrode
AUX2
D/A
Second Programmable Auxiliary Function (see §9)
AUX3
D/A
Third Programmable Auxiliary Function (see §9)
ADDR
DI
I2C Address Selection (QFN only, internally connected to GND on CSP)
SCL
DI
I2C Clock Input
SDA
DIO
I2C Data Input/Output
NIRQ
DO
Interrupt Output (active low)
NRST
DI
Reset Input (active low)
A/D/I/O/P: Analog/Digital/Power/Input/Output
Table 1 – Pin Description
1.4
Block Diagram
Figure 5 – SX8677 Block Diagram


Similar Part No. - SX8677ICSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8674 SEMTECH-SX8674 Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674ICSTRT SEMTECH-SX8674ICSTRT Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674ICSTRT SEMTECH-SX8674ICSTRT Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
More results

Similar Description - SX8677ICSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674 SEMTECH-SX8674 Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8657 SEMTECH-SX8657 Datasheet
2Mb / 61P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8653 SEMTECH-SX8653 Datasheet
544Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com