Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SX8678ICSTRT Datasheet(PDF) 2 Page - Semtech Corporation

Part # SX8678ICSTRT
Description  Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SX8678ICSTRT Datasheet(HTML) 2 Page - Semtech Corporation

  SX8678ICSTRT Datasheet HTML 1Page - Semtech Corporation SX8678ICSTRT Datasheet HTML 2Page - Semtech Corporation SX8678ICSTRT Datasheet HTML 3Page - Semtech Corporation SX8678ICSTRT Datasheet HTML 4Page - Semtech Corporation SX8678ICSTRT Datasheet HTML 5Page - Semtech Corporation SX8678ICSTRT Datasheet HTML 6Page - Semtech Corporation SX8678ICSTRT Datasheet HTML 7Page - Semtech Corporation SX8678ICSTRT Datasheet HTML 8Page - Semtech Corporation SX8678ICSTRT Datasheet HTML 9Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 63 page
background image
ADVANCED COMMUNICATIONS & SENSING
Rev 1 – 25
th July 2011
2
www.semtech.com
SX8677/SX8678
Haptics Enabled Multitouch 4/5-Wire
Resistive Touchscreen Controller with Proximity Sensing
Table of Contents
GENERAL DESCRIPTION ..................................................................................................................... 1
TYPICAL APPLICATIONS ..................................................................................................................... 1
ORDERING INFORMATION................................................................................................................... 1
KEY PRODUCT FEATURES.................................................................................................................. 1
1
GENERAL DESCRIPTION ............................................................................................................ 4
1.1
Marking Information
4
1.1.1
SX8677
4
1.1.2
SX8678
4
1.2
Pin Diagrams
5
1.2.1
QFN Package
5
1.2.2
CSP Package
5
1.3
Pin Description
6
1.4
Block Diagram
6
2
ELECTRICAL CHARACTERISTICS............................................................................................... 8
2.1
Absolute Maximum Ratings
8
2.2
Thermal Characteristics
8
2.3
Electrical Specifications
8
3
TYPICAL OPERATING CHARACTERISTICS ............................................................................... 11
4
TOUCHSCREEN INTERFACE..................................................................................................... 12
4.1
Introduction
12
4.2
Coordinates Measurement
13
4.2.1
4-wire Touchscreen
13
4.2.2
5-wire Touchscreen
14
4.3
Pressure Measurement (4-wire only)
14
4.3.1
Bias Time (POWDLY)
15
4.4
Pen Detection
15
4.5
Multitouch Measurement (4-wire only)
16
4.6
Digital Processing
17
4.7
Host Operation
18
4.7.1
Overview
18
4.7.2
Manual Mode (MAN)
18
4.7.3
Pen Detect Mode (PENDET)
20
4.7.4
Pen Trigger Mode (PENTRG)
20
4.7.5
Maximum Throughput vs. TOUCHRATE setting
21
5
PROXIMITY SENSING INTERFACE (SX8677) ............................................................................ 23
5.1
Introduction
23
5.2
Analog Front-End (AFE)
24
5.2.1
Capacitive Sensing Basics
24
5.2.2
AFE Block Diagram
25
5.2.3
Capacitance-to-Voltage Conversion (C-to-V)
26
5.2.4
Shield Control
26
5.2.5
Offset Compensation
26
5.2.6
Analog-to-Digital Conversion (ADC)
27
5.3
Digital Processing
27
5.3.1
Overview
27
5.3.2
PROXRAW Update
28
5.3.3
PROXUSEFUL Update
29
5.3.4
PROXAVG Update
30


Similar Part No. - SX8678ICSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8674 SEMTECH-SX8674 Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674ICSTRT SEMTECH-SX8674ICSTRT Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674ICSTRT SEMTECH-SX8674ICSTRT Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
More results

Similar Description - SX8678ICSTRT

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
SX8674EVK SEMTECH-SX8674EVK Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8674 SEMTECH-SX8674 Datasheet
2Mb / 64P
   Haptics Enabled Multitouch 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654EVK SEMTECH-SX8654EVK Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8657 SEMTECH-SX8657 Datasheet
2Mb / 61P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8654 SEMTECH-SX8654 Datasheet
2Mb / 62P
   Haptics Enabled 4/5-Wire Resistive Touchscreen Controller with Proximity Sensing
SX8651 SEMTECH-SX8651 Datasheet
632Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8651EVKA SEMTECH-SX8651EVKA Datasheet
626Kb / 39P
   Multitouch 4-wire Resistive Touchscreen Controller with 15kV ESD Protection
SX8653EVKA SEMTECH-SX8653EVKA Datasheet
540Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
SX8653 SEMTECH-SX8653 Datasheet
544Kb / 31P
   Multitouch 15kV ESD protection 4-Wire / 5-Wire Resistive Touchscreen Controller with SPI Interface
logo
Cypress Semiconductor
CY8C20336H CYPRESS-CY8C20336H_12 Datasheet
524Kb / 35P
   Haptics Enabled CapSense짰 Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com