Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CCHD-575 Datasheet(PDF) 2 Page - Crystek Corporation

Part # CCHD-575
Description  Ultra-Low Phase Noise Oscillator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation

CCHD-575 Datasheet(HTML) 2 Page - Crystek Corporation

  CCHD-575 Datasheet HTML 1Page - Crystek Corporation CCHD-575 Datasheet HTML 2Page - Crystek Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Frequency Range:
50 MHz to 130 MHz
Temperature Range:
0°C to +70°C
(Option M)
-20°C to +70°C
(Option X)
-40°C to +85°C
Storage:
-55°C to 90°C
Input Voltage:
3.3V ±0.3V
Input Current:
15mA Typ., 25mA Max
Output:
HCMOS
Symmetry:
45/55% Max @ 50% Vdd
Rise/Fall Time:
2nsec Max @ 20% to 80% Vdd
Logic:
“0” = 10% Vdd Max
“1” = 90% Vdd Min.
Load: 15pF
Output Current: ±24mA Max
Phase Jitter: (12kHz~80MHz)
82 fSec RMS Typ. @ 100 MHz
Phase Noise Typical:
See plots
Phase Noise Floor:
-168dBc/Hz Typ., -165dBc/Hz Max
Sub-harmonics:
None
Aging:
<3ppm 1st/yr, <1ppm thereafter
CCHD-575 Options:
Temperature Range:
0°C to +70°C (±20ppm, ±25ppm, ±50ppm)
-20°C to +70°C (±25ppm, ±50ppm)
-40°C to +85°C (±25ppm, ±50ppm)
Part Number Example:
CCHD-575X-25-100.000 = 3.3V, 45/55, -40°C to +85°C (±25ppm), 100 MHz
RECOMMENDED REFLOW SOLDERING PROFILE
217°C
200°C
260°C
150°C
90 Secs. Max.
Ramp-Up
3°C/Sec Max.
Preheat
180 Secs. Max.
8 Minutes Max.
260°C for
10 Secs. Max.
Critical
Temperature Zone
Ramp-Down
6°C/Sec.
NOTE: Reflow Profile with 240°C peak also acceptable.
12730 Commonwealth Drive • Fort Myers, Florida 33913
Phone: 239-561-3311 • 800-237-3061
Fax: 239-561-1025 • www.crystek.com
CRYSTEK
CORPORATION
Date: 11-Jan-12
Rev: C
Page 2 of 2
5×7.5 mm SMD,
3.3V, HCMOS
CCHD-575 Model
0.046
(1.16)
0.046
(1.16)
#1
#3
#4
#2
0.058
(1.47)
0.200
(5.08)
0.099
(2.50)
SUGGESTED PAD LAYOUT
0.01µF
0.050
(1.27)
0.154
(3.91)
via to
ground
0.071
(1.80)
12
3
4
0.200
(5.08)
0.295 -0.008 +0.020
(7.50 -0.2 +0.5)
0.200 ±0.010
(5.08 ±0.25)
CCHD-575
Frequency
Date Code
Denotes pad 1
Pad
Connection
1
2
3
4
NC
GND
Output
Vdd


Similar Part No. - CCHD-575

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCHD-575 CRYSTEKMICROWAVE-CCHD-575 Datasheet
627Kb / 4P
   Ultra-Low Phase Noise Oscillator
logo
Crystek Corporation
CCHD-575 CRYSTEKCRYSTAL-CCHD-575_15 Datasheet
315Kb / 3P
   HCMOS
More results

Similar Description - CCHD-575

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCHD-575 CRYSTEKMICROWAVE-CCHD-575 Datasheet
627Kb / 4P
   Ultra-Low Phase Noise Oscillator
CCHD-950 CRYSTEKMICROWAVE-CCHD-950 Datasheet
388Kb / 2P
   Ultra-Low Phase Noise Oscillator
logo
Crystek Corporation
CCHD-957 CRYSTEKCRYSTAL-CCHD-957_15 Datasheet
327Kb / 2P
   Ultra-Low Phase Noise Oscillator
CVHD-950 CRYSTEKCRYSTAL-CVHD-950_15 Datasheet
323Kb / 3P
   Ultra-Low Phase Noise Oscillator
logo
Vectron International, ...
OX-304 VECTRON-OX-304 Datasheet
452Kb / 5P
   Ultra Low Phase Noise Oven Controlled Crystal Oscillator
logo
Crystek Corporation
CVPD-952 CRYSTEKCRYSTAL-CVPD-952 Datasheet
183Kb / 2P
   Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
CVPD-952 CRYSTEKCRYSTAL-CVPD-952_17 Datasheet
306Kb / 2P
   Ultra-Low Phase Noise Voltage Controlled Crystal Oscillator
logo
Vectron International, ...
OX-205 VECTRON-OX-205 Datasheet
310Kb / 4P
   Ultra Low Phase Noise Oven Controlled Crystal Oscillator
OX-305 VECTRON-OX-305_16 Datasheet
388Kb / 4P
   Ultra Low Phase Noise Oven Controlled Crystal Oscillator
OX-209 VECTRON-OX-209 Datasheet
343Kb / 5P
   Ultra Low Phase Noise Oven Controlled Crystal Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com