Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMP350H-MALRD Datasheet(PDF) 5 Page - PANDUIT CORP.

Part # MMP350H-MALRD
Description  Panduit Permanent Identification System
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

MMP350H-MALRD Datasheet(HTML) 5 Page - PANDUIT CORP.

  MMP350H-MALRD Datasheet HTML 1Page - PANDUIT CORP. MMP350H-MALRD Datasheet HTML 2Page - PANDUIT CORP. MMP350H-MALRD Datasheet HTML 3Page - PANDUIT CORP. MMP350H-MALRD Datasheet HTML 4Page - PANDUIT CORP. MMP350H-MALRD Datasheet HTML 5Page - PANDUIT CORP. MMP350H-MALRD Datasheet HTML 6Page - PANDUIT CORP. MMP350H-MALRD Datasheet HTML 7Page - PANDUIT CORP. MMP350H-MALRD Datasheet HTML 8Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
Permanent Identification Systems
Permanent Identification Systems
Prime items appear in BOLD
Prime items appear in BOLD
Permanent Identification System
Permanent Identification System
5
4
Easily moves from job site to job site, to deliver
a permanent identification solution where it’s
needed, when it’s needed
Creates raised characters on stainless steel
and aluminum marker plates, to deliver maximum
visibility for medium to high volume applications
that are exposed to dirt and paint
Improves productivity by providing a reliable
connection from the embossing machine to
your PC using Easy-MarkSoftware
Easy-MarkSoftware allows for a quick print
legend and exact preview, saving time and
reducing print costs
Easy loading hopper allows for easy stacking
of up to 200 plates, saving time and money
Characters include: ABCD...Z, 0123…9, ! @ # $ % & * ( ) - + = : “ ‘ . / ?
*For use with 1000 pack marker plates only.
**System Requirements:
Designed for Windows^ 98, Windows MS, Windows 2000, Windows NT 4.x, Windows XP, Windows Vista
64 MB hard drive space, and 64 MB RAM (256 MB RAM recommended).
Female DB9 serial communication port.
^Windows is either a registered trademark or trademark of Microsoft Corporation in the United States
and/or other countries.
Portable Embossing System *
Pan-Steel Marker Plates for Use with the Panduit Embossing System
Metal Indenting Machine
Provides quick, easy, and permanent
identification with aluminum marker plates
and cable ties and stainless steel marker
plates, tags, cable ties and straps for low
to medium volume applications
Automatic table indexing advances
material forward for convenience
and improved productivity
Aluminum base for tool stability
and durable construction
Part Number
Description
Std.
Pkg.
Qty.^
Indenting Machine
MIM094
Indenting machine with 3/32" (2.38mm) character wheel,
11.25" (286mm) x 16.25" (413mm) x 11.75" (298mm), 41 lbs. (18.6 kg).
1
MIM125
Indenting machine with 1/8" (3.18mm) character wheel,
11.25" (286mm) x 16.25" (413mm) x 11.75" (298mm), 41 lbs. (18.6 kg).
1
MIM187
Indenting machine with 3/16" (4.77mm) character wheel,
11.25" (286mm) x 16.25" (413mm) x 11.75" (298mm), 41 lbs. (18.6 kg).
1
Interchangeable Wheel Kits
MIW094
3/32" (2.38mm) character wheel kit (wheel and indexing gear).
1
MIW125
1/8" (3.18mm) character wheel kit (wheel and indexing gear).
1
MIW187
3/16" (4.77mm) character wheel kit (wheel and indexing gear).
1
Metal Embossing Hand T ool and T ape System
New multi-functional cutting die design creates embossed marker
plates with raised cable tie slot in one step instead of three,
for faster installation
Lightweight, compact and portable, allows user to create
custom length identification on demand at remote job sites
Embosses 3/16" characters onto stainless steel or aluminum tape,
to improve visibility in applications that are subjected to dirt or paint
*Aluminum ties are recommended for use with aluminum tape to prevent galvanic reaction
(corrosion that can occur between stainless steel and aluminum in certain environments).
^Order number of pieces required, in multiples of Standard Package Quantity.
MMP350-M
MMP350W38-M
MMP350H-M
MMP350HW54-MAL
Characters include: ABC...Z, 0123...9, & / @ ‘.-
^Order number of pieces required, in multiples of Standard Package Quantity.
*See page 3 for Panduit Factory Custom Marking Service information.
**See last page for Pan-Steel® Stainless Steel Cable Ties.
^Order number of pieces required, in multiples of Standard Package Quantity.
Part Number
Description
Std.
Pkg.
Qty.
Portable Embossing System*
PES197
Portable embossing system 3/16" (4.77mm) character, 11.5" (292mm) x 21.0" (534mm) x
19.0" (483mm), 95 lbs. (43 kg), 115 volt, 60 Hz with Easy-Mark Software**
1
PES197/E
Portable embossing system 3/16" (4.77mm) character, 11.5" (292mm) x 21.0" (534mm) x
19.0" (483mm), 95 lbs. (43 kg), 230 volt, 50 Hz with Easy-Mark Software**
1
Part Number
Material
Color
Length/
Diameter
Width
Custom Marking
Parameters*
Used with
Pan-Steel ®
Cable Ties**
Thickness
Std.
Pkg.
Qty.^
Std.
Ctn.
Qty.
Max. 3/16"
(4.77mm)
Character
Per Line
Max.
Lines
of Text
In.
mm
In.
mm
In.
mm
Pan-Steel® Marker Plates
MMP350-M
304 Stainless Steel
Natural
3.50
89
.75
19
18
3
MLT-S
.010
.25
1000
4000
MMP350-M316
316 Stainless Steel
MMP350H-M
304 Stainless Steel
16
3
MLT-H
MMP350H-M316
316 Stainless Steel
MMP350H-MALBU
Anodized
Aluminum
Blue
MLT1H-LPAL
MLT2H-LPAL
and
MLT4H-LPAL
MMP350H-MALGR
Green
MMP350H-MALRD
Red
MMP350H-MALBL
Black
MMP350H-MALYL
Yellow
MMP350H-MAL
Aluminum
Natural
MMP350HW54-MAL
Aluminum
.54
13.7
16
2
.012
.3
MMP350W38-M
304 Stainless Steel
.38
10
18
1
MLT-S
.010
.25
MMP350W38-M316
316 Stainless Steel
Part Number
Description
Std.
Pkg.
Qty.^
Tool Kit
MEHT187
Includes tool, additional marking wheel, carrying case, one roll each META (aluminum)
and METS (stainless steel) tape.
Characters included:
A B C D E F G H I J K L M N O P Q R S T U V W X Y Z 1 2 3 4 5 6 7 8 9 / ( )
1
TM26319B01
Embossing Wheel Replacement Kit
1
Tape
META-X
.50” x 16’ (12.7mm x 4.9m) aluminum tape*.
10
METS3-X
.50” x 21’ (12.7mm x 6.4m) 316 grade stainless steel tape.
10
METS4-X
.50” x 21’ (12.7mm x 6.4m) 304 grade stainless steel tape.
10


Similar Part No. - MMP350H-MALRD

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
MMP350H-CAL PANDUIT-MMP350H-CAL Datasheet
84Kb / 1P
   Aluminum Marker Plates ??Pan-Alum??MMP Series
MMP350H-CALBL PANDUIT-MMP350H-CALBL Datasheet
84Kb / 1P
   Aluminum Marker Plates ??Pan-Alum??MMP Series
MMP350H-CALBU PANDUIT-MMP350H-CALBU Datasheet
84Kb / 1P
   Aluminum Marker Plates ??Pan-Alum??MMP Series
MMP350H-CALGR PANDUIT-MMP350H-CALGR Datasheet
84Kb / 1P
   Aluminum Marker Plates ??Pan-Alum??MMP Series
MMP350H-CALRD PANDUIT-MMP350H-CALRD Datasheet
84Kb / 1P
   Aluminum Marker Plates ??Pan-Alum??MMP Series
More results

Similar Description - MMP350H-MALRD

ManufacturerPart #DatasheetDescription
logo
Pepperl+Fuchs Inc.
OIT500-F113-B17-CB PF-OIT500-F113-B17-CB Datasheet
951Kb / 4P
   High temperature identification system
logo
TE Connectivity Ltd
ZHD-SCE TEC-ZHD-SCE Datasheet
2Mb / 4P
   HEAT SHRINK IDENTIFICATION SYSTEM
logo
Pepperl+Fuchs Inc.
OIT300-F113-B12-CB2 PF-OIT300-F113-B12-CB2 Datasheet
316Kb / 3P
   High temperature identification system
OIT500-F113-B12-CB3 PF-OIT500-F113-B12-CB3 Datasheet
728Kb / 5P
   High temperature identification system
OIT1500-F113-B12-CB PF-OIT1500-F113-B12-CB Datasheet
317Kb / 3P
   High temperature identification system
OIT200-F113-B12-CB PF-OIT200-F113-B12-CB Datasheet
348Kb / 3P
   High temperature identification system
OIT500-F113-B12-CB PF-OIT500-F113-B12-CB Datasheet
312Kb / 3P
   High temperature identification system
logo
NXP Semiconductors
TDA3576B PHILIPS-TDA3576B Datasheet
660Kb / 13P
   SYNC COMBINATION WITH TRANMITTER IDENTIFICATION AND VERTICAL 624 DIVIDER SYSTEM
November 1982
TDA3571B PHILIPS-TDA3571B Datasheet
529Kb / 11P
   SYNC COMBINATION WITH TRANSMITTER IDENTIFICATION AND VERTICAL 625 DIVIDER SYSTEM
October 1982
logo
Balluff Korea Ltd.
BVS001C BALLUFF-BVS001C Datasheet
180Kb / 3P
   Optical Identification
0.52_2021-12-17
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com