Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PLF1MB-C Datasheet(PDF) 6 Page - PANDUIT CORP.

Part # PLF1MB-C
Description  Material & Color Availability Chart
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PLF1MB-C Datasheet(HTML) 6 Page - PANDUIT CORP.

Back Button PLF1MB-C Datasheet HTML 2Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 3Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 4Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 5Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 6Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 7Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 8Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 9Page - PANDUIT CORP. PLF1MB-C Datasheet HTML 10Page - PANDUIT CORP. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
Part Number System for Dome‐Top® Barb Ty & Dura‐Ty™ Cable Ties 
BT
2
S
C
Type
Size
Cross Section
Screw Hole Size
(Clamp Ties Only)
Package Size
Material /
Color
BT
BC
BF
BM
BP
BW
DT
= Locking Tie
= Clamp Tie
= Flag Tie
= Marker Tie
= Push Mount Tie
= Wing Push Mount Tie
= Locking Tie
Approx.
Maximum
Bundle
Dia. (In)
M
I
S
LH
H
EH
= Miniature
= Intermediate
= Standard
= Light-Heavy
= Heavy
= Extra-Heavy
─S4
─S6
─S8
─S10
─S25
= #4 (M2.5)
= #6 (M3)
= #8 (M4)
= #10 (M5)
= 1/4 (M6)
Q
L
C
TL
D
M
LR
= 25
= 50
= 100
= 250
= 500
= 1000
= 50’ Reel
See below
Material and Color Chart
Material
Color
Panduit
Suffix
Material
Color
Panduit
Suffix
Nylon 6.6
Natural
Nylon 6.6
Gray
8
Weather Resistant Nylon 6.6
Black
0
Nylon 6.6
White
10
Nylon 6.6
Brown
1
Nylon 6.6
Telephone Gray
14
Nylon 6.6
Red
2
Nylon 6.6
Black
20
Nylon 6.6
Orange
3
Heat Stabilized Nylon 6.6
Black
30
Nylon 6.6
Yellow
4Y
Heat Stabilized Nylon 6.6
Natural
39
Nylon 6.6
Green
5
Flame Retardant Nylon 6.6
Natural (Ivory)
69
Nylon 6.6
Blue
6
Weather Resistant Acetal
Black
*
Nylon 6.6
Purple
7
Heat Stabilized Weather
Resistant Nylon 6.6
Black
300
Denotes Panduit Natural Nylon 6.6 (no suffix).
*
Denotes Dura-Ty
Weather Resistant Acetal material (no suffix).
Part Number Availability List
Standard Packaging
Bulk Packaging
Part Number
Natural
Nylon 6.6
Material/Color Suffix
Part Number
Natural
Nylon 6.6
Material/Color Suffix
BC1M-S4-M
0
BC2M-S4-M
0
BC1.5I-S8-M
0
BC2S-S10-C
0
BC2S-S10-D
0
BC3S-S10-D
0
BC4S-S10-C
0
BC4S-S10-D
0, 30
BC4LH-S25-L
0
BC4LH-S25-TL
0
BF1M-C
BF1M-M
0
BF2M-C
BF2M-M
0
BM1M-C
BM1M-M
0
BM2M-C
BM2M-M
0
BM2S-C
BM2S-D
0
BM4S-C
BM4S-D
0
BP2S-D
0
BT1M-C
0, 30
BT1M-M
0, 1, 2, 3, 4Y, 5, 6, 7, 8, 10, 30, 39, 69,
300
BT1M-XMR
0, 30
BT1.5M-C
0
BT1.5M-M
0, 30, 69
BT1.5M-XMR
0, 30, 69
BT2M-C
0
BT2M-M
0, 2, 3, 4Y, 5, 6, 8, 30
BT4M-C
0
BT4M-M
0
BT1.5I-C
0
BT1.5I-M
0, 1, 2, 3, 4Y, 5, 6, 7, 8, 10, 30, 39
BT2I-C
0
BT2I-M
0, 30, 69, 300
BT3I-C
0
BT3I-M
0, 14, 30


Similar Part No. - PLF1MB-C

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
PLF10D1 ADAM-TECH-PLF10D1 Datasheet
163Kb / 1P
   EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
PLF10D32 ADAM-TECH-PLF10D32 Datasheet
163Kb / 1P
   EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
PLF10DZ2 ADAM-TECH-PLF10DZ2 Datasheet
163Kb / 1P
   EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
PLF10DZ2KR ADAM-TECH-PLF10DZ2KR Datasheet
163Kb / 1P
   EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
PLF10DZ2R ADAM-TECH-PLF10DZ2R Datasheet
163Kb / 1P
   EMI/RFI POWER LINE FILTERS PCB & CHASSIS MOUNT FILTERS
More results

Similar Description - PLF1MB-C

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
D38999-26JA35SA AMPHENOL-D38999-26JA35SA Datasheet
2Mb / 53P
   Insert Availability and Identification Chart
20MJ35SN AMPHENOL-20MJ35SN Datasheet
2Mb / 53P
   Insert Availability and Identification Chart
D38999-20FC98PN AMPHENOL-D38999-20FC98PN Datasheet
2Mb / 53P
   Insert Availability and Identification Chart
D38999-24WF35SN AMPHENOL-D38999-24WF35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
MS27473T8F98S AMPHENOL-MS27473T8F98S Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
D38999-20FE35SN AMPHENOL-D38999-20FE35SN Datasheet
2Mb / 53P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
M39029-58-362 AMPHENOL-M39029-58-362 Datasheet
1Mb / 43P
   MIL-DTL-38999, Series I LJT, II JT, III TV Insert Availability and Identification Chart
logo
List of Unclassifed Man...
GLSERIESCHART1 ETC2-GLSERIESCHART1 Datasheet
2Mb / 13P
   GL SERIES CHART 1
logo
FCI connector
WCB10 FCI-CONNECTOR-WCB10 Datasheet
46Kb / 1P
   BURNDY WEJTAP SELECTION CHART
logo
Extech Instruments Corp...
RH520 EXTECH-RH520 Datasheet
389Kb / 15P
   Humidity-Temperature Chart Recorder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com