Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

484-10UTC-S400-A6 Datasheet(PDF) 5 Page - Everlight Electronics Co., Ltd

Part # 484-10UTC-S400-A6
Description  3 mm Round LED (T-1 3/4 )
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

484-10UTC-S400-A6 Datasheet(HTML) 5 Page - Everlight Electronics Co., Ltd

  484-10UTC-S400-A6 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 484-10UTC-S400-A6 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 484-10UTC-S400-A6 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 484-10UTC-S400-A6 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 484-10UTC-S400-A6 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 484-10UTC-S400-A6 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
LifecyclePhase:
Revision
: 1
Expired Period: Forever
Release Date:2009-06-05 14:24:08.0
Technical Data Sheet
3 mm Round LED (T-1 3/4 )
Typical Electro-Optical Characteristics Curves
Rev: 1
Page:
5 of 6
Established date:
484-10UTC/S400-A6
Relative Intensity vs. Wavelength
Forward Current vs. Forward Voltage
Established by:
Li Hui
Everlight Electronics Co., Ltd.
http://www.everlight.com
Device Number:
DLE-0001553
2009/5/26
Relative Intensity vs. Forward Current
Forward Current vs. Ambient Temp.
Chromaticity Coordinate vs. Forward Current
Relative Intensity vs. Angle Dispacemen
350
400
450
500
550
600
650
700
750
800
0.0
0.2
0.4
0.6
0.8
1.0
Wavelength(nm)
2.0
2.5
3.0
3.5
4.0
4.5
0
5
10
15
20
25
Forward Voltage(V)
0
20
40
60
80
100
0
5
10
15
20
25
30
Ambient Temperature Ta(
OC)
0
5
10
15
20
25
0.0
0.5
1.0
1.5
Forward Current(mA)
0
10
20
30
40
50
0.260
0.270
0.280
0.290
0.300
Forward Current(mA)
x
y


Similar Part No. - 484-10UTC-S400-A6

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
484-10UTC-S400-A6 EVERLIGHT-484-10UTC-S400-A6 Datasheet
208Kb / 6P
   3 mm Round LED
More results

Similar Description - 484-10UTC-S400-A6

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9_13 Datasheet
123Kb / 8P
   3 mm Round LED (T-1)
234 EVERLIGHT-234 Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB Datasheet
101Kb / 9P
   3 mm Round LED (T-1)
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_11 Datasheet
252Kb / 12P
   3 mm Round LED (T-1)
3384-15UTC EVERLIGHT-3384-15UTC Datasheet
79Kb / 6P
   5.0 mm Round LED (T-1 3/4 )
234-T2C3-1PSB EVERLIGHT-234-T2C3-1PSB Datasheet
101Kb / 8P
   3 mm Round LED (T-1)
3384-15UTC-S400 EVERLIGHT-3384-15UTC-S400 Datasheet
77Kb / 6P
   5.0 mm Round LED (T-1 3/4 )
7343-R5C2-AQTB EVERLIGHT-7343-R5C2-AQTB Datasheet
97Kb / 7P
   5 mm Round LED, T-1 3/4
T2C5-1MQB EVERLIGHT-T2C5-1MQB Datasheet
133Kb / 10P
   5 mm Round White LED (T-1 3/4)
204-15-T2C3-1LQA EVERLIGHT-204-15-T2C3-1LQA Datasheet
105Kb / 10P
   3 mm Round White LED (T-1)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com