Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

APS-12D-1-02-TR8 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # APS-12D-1-02-TR8
Description  Surface - Mount Digital Ambient Light Sensor with Proximity Sensor
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

APS-12D-1-02-TR8 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  APS-12D-1-02-TR8 Datasheet HTML 1Page - Everlight Electronics Co., Ltd APS-12D-1-02-TR8 Datasheet HTML 2Page - Everlight Electronics Co., Ltd APS-12D-1-02-TR8 Datasheet HTML 3Page - Everlight Electronics Co., Ltd APS-12D-1-02-TR8 Datasheet HTML 4Page - Everlight Electronics Co., Ltd APS-12D-1-02-TR8 Datasheet HTML 5Page - Everlight Electronics Co., Ltd APS-12D-1-02-TR8 Datasheet HTML 6Page - Everlight Electronics Co., Ltd APS-12D-1-02-TR8 Datasheet HTML 7Page - Everlight Electronics Co., Ltd APS-12D-1-02-TR8 Datasheet HTML 8Page - Everlight Electronics Co., Ltd APS-12D-1-02-TR8 Datasheet HTML 9Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Everlight Electronics Co., Ltd.
http://www.everlight.com
Document No: DLS-0000035 Rev 1.0
Jun. 07. 2011.
1
Surface - Mount Digital
Ambient Light Sensor with Proximity Sensor
APS-12D-1-02/TR8
Features
Ambient light sensing
• 4 Selectable range: Range 1 = 0.24Lux to 1000Lux
Range 2 = 0.96Lux to 4000Lux
Range 3 = 3.84Lux to 16000Lux
Range 4 = 15.36Lux to 64000Lux
• Human eye type spectral response (IR rejection)
• 12-bit effective resolution
• Provides an output count proportional to ambient light over the full operating range
Proximity sensing
• IR LED driver can adjust current drive from 50mA to 6.25mA
• 12-bit effective resolution
• Storage temperature range from -40 to 100°C
• Operating temperature range from -40°C to 85°C
• Operating voltage range: 2.25V ~ 3.5V
• Size: 2.1mm (L) x 2.0mm (W) x 0.6mm (H)
• RoHS compliant and Pb Free package
Description
APS-12D-1-02/TR8 is a digital-output light sensor, combining two photodiodes and signal
processing circuit on a single CMOS integrated circuit to provide light measurements over an
effective 12-bit dynamic range with a response similar to that of human eye. The integrating
conversion technique employed by the APS-12D-1-02/TR8 effectively eliminates the effect of
flicker from AC-powered lamps, increasing the stability of the measurement. Connected with an
infrared LED (IRED), the built-in proximity sensor can reveal the closeness of
approaching/departing objects. This device is intended primarily for use in applications in which
measurement of ambient light and proximity sensing is a must, such as laptop computers, PDAs,
camcorders, and GPS systems.
Applications
• Detection of ambient light for controlling the backlighting of TFT LCD display
• Automatic residential and commercial lighting management
• Automatic contrast enhancement for electronic signboard
• Mobile phone, Notebook PC, Net PC, UMPC, GPS… etc.


Similar Part No. - APS-12D-1-02-TR8

ManufacturerPart #DatasheetDescription
logo
United Chemi-Con, Inc.
APS-100ESS271MHB5S CHEMI-CON-APS-100ESS271MHB5S Datasheet
36Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APS-100ESS471MJC5S CHEMI-CON-APS-100ESS471MJC5S Datasheet
36Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APS-160ELL181 CHEMI-CON-APS-160ELL181 Datasheet
47Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APS-160ESS181MHB5S CHEMI-CON-APS-160ESS181MHB5S Datasheet
36Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
APS-160ESS331MJC5S CHEMI-CON-APS-160ESS331MJC5S Datasheet
36Kb / 2P
   CONDUCTIVE POLYMER ALUMINUM SOLID CAPACITORS
More results

Similar Description - APS-12D-1-02-TR8

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NOA3301 ONSEMI-NOA3301 Datasheet
658Kb / 23P
   Digital Proximity Sensor with Ambient Light Sensor and Interrupt
February, 2013 - Rev. 2
logo
AVAGO TECHNOLOGIES LIMI...
APDS-9900 AVAGO-APDS-9900 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
APDS-9930 AVAGO-APDS-9930 Datasheet
1Mb / 34P
   Digital Proximity and Ambient Light Sensor
APDS-9901 AVAGO-APDS-9901 Datasheet
1Mb / 28P
   Digital Proximity and Ambient Light Sensor
logo
Rohm
RPR-0521RS-EVK-001 ROHM-RPR-0521RS-EVK-001 Datasheet
663Kb / 3P
   Proximity Sensor/Ambient Light Sensor
logo
Renesas Technology Corp
ISL29015 RENESAS-ISL29015 Datasheet
852Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
Intersil Corporation
ISL29015 INTERSIL-ISL29015 Datasheet
596Kb / 13P
   Integrated Digital Ambient Light Sensor and Proximity Sensor
logo
Renesas Technology Corp
ISL29011 RENESAS-ISL29011 Datasheet
1Mb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
logo
Intersil Corporation
ISL29011IROZ-T7 INTERSIL-ISL29011IROZ-T7 Datasheet
822Kb / 19P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
May 1, 2014
ISL29011 INTERSIL-ISL29011 Datasheet
631Kb / 15P
   Digital Ambient Light Sensor and Proximity Sensor with Interrupt Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com