Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ELSS-206SURWA Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # ELSS-206SURWA
Description  0.20" Single Digit SMD Display
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ELSS-206SURWA Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

  ELSS-206SURWA Datasheet HTML 1Page - Everlight Electronics Co., Ltd ELSS-206SURWA Datasheet HTML 2Page - Everlight Electronics Co., Ltd ELSS-206SURWA Datasheet HTML 3Page - Everlight Electronics Co., Ltd ELSS-206SURWA Datasheet HTML 4Page - Everlight Electronics Co., Ltd ELSS-206SURWA Datasheet HTML 5Page - Everlight Electronics Co., Ltd ELSS-206SURWA Datasheet HTML 6Page - Everlight Electronics Co., Ltd ELSS-206SURWA Datasheet HTML 7Page - Everlight Electronics Co., Ltd ELSS-206SURWA Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
Technical Data Sheet
0.20" Single Digit SMD Display
ELSS-206SURWA/S530-A3/S290
Everlight Electronics Co., Ltd.
http://www.everlight.com
Rev.
2
Page 7 of 8
Device No: DDF-0000356
Prepared date: 2009/06/04
Prepared by: Sun Li
Package Dimensions
D(
330
)
A(24.5)
B(2.30)
4
3
2
03 03
6
P S
R1
E
G
Taping Dimensions
P2(2.0)
P0(4.0)
P(12.0)
T
K0(2.8)
A1(7.5)
A2(4.0)
A0(8.5)
D1(1.5)


Similar Part No. - ELSS-206SURWA

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ELSS-206UYWA EVERLIGHT-ELSS-206UYWA Datasheet
230Kb / 8P
   0.20" Single Digit SMD Display
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com