Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IRM-8751K-2 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # IRM-8751K-2
Description  Infrared Remote Control Receiver Module
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

IRM-8751K-2 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  IRM-8751K-2 Datasheet HTML 1Page - Everlight Electronics Co., Ltd IRM-8751K-2 Datasheet HTML 2Page - Everlight Electronics Co., Ltd IRM-8751K-2 Datasheet HTML 3Page - Everlight Electronics Co., Ltd IRM-8751K-2 Datasheet HTML 4Page - Everlight Electronics Co., Ltd IRM-8751K-2 Datasheet HTML 5Page - Everlight Electronics Co., Ltd IRM-8751K-2 Datasheet HTML 6Page - Everlight Electronics Co., Ltd IRM-8751K-2 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
Infrared Remote Control
Receiver Module
Everlight Electronics Co., Ltd.
3
http://www.everlight.com
Document No:DMO-0000031
Rev. 1
December,24, 2008
IRM-8751K-2
Absolute Maximum Ratings (Ta=25°C)
Parameter
Symbol
Rating
Unit
Supply Voltage
Vcc
6
V
Operating Temperature
Topr
-25 ~ +85
Storage Temperature
Tstg
-40 ~ +85
Soldering Temperature
*1
Tsol
260
*1 4mm from mold body less than 10 seconds
Electro-Optical Characteristics (Ta=25℃ and Vcc=5.0V)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Condition
Consumption Current
Icc
---
---
2
mA
No signal input
B.P.F Center Frequency
Fo
---
36
---
KHz
Peak Wavelength
λp
---
940
---
nm
L0
8
---
---
Reception Distance
L45
4
---
---
m
Half Angle(Horizontal)
Θh
---
45
---
deg
At the ray axis
*2
Half Angle(Vertical)
Θv
---
45
---
deg
High Level Pulse Width
TH
400
---
800
μs
Low Level Pulse Width
TL
400
---
800
μs
At the ray axis
*3
High Level Output Voltage
VH
4.5
---
---
V
Low Level Output Voltage
VL
---
0.2
0.5
V
*2. The ray receiving surface at a vertex and relation to the ray axis in the range of θ=0° and θ=45°.
*3. A range from 30cm to the arrival distance. Average value of 50 pulses.


Similar Part No. - IRM-8751K-2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8751K-1 EVERLIGHT-IRM-8751K-1 Datasheet
185Kb / 7P
   Infrared Remote Control Receiver Module
More results

Similar Description - IRM-8751K-2

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
IRM-8885V-P EVERLIGHT-IRM-8885V-P Datasheet
231Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8751-2 EVERLIGHT-IRM-8751-2 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2638AF31 EVERLIGHT-IRM-2638AF31 Datasheet
220Kb / 9P
   Infrared Remote-control Receiver Module
IRM-2738F4 EVERLIGHT-IRM-2738F4 Datasheet
295Kb / 10P
   Infrared Remote-control Receiver Module
IRM-8608S-5 EVERLIGHT-IRM-8608S-5 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
logo
List of Unclassifed Man...
IRM-2638V ETC-IRM-2638V Datasheet
197Kb / 9P
   Infrared Remote-control Receiver Module
logo
Everlight Electronics C...
IRM-H6XXT EVERLIGHT-IRM-H6XXT Datasheet
223Kb / 11P
   Infrared Remote-control Receiver Module
IRM-8751-1 EVERLIGHT-IRM-8751-1 Datasheet
251Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3633AF4 EVERLIGHT-IRM-3633AF4 Datasheet
235Kb / 9P
   Infrared Remote-control Receiver Module
IRM-3736 EVERLIGHT-IRM-3736 Datasheet
256Kb / 9P
   Infrared Remote-control Receiver Module
IRM-8608S-2 EVERLIGHT-IRM-8608S-2 Datasheet
250Kb / 9P
   Infrared Remote-control Receiver Module
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com