Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITR8010 Datasheet(PDF) 4 Page - Everlight Electronics Co., Ltd

Part # ITR8010
Description  Opto Interrupter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR8010 Datasheet(HTML) 4 Page - Everlight Electronics Co., Ltd

  ITR8010_09 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ITR8010_09 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ITR8010_09 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR8010_09 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR8010_09 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR8010_09 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ITR8010_09 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev
:1
Page
:4 of 7
Device No
:CDRX-810-010
Prepared date
:2006/12/29
Prepared by
:Kunjiang Xie
-20
0.6
0.9
0.7
0.8
1.0
0.2
0.4
0
0.2 0.4 0.6
50
70
80
60
40
30
-10
0
20
10
0
20
40
60
80
100
IF=20mA
Ta=25°C
25
1
1.1
1.2
1.3
50
75
100
120
IF=20mA
75
-25
0
25
50
100
900
920
940
960
980
0
10
10
1
10
2
3
10
4
1
2
3
4
0
-40
-20
40
20
0
60
100
80
70
60
50
40
30
20
10
ITR8010
█ Typical Electrical/Optical/Characteristics Curves for IR
Fig.1 Forward Current vs.
Fig.2 Spectral Distribution
Ambient Temperature
Fig.3
Peak Emission Wavelength
Fig.4
Forward Current
vs. Ambient Temperature
vs. Forward Voltage
Fig.5 Forward Current vs
Fig.6 Relative Radiant Intensity vs.
Ambient Temperature(°C)
Angular Displacement


Similar Part No. - ITR8010_09

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR8010 EVERLIGHT-ITR8010 Datasheet
253Kb / 8P
   GALLIUM ARSENIDE INFRARED EMITTING DIODE
More results

Similar Description - ITR8010_09

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR9909 EVERLIGHT-ITR9909 Datasheet
246Kb / 7P
   Opto Interrupter
ITR9809-F EVERLIGHT-ITR9809-F Datasheet
305Kb / 7P
   Opto Interrupter
ITR9813 EVERLIGHT-ITR9813 Datasheet
235Kb / 8P
   Opto Interrupter
EAITRBA2 EVERLIGHT-EAITRBA2 Datasheet
383Kb / 9P
   Opto Interrupter
EAITRCA1 EVERLIGHT-EAITRCA1 Datasheet
471Kb / 9P
   Opto Interrupter
EAITRDA3 EVERLIGHT-EAITRDA3 Datasheet
512Kb / 9P
   Opto Interrupter
EAITRDA8 EVERLIGHT-EAITRDA8 Datasheet
371Kb / 9P
   Opto Interrupter
ITR9803 EVERLIGHT-ITR9803 Datasheet
332Kb / 7P
   Opto Interrupter
ITR8307-F43 EVERLIGHT-ITR8307-F43_09 Datasheet
229Kb / 9P
   Opto Interrupter
ITR20510-TR8 EVERLIGHT-ITR20510-TR8 Datasheet
259Kb / 10P
   Opto Interrupter
ITR8104 EVERLIGHT-ITR8104 Datasheet
651Kb / 8P
   Opto Interrupter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com