Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ITR8010 Datasheet(PDF) 6 Page - Everlight Electronics Co., Ltd

Part # ITR8010
Description  Opto Interrupter
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

ITR8010 Datasheet(HTML) 6 Page - Everlight Electronics Co., Ltd

  ITR8010_09 Datasheet HTML 1Page - Everlight Electronics Co., Ltd ITR8010_09 Datasheet HTML 2Page - Everlight Electronics Co., Ltd ITR8010_09 Datasheet HTML 3Page - Everlight Electronics Co., Ltd ITR8010_09 Datasheet HTML 4Page - Everlight Electronics Co., Ltd ITR8010_09 Datasheet HTML 5Page - Everlight Electronics Co., Ltd ITR8010_09 Datasheet HTML 6Page - Everlight Electronics Co., Ltd ITR8010_09 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
Everlight Electronics Co., Ltd.
http:\\www.everlight.com
Rev
:1
Page
:6 of 7
Device No
:CDRX-810-010
Prepared date
:2006/12/29
Prepared by
:Kunjiang Xie
ITR8010
Reliability Test Item And Condition
The reliability of products shall be satisfied with items listed below.
Confidence level:90%
LTPD:10%
NO.
Item
Test Condition
Test
Hours/
Cycle
Sample
Size
Failure
Judgement
Criteria
Ac/R
e
1
Solder
Heat
TEMP : 260℃ ± 5 ℃
10 sec 22 PCs
0/1
2
Temperature
Cycle
H : +100
15 min
5 min
L : -40
15 min
300
cycle
22 PCs
Ee≦L×0.8
VF≦U
0/1
3
Thermal Shock
H : +100
5 min
10 sec
L : -10
5 min
300
cycle
22 PCs
U :Upper
specification
limit
L :the initial
test value
0/1
4
High
Temperature
Storage
TEMP. : +100
1000
hrs
22 PCs
0/1
5
Low
Temperature
Storage
TEMP. : -40
1000
hrs
22 PCs
0/1
6
DC Operating
Life
VCE=5V
IF=20mA
1000
hrs
22 PCs
0/1
7
High
Temperature /
High Humidity
85
℃ / 85% R.H.
1000
hrs
22 PCs
0/1


Similar Part No. - ITR8010_09

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR8010 EVERLIGHT-ITR8010 Datasheet
253Kb / 8P
   GALLIUM ARSENIDE INFRARED EMITTING DIODE
More results

Similar Description - ITR8010_09

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
ITR9909 EVERLIGHT-ITR9909 Datasheet
246Kb / 7P
   Opto Interrupter
ITR9809-F EVERLIGHT-ITR9809-F Datasheet
305Kb / 7P
   Opto Interrupter
ITR9813 EVERLIGHT-ITR9813 Datasheet
235Kb / 8P
   Opto Interrupter
EAITRBA2 EVERLIGHT-EAITRBA2 Datasheet
383Kb / 9P
   Opto Interrupter
EAITRCA1 EVERLIGHT-EAITRCA1 Datasheet
471Kb / 9P
   Opto Interrupter
EAITRDA3 EVERLIGHT-EAITRDA3 Datasheet
512Kb / 9P
   Opto Interrupter
EAITRDA8 EVERLIGHT-EAITRDA8 Datasheet
371Kb / 9P
   Opto Interrupter
ITR9803 EVERLIGHT-ITR9803 Datasheet
332Kb / 7P
   Opto Interrupter
ITR8307-F43 EVERLIGHT-ITR8307-F43_09 Datasheet
229Kb / 9P
   Opto Interrupter
ITR20510-TR8 EVERLIGHT-ITR20510-TR8 Datasheet
259Kb / 10P
   Opto Interrupter
ITR8104 EVERLIGHT-ITR8104 Datasheet
651Kb / 8P
   Opto Interrupter
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com