Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

QA2000-010 Datasheet(PDF) 1 Page - Honeywell Accelerometers

Part # QA2000-010
Description  The inertial navigation standard
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONEYWELL-ACC [Honeywell Accelerometers]
Direct Link  http://www.inertialsensor.com
Logo HONEYWELL-ACC - Honeywell Accelerometers

QA2000-010 Datasheet(HTML) 1 Page - Honeywell Accelerometers

  QA2000-010 Datasheet HTML 1Page - Honeywell Accelerometers QA2000-010 Datasheet HTML 2Page - Honeywell Accelerometers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Q-Flex
® QA-2000
Accelerometer
The inertial navigation standard
As the inertial navigation standard by which others are
measured, Honeywell produces the QA2000. It is the
predominant sensor used in today’s commercial and military
aircraft strap-down inertial navigation systems. The long-term
Repeatability and superior reliability characteristics of the
QA2000 make it the best value inertial-grade accelerometer
available on the market today.
As with the entire Q-Flex family of accelerometers, the QA2000
features a patented Q-Flex® etched-quartz-flexure seismic
system. An amorphous quartz proof-mass structure provides
excellent bias, scale factor, and axis alignment Repeatability.
The integral electronics develops an acceleration-proportional
output current providing both static and dynamic acceleration
measurement. By use of customer supplied output load resistor,
appropriately scaled for the acceleration range of the application,
the output current can be converted into a voltage.
The QA2000 also includes a current-output, internal temperature
sensor. By applying temperature-compensating algorithms, bias,
scale factor, and axis misalignment performance are dramatically
improved.
Features
Excellent turn-on repeatability performance
Environmentally rugged
Analog output
Field-adjustable range
Three fastener precision mounting flange
Internal temperature sensor for thermal compensation
Dual built-in self-test
Configuration Drawings


Similar Part No. - QA2000-010

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
QA2401C-20 MORNSUN-QA2401C-20 Datasheet
1,020Kb / 4P
   Ultra low isolation capacitance
logo
Microdc power Technolog...
QA2405XS MICRODC-QA2405XS Datasheet
411Kb / 2P
   0.25W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
QA2405XT MICRODC-QA2405XT Datasheet
559Kb / 3P
   0.25W, Fixed Input, Isolated Dual/Single Output SMD DC-DC CONVERTER
QA2409XS MICRODC-QA2409XS Datasheet
411Kb / 2P
   0.25W, FIXED INPUT, ISOLATED&UNREGULATED DUAL/SINGLE OUTPUT DC-DC CONVERTER
logo
MORNSUN Science& Techno...
QA241 MORNSUN-QA241 Datasheet
1Mb / 4P
   Ultra Compact SIP package
More results

Similar Description - QA2000-010

ManufacturerPart #DatasheetDescription
logo
Honeywell Accelerometer...
QA-3000 HONEYWELL-ACC-QA-3000 Datasheet
71Kb / 2P
   Highest inertial navigation-grade performance
logo
Suntsu Electronics, Inc...
SATCA-10A3C3J-GPB4 SUNTSU-SATCA-10A3C3J-GPB4 Datasheet
993Kb / 4P
   Navigation Systems
logo
Sonardyne sound in dept...
8026 SONARDYNE-8026 Datasheet
560Kb / 2P
   Navigation Computer
logo
E-SWITCH
JS5208 E-SWITCH-JS5208 Datasheet
74Kb / 1P
   NAVIGATION SWITCHES
JS1300 E-SWITCH-JS1300 Datasheet
198Kb / 1P
   NAVIGATION SWITCHES
logo
Suntsu Electronics, Inc...
SATCA-10A3C2A-GPB1 SUNTSU-SATCA-10A3C2A-GPB1 Datasheet
1Mb / 6P
   Navigation Systems
logo
ITT Industries
EGN-D-O100A ITT-EGN-D-O100A Datasheet
227Kb / 2P
   Analog Navigation Disc
logo
AVAGO TECHNOLOGIES LIMI...
AMRI-1000 AVAGO-AMRI-1000 Datasheet
336Kb / 6P
   Mobile Navigation Interface IC for Navigation Pad Module
logo
Freescale Semiconductor...
MMA26XXNKW FREESCALE-MMA26XXNKW Datasheet
414Kb / 44P
   DSI Inertial Sensor
MMA16XXKW FREESCALE-MMA16XXKW Datasheet
423Kb / 45P
   DSI Inertial Sensor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com