Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MC74VHC4066 Datasheet(PDF) 6 Page - ON Semiconductor

Part # MC74VHC4066
Description  Quad Analog Switch/Multiplexer/Demultiplexer
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

MC74VHC4066 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button MC74VHC4066_11 Datasheet HTML 2Page - ON Semiconductor MC74VHC4066_11 Datasheet HTML 3Page - ON Semiconductor MC74VHC4066_11 Datasheet HTML 4Page - ON Semiconductor MC74VHC4066_11 Datasheet HTML 5Page - ON Semiconductor MC74VHC4066_11 Datasheet HTML 6Page - ON Semiconductor MC74VHC4066_11 Datasheet HTML 7Page - ON Semiconductor MC74VHC4066_11 Datasheet HTML 8Page - ON Semiconductor MC74VHC4066_11 Datasheet HTML 9Page - ON Semiconductor MC74VHC4066_11 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
MC74VHC4066
http://onsemi.com
6
0
20
40
60
80
100
120
140
160
180
200
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
Vis, INPUT VOLTAGE (VOLTS), REFERENCED TO GROUND
+25 _C
+125_C
−55_C
Figure 3. Typical On Resistance, VCC = 4.5 V
Figure 4. Typical On Resistance, VCC = 6.0 V
0
10
20
30
40
50
60
70
80
90
0.00
0.50
1.00
1.50
2.00
2.50
3.00
3.50
4.00
4.50
5.00
5.50
6.00
+25 _C
+125_C
−55_C
Vis, INPUT VOLTAGE (VOLTS), REFERENCED TO GROUND


Similar Part No. - MC74VHC4066_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74VHC4066 ONSEMI-MC74VHC4066_14 Datasheet
147Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
September, 2014 ??Rev. 7
More results

Similar Description - MC74VHC4066_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MC74LVX4066 ONSEMI-MC74LVX4066_11 Datasheet
196Kb / 13P
   Quad Analog Switch/Multiplexer/Demultiplexer
May, 2011 ??Rev. 5
MC74LVXT4066 ONSEMI-MC74LVXT4066 Datasheet
265Kb / 12P
   Quad Analog Switch/Multiplexer/Demultiplexer
March, 2000 ??Rev. 1
MC54-74HC4016 ONSEMI-MC54-74HC4016 Datasheet
349Kb / 11P
   Quad Analog Switch/ Multiplexer/Demultiplexer
REV 6
MC74HCT4066A ONSEMI-MC74HCT4066A Datasheet
174Kb / 13P
   Quad Analog Switch Multiplexer/Demultiplexer
November, 2010 ??Rev. 1
MC74HC4316A ONSEMI-MC74HC4316A_14 Datasheet
157Kb / 10P
   Quad Analog Switch/ Multiplexer/Demultiplexer
August, 2014 ??Rev. 9
MC74LVXT4066DTRG ONSEMI-MC74LVXT4066DTRG Datasheet
194Kb / 13P
   Quad Analog Switch/ Multiplexer/Demultiplexer
May, 2011 ??Rev. 3
MC74HC4067ADTG ONSEMI-MC74HC4067ADTG Datasheet
170Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
June, 2013 ??Rev. 1
logo
Motorola, Inc
MC54HC4016A MOTOROLA-MC54HC4016A Datasheet
336Kb / 12P
   Quad Analog Switch Multiplexer/Demultiplexer
logo
ON Semiconductor
MC74HC4066A ONSEMI-MC74HC4066A_06 Datasheet
239Kb / 16P
   Quad Analog Switch/Multiplexer/Demultiplexer
October, 2006 ??Rev. 8
MC74HC4066A ONSEMI-MC74HC4066A_14 Datasheet
190Kb / 14P
   Quad Analog Switch/ Multiplexer/Demultiplexer
March, 2014 ??Rev. 12
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com