Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NL7WB66 Datasheet(PDF) 4 Page - ON Semiconductor

Part # NL7WB66
Description  Ultra-Small SPST Analog Switch
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NL7WB66 Datasheet(HTML) 4 Page - ON Semiconductor

  NL7WB66_11 Datasheet HTML 1Page - ON Semiconductor NL7WB66_11 Datasheet HTML 2Page - ON Semiconductor NL7WB66_11 Datasheet HTML 3Page - ON Semiconductor NL7WB66_11 Datasheet HTML 4Page - ON Semiconductor NL7WB66_11 Datasheet HTML 5Page - ON Semiconductor NL7WB66_11 Datasheet HTML 6Page - ON Semiconductor NL7WB66_11 Datasheet HTML 7Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
NL7WB66
http://onsemi.com
4
DC ELECTRICAL CHARACTERISTICS − Analog Section
Symbol
Parameter
Condition
VCC
Guaranteed Max Limit
Unit
255C
−40 to 855C
−55 to <1255C
RON
On−State Switch
Resistance
VIS = VCC
IS = 4 mA
VIS = GND
IS = 4 mA
VIS = VCC
IS = 8 mA
VIS = GND
IS = 8 mA
VIS = VCC
IS = 24 mA
VIS = GND
IS = 24 mA
VIS = VCC
IS = 32 mA
VIS = 2.4
IS = 15 mA
VIS = GND
IS = 32 mA
1.65
1.65
2.3
2.3
3.0
3.0
4.5
4.5
4.5
30
15
20
10
15
7.0
10
8.0
5.0
30
15
20
10
15
7.0
10
8.0
5.0
30
15
20
10
15
7.0
10
8.0
5.0
W
RON(p)
Peak On−State Resistance
VIS = VCC to GND, IS = 4 mA
VIN = VIH
IS = 8 mA
IS = 24 mA
IS = 32 mA
1.65
2.3
3.0
4.5
120
30
20
15
120
30
20
15
120
30
20
15
W
D RON
Difference of On−State
Resistance between
Switches
VIS = VCC to GND, IS = 4 mA
VIN = VIH
IS = 8 mA
IS = 24 mA
IS = 32 mA
1.65
2.3
3.0
4.5
1.2
1.3
1.5
2.0
1.2
1.3
1.5
2.0
1.2
1.3
1.5
2.0
W
RFLAT
VIS = VCC to GND IS = 4 mA
IS = 8 mA
IS = 24 mA
IS = 32 mA
1.65
2.3
3.0
4.5
240
60
14
5.0
240
60
14
5.0
240
60
14
5.0
W
INO(OFF)
Off Leakage Current
VIN = VIL
VNO = 1.0 V, VCOM = 4.5 V or
VCOM = 1.0 V and VNO 4.5 V
5.5
1.0
10
100
nA
ICOM(OFF) Off Leakage Current
VIN = VIL
VNO = 4.5 V or 1.0 V
VCOM = 1.0 V or 4.5 V
5.5
1.0
10
100
nA
AC ELECTRICAL CHARACTERISTICS (Input tr = tf = 3.0 ns)
Symbol
Parameter
Test Conditions
Guaranteed Max Limit
Unit
VCC = 1.8 V
$0.15 V
VCC = 2.5 V
$0.2 V
VCC = 3.3 V
$0.3 V
VCC = 5.0 V
$0.5 V
Min
Max
Min
Max
Min
Max
Min
Max
tON
Output Enable Time
2.3
10
1.6
5.6
1.5
4.4
1.3
3.9
ns
tOFF
Output Disable Time
2.5
10.5
1.2
6.9
2.0
7.2
1.1
6.3
ns
tPD
Propagation Delay Time
0.55
0.5
0.35
0.25
ns
Typical @ 255C, VCC = 5.0 V
Unit
CIN
CNO1 or CNO2
CCOM(OFF)
CCOM(ON)
Maximum Input Capacitance, Select Input
Analog I/O (Switch Off)
Common I/O (Switch Off)
Feed−through (Switch Off)
3.0
10
10
10
pF


Similar Part No. - NL7WB66_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL7WB66 ONSEMI-NL7WB66_15 Datasheet
81Kb / 7P
   Ultra-Small SPST Analog Switch
July, 2015 ??Rev. 6
More results

Similar Description - NL7WB66_11

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NL7WB66USG ONSEMI-NL7WB66USG Datasheet
124Kb / 7P
   Ultra-Small SPST Analog Switch
August, 2011 ??Rev. 4
NL7WB66 ONSEMI-NL7WB66 Datasheet
86Kb / 10P
   Ultra-Small SPST Analog Switch
August, 2003 ??Rev. P0
NL7WB66 ONSEMI-NL7WB66_15 Datasheet
81Kb / 7P
   Ultra-Small SPST Analog Switch
July, 2015 ??Rev. 6
logo
Texas Instruments
TS5A3166 TI1-TS5A3166_16 Datasheet
1Mb / 32P
[Old version datasheet]   SPST Analog Switch
logo
ON Semiconductor
NLAST4501 ONSEMI-NLAST4501_06 Datasheet
103Kb / 10P
   Single SPST Analog Switch
May, 2006 ??Rev. 4
NLAS4501 ONSEMI-NLAS4501 Datasheet
135Kb / 10P
   Single SPST Analog Switch
November, 2004 ??Rev. 4
logo
Analog Devices
AD7513 AD-AD7513_15 Datasheet
625Kb / 2P
   DUAL SPST ANALOG SWITCH
logo
Texas Instruments
TS5A4596 TI-TS5A4596_08 Datasheet
456Kb / 18P
[Old version datasheet]   8-??SPST ANALOG SWITCH
TS5A4596 TI1-TS5A4596_14 Datasheet
890Kb / 22P
[Old version datasheet]   8- SPST ANALOG SWITCH
logo
ON Semiconductor
NLAST4501 ONSEMI-NLAST4501 Datasheet
83Kb / 10P
   Single SPST Analog Switch
November, 2003 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com