Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

45-21-LK2C-B56702C4CB2-2T Datasheet(PDF) 7 Page - Everlight Electronics Co., Ltd

Part # 45-21-LK2C-B56702C4CB2-2T
Description  Low Power LED
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

45-21-LK2C-B56702C4CB2-2T Datasheet(HTML) 7 Page - Everlight Electronics Co., Ltd

Back Button 45-21-LK2C-B56702C4CB2-2T Datasheet HTML 3Page - Everlight Electronics Co., Ltd 45-21-LK2C-B56702C4CB2-2T Datasheet HTML 4Page - Everlight Electronics Co., Ltd 45-21-LK2C-B56702C4CB2-2T Datasheet HTML 5Page - Everlight Electronics Co., Ltd 45-21-LK2C-B56702C4CB2-2T Datasheet HTML 6Page - Everlight Electronics Co., Ltd 45-21-LK2C-B56702C4CB2-2T Datasheet HTML 7Page - Everlight Electronics Co., Ltd 45-21-LK2C-B56702C4CB2-2T Datasheet HTML 8Page - Everlight Electronics Co., Ltd 45-21-LK2C-B56702C4CB2-2T Datasheet HTML 9Page - Everlight Electronics Co., Ltd 45-21-LK2C-B56702C4CB2-2T Datasheet HTML 10Page - Everlight Electronics Co., Ltd 45-21-LK2C-B56702C4CB2-2T Datasheet HTML 11Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
DATASHEET
SMD Low Power LED
45-21/XK2C-BXXXXXXXXXX/2T
7
Copyright © 2010, Everlight All Rights Reserved. Release Date : 19.Oct.2011. Issue No: V2
Issue No:
www.everlight.com
Bin Range of Chromaticity Coordinates
CCT
Bin Code
CIE_x
CIE_y
CCT
Bin Code
CIE_x
CIE_y
4500K
~4100K
T5
0.3642
0.3829
3800K
~3500K
R5
0.3963
0.4035
0.3811
0.3937
0.4148
0.4161
0.3783
0.3825
0.4086
0.3995
0.3622
0.3716
0.3924
0.3909
T6
0.3622
0.3716
R6
0.3924
0.3909
0.3783
0.3825
0.4086
0.3995
0.3741
0.3658
0.4021
0.3822
0.3594
0.3557
0.3871
0.3739
4100K
~3800K
S5
0.3811
0.3937
3500K
~3250K
Q5
0.4148
0.4161
0.3963
0.4035
0.4312
0.4234
0.3924
0.3909
0.4240
0.4065
0.3783
0.3825
0.4086
0.3995
S6
0.3783
0.3825
Q6
0.4086
0.3995
0.3924
0.3909
0.4240
0.4065
0.3871
0.3739
0.4165
0.3890
0.3741
0.3658
0.4021
0.3822
3250K
~3050K
P5
0.4312
0.4234
3050K
~2850K
N5
0.4456
0.4287
0.4456
0.4287
0.4614
0.4333
0.4376
0.4116
0.4525
0.4162
0.4240
0.4065
0.4376
0.4116
P6
0.4240
0.4065
N6
0.4376
0.4116
0.4376
0.4116
0.4525
0.4162
0.4294
0.3943
0.4436
0.3991
0.4165
0.3890
0.4294
0.3943
Note:
1. The value is based on driving current by 20mA.
2. Tolerance of Chromaticity Coordinates: ±0.01


Similar Part No. - 45-21-LK2C-B56702C4CB2-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
45-21-LK2C-B56702C4CB2-2T EVERLIGHT-45-21-LK2C-B56702C4CB2-2T Datasheet
434Kb / 16P
   PLCC-2 package
More results

Similar Description - 45-21-LK2C-B56702C4CB2-2T

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
67-21XK2C-BXXXXXXXXX-2T EVERLIGHT-67-21XK2C-BXXXXXXXXX-2T Datasheet
241Kb / 9P
   Low Power LED
45-21S-KK2C-H3535L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3535L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H3030L8M4B2Z6 EVERLIGHT-45-21S-KK2C-H3030L8M4B2Z6 Datasheet
1Mb / 28P
   Low Power LED
45-21S-KK2C-H4040L9N3B2Z6 EVERLIGHT-45-21S-KK2C-H4040L9N3B2Z6 Datasheet
1Mb / 28P
   Low Power LED
DSE-0009300-45-21S-XK2C EVERLIGHT-DSE-0009300-45-21S-XK2C Datasheet
556Kb / 19P
   Low Power LED
DSE-0009381-45-21S-XK2D EVERLIGHT-DSE-0009381-45-21S-XK2D Datasheet
776Kb / 22P
   Low Power LED
EAPL2835RA0 EVERLIGHT-EAPL2835RA0 Datasheet
327Kb / 11P
   Low Power LED
EAPL2835YA0 EVERLIGHT-EAPL2835YA0 Datasheet
767Kb / 10P
   Low Power LED
61-238XK2C-BXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-BXXXXXXXXXX-ET Datasheet
489Kb / 14P
   Low Power LED
61-238XK2C-SXXXXXXXXXX-ET EVERLIGHT-61-238XK2C-SXXXXXXXXXX-ET Datasheet
387Kb / 14P
   Low Power LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com