Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SAB-C501G-1RN Datasheet(PDF) 3 Page - Siemens Semiconductor Group

Part # SAB-C501G-1RN
Description  8-Bit CMOS Microcontroller
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SIEMENS [Siemens Semiconductor Group]
Direct Link  http://www.siemens.com/
Logo SIEMENS - Siemens Semiconductor Group

SAB-C501G-1RN Datasheet(HTML) 3 Page - Siemens Semiconductor Group

  SAB-C501G-1RN Datasheet HTML 1Page - Siemens Semiconductor Group SAB-C501G-1RN Datasheet HTML 2Page - Siemens Semiconductor Group SAB-C501G-1RN Datasheet HTML 3Page - Siemens Semiconductor Group SAB-C501G-1RN Datasheet HTML 4Page - Siemens Semiconductor Group SAB-C501G-1RN Datasheet HTML 5Page - Siemens Semiconductor Group SAB-C501G-1RN Datasheet HTML 6Page - Siemens Semiconductor Group SAB-C501G-1RN Datasheet HTML 7Page - Siemens Semiconductor Group SAB-C501G-1RN Datasheet HTML 8Page - Siemens Semiconductor Group SAB-C501G-1RN Datasheet HTML 9Page - Siemens Semiconductor Group Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 48 page
background image
C501
Semiconductor Group
3
1997-04-01
8-Bit CMOS Microcontroller
Preliminary
C501
Fully compatible to standard 8051 microcontroller
Versions for 12/24/40 MHz operating frequency
Program memory : completely external (C501-L)
8K
× 8 ROM (C501-1R)
8K
× 8 OTP memory (C501-1E)
256
× 8 RAM
Four 8-bit ports
Three 16-bit timers / counters (timer 2 with up/down counter feature)
USART
Six interrupt sources, two priority levels
Power saving modes
Quick Pulse programming algorithm (C501-1E only)
2-Level program memory lock (C501-1E only)
P-DIP-40, P-LCC-44, and P-MQFP-44 package
Temperature ranges :
SAB-C501
T
A
: 0 ˚C to 70 ˚C
SAF-C501
T
A
: – 40 ˚C to 85 ˚C
Figure 1
C501G Functional Units
MCA03238
Port 0
Port 1
Port 2
Port 3
RAM
256 x 8
CPU
T0
T1
USART
Ι
Power
Saving
8K x 8 OTP (C501-1E)
T2
Modes
8K x 8 ROM (C501-1R)
/O
/O
Ι
Ι/O
Ι/O


Similar Part No. - SAB-C501G-1RN

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SAB-C503 SIEMENS-SAB-C503 Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAB-C503-1R20N SIEMENS-SAB-C503-1R20N Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAB-C503-1RN SIEMENS-SAB-C503-1RN Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAB-C503-L20N SIEMENS-SAB-C503-L20N Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
SAB-C503-LN SIEMENS-SAB-C503-LN Datasheet
1Mb / 42P
   8-Bit CMOS Microcontroller
More results

Similar Description - SAB-C501G-1RN

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TMP87CH34BN TOSHIBA-TMP87CH34BN Datasheet
7Mb / 138P
   CMOS 8-BIT MICROCONTROLLER
logo
Siemens Semiconductor G...
C509-L SIEMENS-C509-L Datasheet
1Mb / 74P
   8-Bit CMOS Microcontroller
C515C SIEMENS-C515C Datasheet
1Mb / 69P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP86CS64F TOSHIBA-TMP86CS64F Datasheet
564Kb / 12P
   CMOS 8-Bit Microcontroller
TMP86CH21F TOSHIBA-TMP86CH21F Datasheet
603Kb / 11P
   CMOS 8-Bit Microcontroller
TMP86PH06U TOSHIBA-TMP86PH06U Datasheet
513Kb / 13P
   CMOS 8 BIT MICROCONTROLLER
logo
Samsung semiconductor
S3P830A SAMSUNG-S3P830A Datasheet
1Mb / 342P
   8-Bit CMOS Microcontroller
logo
Toshiba Semiconductor
TMP87CS71F TOSHIBA-TMP87CS71F Datasheet
4Mb / 84P
   CMOS 8-BIT MICROCONTROLLER
TMP86C846N TOSHIBA-TMP86C846N Datasheet
537Kb / 10P
   CMOS 8-bit MICROCONTROLLER
logo
Infineon Technologies A...
C515 INFINEON-C515 Datasheet
268Kb / 55P
   8-Bit CMOS Microcontroller
1997-08-01
logo
Toshiba Semiconductor
TMP86FS27FG TOSHIBA-TMP86FS27FG Datasheet
399Kb / 32P
   CMOS 8-BIT MICROCONTROLLER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com