Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDLE-020-700 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # CDLE-020-700
Description  3.0mm Multi-Color Roung Type LED Lamps
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

CDLE-020-700 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  CDLE-020-700 Datasheet HTML 1Page - Everlight Electronics Co., Ltd CDLE-020-700 Datasheet HTML 2Page - Everlight Electronics Co., Ltd CDLE-020-700 Datasheet HTML 3Page - Everlight Electronics Co., Ltd CDLE-020-700 Datasheet HTML 4Page - Everlight Electronics Co., Ltd CDLE-020-700 Datasheet HTML 5Page - Everlight Electronics Co., Ltd CDLE-020-700 Datasheet HTML 6Page - Everlight Electronics Co., Ltd CDLE-020-700 Datasheet HTML 7Page - Everlight Electronics Co., Ltd CDLE-020-700 Datasheet HTML 8Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1
Copyright © 2010, Everlight All Rights Reserved. Release Date : Apr .2 .2014 . Issue No:
DLE-0006571_Rev.2
www.everlight.com
LAMP
209-3SURSYGW/S530-A3
Features
• Two chips are matched for uniform light output, wide viewing angle
• Long life-solid state reliability
• I.C. compatible/Low power consumption
• Pb
free
• The product itself will remain within RoHS compliant version
• Compliance with EU REACH
• Compliance Halogen Free .(Br <900 ppm ,Cl <900 ppm , Br+Cl < 1500 ppm)
Description
• The 209-3LED lamp contain two integral chips and is available as both bicolor and bipolar types.
• The Brilliant Red and Brilliant Yellow Green light is emitted by diodes of AlGaInP and AlGaInP.
• Type of bipolar lamps are both White Diffused and Water Clear while the bicolor are White Diffused.
Applications
• TV set
• Monitor
• Telephone
• Computer


Similar Part No. - CDLE-020-700

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
CDLE-020-703 EVERLIGHT-CDLE-020-703 Datasheet
143Kb / 7P
   3.0mm Round Type LED Lamps
More results

Similar Description - CDLE-020-700

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
209SURSYGC-S530-A3 EVERLIGHT-209SURSYGC-S530-A3 Datasheet
188Kb / 8P
   3.0mm Multi-Color Roung Type LED Lamps
209SURSYGC-S530-A3 EVERLIGHT-209SURSYGC-S530-A3 Datasheet
188Kb / 8P
   3.0mm Multi-Color Roung Type LED Lamps
204SURSYGW-S530-A2 EVERLIGHT-204SURSYGW-S530-A2 Datasheet
236Kb / 8P
   3.0mm Multi-Color Roung Type LED Lamps
1259-7SURSYGW-S530-A3 EVERLIGHT-1259-7SURSYGW-S530-A3 Datasheet
150Kb / 8P
   3.0mm Multi-Color Roung Type LED Lamps
204SDRSYGW-S530-A3 EVERLIGHT-204SDRSYGW-S530-A3 Datasheet
132Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7SDRSYGW-S530-A3 EVERLIGHT-1259-7SDRSYGW-S530-A3 Datasheet
142Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
209SURSYGW-S530-A3 EVERLIGHT-209SURSYGW-S530-A3 Datasheet
133Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7UYSYGW EVERLIGHT-1259-7UYSYGW Datasheet
127Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7SDRSYGW EVERLIGHT-1259-7SDRSYGW Datasheet
141Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
209UYOSUGC-S530-A3 EVERLIGHT-209UYOSUGC-S530-A3 Datasheet
131Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com