Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

264-15-T2C4-2NRA Datasheet(PDF) 10 Page - Everlight Electronics Co., Ltd

Part # 264-15-T2C4-2NRA
Description  Popular T-1 round package
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

264-15-T2C4-2NRA Datasheet(HTML) 10 Page - Everlight Electronics Co., Ltd

Back Button 264-15-T2C4-2NRA_10 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 264-15-T2C4-2NRA_10 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 264-15-T2C4-2NRA_10 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 264-15-T2C4-2NRA_10 Datasheet HTML 7Page - Everlight Electronics Co., Ltd 264-15-T2C4-2NRA_10 Datasheet HTML 8Page - Everlight Electronics Co., Ltd 264-15-T2C4-2NRA_10 Datasheet HTML 9Page - Everlight Electronics Co., Ltd 264-15-T2C4-2NRA_10 Datasheet HTML 10Page - Everlight Electronics Co., Ltd 264-15-T2C4-2NRA_10 Datasheet HTML 11Page - Everlight Electronics Co., Ltd 264-15-T2C4-2NRA_10 Datasheet HTML 12Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
Technical Data Sheet
264-15/T2C4-2NRA
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev
2
Page: 10 of 12
Device Number: DLE-0001743
Established date:11-23-2010
Established by: Ruby Lin
Prehead
laminar wave
Fluxing
Avoiding applying any stress to the lead frame while the LEDs are at high temperature
particularly when soldering.
Dip and hand soldering should not be done more than one time
After soldering the LEDs, the epoxy bulb should be protected from mechanical shock or
vibration until the LEDs return to room temperature.
A rapid-rate process is not recommended for cooling the LEDs down from the peak
temperature.
Although the recommended soldering conditions are specified in the above table, dip or
handsoldering at the lowest possible temperature is desirable for the LEDs.
Wave soldering parameter must be set and maintain according to recommended
temperature and dwell time in the solder wave.
4. Cleaning
When necessary, cleaning should occur only with isopropyl alcohol at room temperature
for a duration of no more than one minute. Dry at room temperature before use.
Do not clean the LEDs by the ultrasonic. When it is absolutely necessary, the influence of
ultrasonic cleaning on the LEDs depends on factors such as ultrasonic power and the
assembled condition. Ultrasonic cleaning shall be pre-qualified to ensure this will not
cause damage to the LED


Similar Part No. - 264-15-T2C4-2NRA_10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
264-15-T2C4-2NRA EVERLIGHT-264-15-T2C4-2NRA Datasheet
394Kb / 12P
   Popular T-1 round package
More results

Similar Description - 264-15-T2C4-2NRA_10

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-15-T2C3-2LQA EVERLIGHT-204-15-T2C3-2LQA Datasheet
384Kb / 12P
   Popular T-1 round package
204-15-T2C3-4LQA EVERLIGHT-204-15-T2C3-4LQA_09 Datasheet
386Kb / 12P
   Popular T-1 round package
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_08 Datasheet
257Kb / 11P
   Popular T-1 round package
264-15-T2C4-2NRA EVERLIGHT-264-15-T2C4-2NRA Datasheet
394Kb / 12P
   Popular T-1 round package
204-15-T1C3-4QSA EVERLIGHT-204-15-T1C3-4QSA_09 Datasheet
407Kb / 12P
   Popular T-1 round package
204-15-T2C3-4NQA EVERLIGHT-204-15-T2C3-4NQA Datasheet
380Kb / 12P
   Popular T-1 round package
1224UTC-S400-A6 EVERLIGHT-1224UTC-S400-A6 Datasheet
213Kb / 11P
   Popular T-1 round package
EALP03RDFWA0 EVERLIGHT-EALP03RDFWA0 Datasheet
297Kb / 10P
   Popular T-1 round package
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9 Datasheet
223Kb / 12P
   Popular T-1 3/4 round package
7383-R2C3-AMQB-X EVERLIGHT-7383-R2C3-AMQB-X Datasheet
255Kb / 10P
   ?Popular T-1 3/4 round package.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com