Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DLE-0001260 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # DLE-0001260
Description  Popular T-1 round package
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

DLE-0001260 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button DLE-0001260 Datasheet HTML 3Page - Everlight Electronics Co., Ltd DLE-0001260 Datasheet HTML 4Page - Everlight Electronics Co., Ltd DLE-0001260 Datasheet HTML 5Page - Everlight Electronics Co., Ltd DLE-0001260 Datasheet HTML 6Page - Everlight Electronics Co., Ltd DLE-0001260 Datasheet HTML 7Page - Everlight Electronics Co., Ltd DLE-0001260 Datasheet HTML 8Page - Everlight Electronics Co., Ltd DLE-0001260 Datasheet HTML 9Page - Everlight Electronics Co., Ltd DLE-0001260 Datasheet HTML 10Page - Everlight Electronics Co., Ltd DLE-0001260 Datasheet HTML 11Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
LifecyclePhase:
Revision
: 2
Expired Period: Forever
Release Date:2009-07-28 13:48:43.0
Technical Data Sheet
1224UTC/S400-A6
Everlight Electronics Co., Ltd.
http\\:www.everlight.com
Rev
2
Page: 9 of 11
Device Number: DLE-0001260
Established date:04/16/2009
Established by : Ruby Lin
Prehead
laminar wave
Fluxing
Avoiding applying any stress to the lead frame while the LEDs are at high temperature
particularly when soldering.
Dip and hand soldering should not be done more than one time
After soldering the LEDs, the epoxy bulb should be protected from mechanical shock or
vibration until the LEDs return to room temperature.
A rapid-rate process is not recommended for cooling the LEDs down from the peak
temperature.
Although the recommended soldering conditions are specified in the above table, dip or
handsoldering at the lowest possible temperature is desirable for the LEDs.
Wave soldering parameter must be set and maintain according to recommended temperature
and dwell time in the solder wave.
4. Cleaning
When necessary, cleaning should occur only with isopropyl alcohol at room temperature for
a duration of no more than one minute. Dry at room temperature before use.
Do not clean the LEDs by the ultrasonic. When it is absolutely necessary, the influence of
ultrasonic cleaning on the LEDs depends on factors such as ultrasonic power and the
assembled condition. Ultrasonic cleaning shall be pre-qualified to ensure this will not cause
damage to the LED


Similar Part No. - DLE-0001260

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
DLE-0001232 EVERLIGHT-DLE-0001232 Datasheet
123Kb / 6P
   3.0mm Round Type LED Lamps
DLE-0001287 EVERLIGHT-DLE-0001287 Datasheet
274Kb / 10P
   Popular T-1 3/4 round package
More results

Similar Description - DLE-0001260

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
264-15-T2C4-2NRA EVERLIGHT-264-15-T2C4-2NRA_10 Datasheet
264Kb / 12P
   Popular T-1 round package
204-15-T2C3-2LQA EVERLIGHT-204-15-T2C3-2LQA Datasheet
384Kb / 12P
   Popular T-1 round package
204-15-T2C3-4LQA EVERLIGHT-204-15-T2C3-4LQA_09 Datasheet
386Kb / 12P
   Popular T-1 round package
264-15-T2C4-1NRB EVERLIGHT-264-15-T2C4-1NRB_08 Datasheet
257Kb / 11P
   Popular T-1 round package
264-15-T2C4-2NRA EVERLIGHT-264-15-T2C4-2NRA Datasheet
394Kb / 12P
   Popular T-1 round package
204-15-T1C3-4QSA EVERLIGHT-204-15-T1C3-4QSA_09 Datasheet
407Kb / 12P
   Popular T-1 round package
204-15-T2C3-4NQA EVERLIGHT-204-15-T2C3-4NQA Datasheet
380Kb / 12P
   Popular T-1 round package
EALP03RDFWA0 EVERLIGHT-EALP03RDFWA0 Datasheet
297Kb / 10P
   Popular T-1 round package
204-15UTC-S400-X9 EVERLIGHT-204-15UTC-S400-X9 Datasheet
223Kb / 12P
   Popular T-1 3/4 round package
7383-R2C3-AMQB-X EVERLIGHT-7383-R2C3-AMQB-X Datasheet
255Kb / 10P
   ?Popular T-1 3/4 round package.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com