Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDLE-125-246 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # CDLE-125-246
Description  3.0mm Round Type LED Lamps
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

CDLE-125-246 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  CDLE-125-246 Datasheet HTML 1Page - Everlight Electronics Co., Ltd CDLE-125-246 Datasheet HTML 2Page - Everlight Electronics Co., Ltd CDLE-125-246 Datasheet HTML 3Page - Everlight Electronics Co., Ltd CDLE-125-246 Datasheet HTML 4Page - Everlight Electronics Co., Ltd CDLE-125-246 Datasheet HTML 5Page - Everlight Electronics Co., Ltd CDLE-125-246 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DATASHEET
LAMP
1254-10SYGT/S530-E2
3
Copyright © 2010, Everlight All Rights Reserved. Release Date : Jan.09. 2014. Issue No: DLE-0006420_Rev.2
www.everlight.com
Typical Electro-Optical Characteristics Curves
Relative Intensity vs. Wavelength (Ta=25
℃)
Directivity (Ta=25
℃)
Wavelength (nm)
Relative Intensity (a.u.)
Forward Current vs. Forward Voltage (Ta=25
℃)
Relative Intensity vs. Forward Current (Ta=25
℃)
0
5
10
15
20
25
0.0
0.5
1.0
1.5
Forward Voltage (V)
Forward Current (mA)
Relative Intensity vs. Ambient Temp.
Forward Current vs. Ambient Temp.
25
30
35
40
45
50
55
60
65
70
0.0
0.5
1.0
1.5
2.0
0
20
40
60
80
100
0
10
20
30
40
Ambient Temperature Ta
(℃)
Ambient Temperature Ta
(℃)


Similar Part No. - CDLE-125-246

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
CDLE-125-242 EVERLIGHT-CDLE-125-242 Datasheet
101Kb / 6P
   3.0mm Round Type LED Lamps
More results

Similar Description - CDLE-125-246

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204-10SYGD-S530-E3 EVERLIGHT-204-10SYGD-S530-E3 Datasheet
101Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYOC-S530-A3 EVERLIGHT-204-10UYOC-S530-A3 Datasheet
156Kb / 7P
   3.0mm Round Type LED Lamps
DLE-0001704 EVERLIGHT-DLE-0001704 Datasheet
120Kb / 6P
   3.0mm Round Type LED Lamps
1224-10UYT-S530-A3 EVERLIGHT-1224-10UYT-S530-A3 Datasheet
116Kb / 6P
   3.0mm Round Type LED Lamps
1254-10UYD-S530-A3 EVERLIGHT-1254-10UYD-S530-A3 Datasheet
102Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYD-S530-A3 EVERLIGHT-204-10UYD-S530-A3 Datasheet
138Kb / 7P
   3.0mm Round Type LED Lamps
1254-10SDRD-S530-A3 EVERLIGHT-1254-10SDRD-S530-A3 Datasheet
123Kb / 6P
   3.0mm Round Type LED Lamps
1254-10SYGD-S530-E2 EVERLIGHT-1254-10SYGD-S530-E2 Datasheet
98Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYD-S530-A3-L EVERLIGHT-204-10UYD-S530-A3-L Datasheet
110Kb / 6P
   3.0mm Round Type LED Lamps
204-10UYT-S530-A3 EVERLIGHT-204-10UYT-S530-A3_05 Datasheet
99Kb / 6P
   3.0mm Round Type LED Lamps
A264B-SUR-S530-A3-F14-9 EVERLIGHT-A264B-SUR-S530-A3-F14-9 Datasheet
108Kb / 6P
   3.0mm Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com