Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

1259-7UYSYGW-S530-A3 Datasheet(PDF) 1 Page - Everlight Electronics Co., Ltd

Part # 1259-7UYSYGW-S530-A3
Description  3.0mm Multi-Color Round Type LED Lamps
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

1259-7UYSYGW-S530-A3 Datasheet(HTML) 1 Page - Everlight Electronics Co., Ltd

  1259-7UYSYGW-S530-A3 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 1259-7UYSYGW-S530-A3 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 1259-7UYSYGW-S530-A3 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 1259-7UYSYGW-S530-A3 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 1259-7UYSYGW-S530-A3 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 1259-7UYSYGW-S530-A3 Datasheet HTML 6Page - Everlight Electronics Co., Ltd 1259-7UYSYGW-S530-A3 Datasheet HTML 7Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Technical Data Sheet
3.0mm Multi-Color Round Type LED Lamps
Features :
Two chips are matched for uniform
light output, wide viewing angle
Long life-solid state reliability
I.C. compatible/Low power consumption
Pb free
The product itself will remain within RoHS compliant version
Descriptions :
The1259-7LED lamps contain two integral
chips and is available as both bicolor
and bipolar types.
Super Yellow and
Super Yellow Green
light is emitted by diodes of
AlGaInP
and
AlGaInP
Type of bicolar lamps are both white
diffused and color diffused while the
bicolor are water clear.
Applications :
TV set
Monitor
Telephone
Computer
Emitted Color
Super Yellow
Super Yellow Green
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
1
Page:
1 of 7
Device Number :
CDLE-125-212
Prepared date:
2006/2/14
Prepared by:
Xiuzen Feng
CG0601097,R0601251
PART NO.
1259-7UYSYGW/S530-A3
Material
AlGaInP
AlGaInP
1259-7UYSYGW/S530-A3
Chip
Lens Color
White Diffused


Similar Part No. - 1259-7UYSYGW-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
1259-7UYSYGW-S530-A3 EVERLIGHT-1259-7UYSYGW-S530-A3 Datasheet
139Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
More results

Similar Description - 1259-7UYSYGW-S530-A3

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
204SDRSYGW-S530-A3 EVERLIGHT-204SDRSYGW-S530-A3 Datasheet
132Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7SDRSYGW-S530-A3 EVERLIGHT-1259-7SDRSYGW-S530-A3 Datasheet
142Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
209SURSYGW-S530-A3 EVERLIGHT-209SURSYGW-S530-A3 Datasheet
133Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7UYSYGW EVERLIGHT-1259-7UYSYGW Datasheet
127Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7SDRSYGW EVERLIGHT-1259-7SDRSYGW Datasheet
141Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
209UYOSUGC-S530-A3 EVERLIGHT-209UYOSUGC-S530-A3 Datasheet
131Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7SURSYGW EVERLIGHT-1259-7SURSYGW Datasheet
135Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
1259-7UYSYGW-S530-A3 EVERLIGHT-1259-7UYSYGW-S530-A3 Datasheet
139Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
209SDRSYGW-S530-A3 EVERLIGHT-209SDRSYGW-S530-A3 Datasheet
131Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
204UYSYGW-S530-A3 EVERLIGHT-204UYSYGW-S530-A3 Datasheet
135Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
209UYOSUGC-S530-A3 EVERLIGHT-209UYOSUGC-S530-A3 Datasheet
131Kb / 7P
   3.0mm Multi-Color Round Type LED Lamps
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com