Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

3294-15SURC-S400-A7 Datasheet(PDF) 3 Page - Everlight Electronics Co., Ltd

Part # 3294-15SURC-S400-A7
Description  3294-15SURC-S400-A7
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

3294-15SURC-S400-A7 Datasheet(HTML) 3 Page - Everlight Electronics Co., Ltd

  3294-15SURC-S400-A7 Datasheet HTML 1Page - Everlight Electronics Co., Ltd 3294-15SURC-S400-A7 Datasheet HTML 2Page - Everlight Electronics Co., Ltd 3294-15SURC-S400-A7 Datasheet HTML 3Page - Everlight Electronics Co., Ltd 3294-15SURC-S400-A7 Datasheet HTML 4Page - Everlight Electronics Co., Ltd 3294-15SURC-S400-A7 Datasheet HTML 5Page - Everlight Electronics Co., Ltd 3294-15SURC-S400-A7 Datasheet HTML 6Page - Everlight Electronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
Technical Data Sheet
3.0mm Round Type LED Lamps
Electro-Optical Characteristics (Ta=25℃)
Symbol
Min.
Typ.
Max.
Unit
VF
IF=
20
mA
2.0
2.4
V
IR
VR=
5
V
10
μA
Iv
IF=
20
mA
100
200
mcd
2θ1/2
IF=
20
mA
90
deg
λp
IF=
20
mA
632
nm
λd
IF=
20
mA
624
nm
△λ
IF=
20
mA
20
nm
EVERLIGHT ELECTRONICS CO.,LTD.
http : //www.everlight.com
Rev.:
2
Page: 3 of 6
Device Number : CDLE-329-017
Prepared date:
Prepared by: Xiuzhen Feng
Peak Wavelength
Dominant Wavelength
Spectrum Radiation
Bandwidth
Forward Voltage
Reverse Current
Luminous Intensity
Viewing Angle
3294-15SURC/S400-A7
Condition
Parameter
2006/3/6


Similar Part No. - 3294-15SURC-S400-A7

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
3294-15SURC-S400-A7 EVERLIGHT-3294-15SURC-S400-A7 Datasheet
97Kb / 6P
   3.0mm Round Type LED Lamps
More results

Similar Description - 3294-15SURC-S400-A7

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
383-2SURC-S400-A6 EVERLIGHT-383-2SURC-S400-A6 Datasheet
100Kb / 6P
   383-2SURC-S400-A6
logo
List of Unclassifed Man...
CMOD-A7 ETC-CMOD-A7 Datasheet
639Kb / 10P
   Cmod A7 Reference Manual
June 24, 2016
A31 ETC2-A31 Datasheet
1Mb / 42P
   Quad Cortex-A7 Subsystem
logo
PHOENIX CONTACT
2301749 PHOENIX-2301749 Datasheet
86Kb / 3P
   Front adapters - FLKM S135/S400/SO122
09/12/2020
2301794 PHOENIX-2301794 Datasheet
71Kb / 3P
   Front adapters - FLKM S135/S400/SO127
09/12/2020
2294429 PHOENIX-2294429 Datasheet
92Kb / 3P
   FLKM 50/ 4-FLK14/PA-S400
2314859 PHOENIX-2314859 Datasheet
74Kb / 3P
   Front adapters - FLKM S135-454-4UA/S400
09/12/2020
logo
Rockchip Electronics Co...
RV1108 ROCKCHIP-RV1108 Datasheet
2Mb / 68P
   Single-core ARM Cortex-A7 Core processor
Revision 1.4 June. 2018
logo
Bel Fuse Inc.
X5536500A7-F BEL-X5536500A7-F Datasheet
962Kb / 2P
   ELECTRICAL SPECIFICATION S553-6500-A7-F
logo
PHOENIX CONTACT
2294908 PHOENIX-2294908 Datasheet
56Kb / 3P
   System connectors - FLKM 50-PA-S400(3-48)
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com