Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

EZHV-J31M2-2LPHS-F2700 Datasheet(PDF) 9 Page - Everlight Electronics Co., Ltd

Part # EZHV-J31M2-2LPHS-F2700
Description  White LED
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EVERLIGHT [Everlight Electronics Co., Ltd]
Direct Link  http://www.everlight.com
Logo EVERLIGHT - Everlight Electronics Co., Ltd

EZHV-J31M2-2LPHS-F2700 Datasheet(HTML) 9 Page - Everlight Electronics Co., Ltd

Back Button EZHV-J31M2-2LPHS-F2700 Datasheet HTML 5Page - Everlight Electronics Co., Ltd EZHV-J31M2-2LPHS-F2700 Datasheet HTML 6Page - Everlight Electronics Co., Ltd EZHV-J31M2-2LPHS-F2700 Datasheet HTML 7Page - Everlight Electronics Co., Ltd EZHV-J31M2-2LPHS-F2700 Datasheet HTML 8Page - Everlight Electronics Co., Ltd EZHV-J31M2-2LPHS-F2700 Datasheet HTML 9Page - Everlight Electronics Co., Ltd EZHV-J31M2-2LPHS-F2700 Datasheet HTML 10Page - Everlight Electronics Co., Ltd EZHV-J31M2-2LPHS-F2700 Datasheet HTML 11Page - Everlight Electronics Co., Ltd EZHV-J31M2-2LPHS-F2700 Datasheet HTML 12Page - Everlight Electronics Co., Ltd EZHV-J31M2-2LPHS-F2700 Datasheet HTML 13Page - Everlight Electronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 21 page
background image
DATASHEET
SMD HP  EZHV
2W LED Series
9 Copyright © 2011, Everlight All Rights Reserved. Release Date: 11.28.2011. Issue No: DHE-0001537
www.everlight.com
Warm-White Bin Structure
Warm-White Bin Structure
2700K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
27K-1
0.469
0.429
27K-2
0.456
0.426
0.459
0.410
0.447
0.408
0.470
0.413
0.459
0.410
0.481
0.432
0.469
0.429
Reference Range: 2580~2700K
Reference Range: 2700~2870K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
27K-4
0.459
0.410
27K-3
0.447
0.408
0.448
0.392
0.437
0.389
0.459
0.394
0.448
0.392
0.470
0.413
0.459
0.410
Reference Range: 2580~2700K
Reference Range: 2700~2870K
3000K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
30K-1
0.443
0.421
30K-2
0.430
0.417
0.435
0.403
0.422
0.399
0.447
0.408
0.435
0.403
0.456
0.426
0.443
0.421
Reference Range: 2870~3000K
Reference Range: 3000~3220K
Bin
CIE X
CIE Y
Bin
CIE X
CIE Y
30K-4
0.435
0.403
30K-3
0.422
0.399
0.426
0.385
0.415
0.381
0.437
0.389
0.426
0.385
0.447
0.408
0.435
0.403
Reference Range: 2870~3000K
Reference Range: 3000~3220K


Similar Part No. - EZHV-J31M2-2LPHS-F2700

ManufacturerPart #DatasheetDescription
logo
Everlight Electronics C...
EZHV-F61M1 EVERLIGHT-EZHV-F61M1 Datasheet
993Kb / 27P
   Small package with high efficiency
EZHV-F61M1-1LPHS-F3000 EVERLIGHT-EZHV-F61M1-1LPHS-F3000 Datasheet
993Kb / 27P
   Small package with high efficiency
EZHV-F81C1 EVERLIGHT-EZHV-F81C1 Datasheet
993Kb / 27P
   Small package with high efficiency
EZHV-F81C1-1LPGS-F5700 EVERLIGHT-EZHV-F81C1-1LPGS-F5700 Datasheet
993Kb / 27P
   Small package with high efficiency
EZHV-F81C1-1LPGS-F6500 EVERLIGHT-EZHV-F81C1-1LPGS-F6500 Datasheet
993Kb / 27P
   Small package with high efficiency
More results

Similar Description - EZHV-J31M2-2LPHS-F2700

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPW500DS NICHIA-NSPW500DS Datasheet
204Kb / 15P
   WHITE LED
NSPW500GS-K1 NICHIA-NSPW500GS-K1 Datasheet
185Kb / 15P
   WHITE LED
logo
Lucky Light Electronic
LL-804WC2C-W2-3SD LUCKY-LIGHT-LL-804WC2C-W2-3SD Datasheet
232Kb / 8P
   White LED
logo
Marl International Limi...
NSPW315DS MARL-NSPW315DS Datasheet
206Kb / 15P
   WHITE LED
NSPW500DS MARL-NSPW500DS Datasheet
420Kb / 15P
   WHITE LED
NSPW515DS MARL-NSPW515DS Datasheet
195Kb / 15P
   WHITE LED
logo
List of Unclassifed Man...
NFSW036T ETC-NFSW036T Datasheet
822Kb / 14P
   WHITE LED
logo
Lucky Light Electronic
LL-484WC1F-W0-1J LUCKY-LIGHT-LL-484WC1F-W0-1J_15 Datasheet
205Kb / 7P
   White LED
logo
NICHIA CORPORATION
NC2W170CT NICHIA-NC2W170CT Datasheet
296Kb / 19P
   WHITE LED
NESW146AT NICHIA-NESW146AT Datasheet
286Kb / 18P
   WHITE LED
NFSW757DT-V1M3 NICHIA-NFSW757DT-V1M3 Datasheet
272Kb / 18P
   WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com