Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

WFU830 Datasheet(PDF) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

Part # WFU830
Description  Silicon N-Channel MOSFET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINSEMI [Shenzhen Winsemi Microelectronics Co., Ltd]
Direct Link  http://www.winsemi.com
Logo WINSEMI - Shenzhen Winsemi Microelectronics Co., Ltd

WFU830 Datasheet(HTML) 1 Page - Shenzhen Winsemi Microelectronics Co., Ltd

  WFU830 Datasheet HTML 1Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU830 Datasheet HTML 2Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU830 Datasheet HTML 3Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU830 Datasheet HTML 4Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU830 Datasheet HTML 5Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU830 Datasheet HTML 6Page - Shenzhen Winsemi Microelectronics Co., Ltd WFU830 Datasheet HTML 7Page - Shenzhen Winsemi Microelectronics Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Copyright@Winsemi Microelectronics Co., Ltd., All right reserved.
WF
WF
WF
WFU
U
U
U830
830
830
830
Rev.A Nov.2010
Silicon
Silicon
Silicon
Silicon N-Channel
N-Channel
N-Channel
N-Channel MOSFET
MOSFET
MOSFET
MOSFET
Features
■ 4.5A,500V,RDS(on)(Max 1.5Ω)@VGS=10V
■ Ultra-low Gate Charge(Typical 32nC)
■ Fast Switching Capability
■ 100%Avalanche Tested
■ Maximum Junction Temperature Range(150℃)
General Description
This Power MOSFET is produced using Winsemi ’s advanced
planar stripe, DMOS technology. This latest technology has been
especially designed to minimize on-state resistance, have a high
rugged avalanche characteristics. This devices is specially well
suited for high efficiency switch model power supplies, power factor
correction and half bridge and full bridge resonant topology line a
electronic lamp ballast.
Absolute Maximum Ratings
Symbol
Parameter
Value
Units
VDSS
Drain Source Voltage
500
V
ID
Continuous Drain Current(@Tc=25℃)
4.5
A
Continuous Drain Current(@Tc=100℃)
2.9
A
IDM
Drain Current Pulsed
(Note1)
18
A
VGS
Gate to Source Voltage
±30
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
300
mJ
EAR
Repetitive Avalanche Energy
(Note 1)
7.5
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Total Power Dissipation(@Tc=25℃)
48
W
Derating Factor above 25℃
0.38
W/℃
TJ, Tstg
Junction and Storage Temperature
-55~150
TL
Channel Temperature
300
Thermal Characteristics
Symbol
Parameter
Value
Units
Min
Typ
Max
RQJC
Thermal Resistance, Junction-to-Case
-
-
2.6
℃/W
RQJA
Thermal Resistance, Junction-to-Ambient*
-
-
50
℃/W
RQJA
Thermal Resistance, Junction-to-Ambient
-
-
110
℃/W
*When mounted on the minimum pad size recommended(PCB Mount)


Similar Part No. - WFU830

ManufacturerPart #DatasheetDescription
logo
Shenzhen Winsemi Microe...
WFU1N60 WINSEMI-WFU1N60 Datasheet
523Kb / 7P
   Silicon N-Channel MOSFET
WFU1N60C WINSEMI-WFU1N60C Datasheet
261Kb / 8P
   Silicon N-Channel MOSFET
WFU1N60N WINSEMI-WFU1N60N Datasheet
594Kb / 7P
   Silicon N-Channel MOSFET
WFU20N06 WINSEMI-WFU20N06 Datasheet
600Kb / 6P
   Silicon N-Channel MOSFET
logo
Wisdom technologies Int...
WFU2N60 WISDOM-WFU2N60 Datasheet
715Kb / 8P
   N-Channel MOSFET
More results

Similar Description - WFU830

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
L2SK3019LT1G LRC-L2SK3019LT1G_15 Datasheet
671Kb / 4P
   Silicon N-Channel MOSFET
logo
Shenzhen Winsemi Microe...
WGP15G65 WINSEMI-WGP15G65 Datasheet
529Kb / 6P
   Silicon N-Channel MOSFET
WFU5N60B WINSEMI-WFU5N60B_14 Datasheet
201Kb / 8P
   Silicon N-Channel MOSFET
WFF8N65L WINSEMI-WFF8N65L Datasheet
244Kb / 8P
   Silicon N-Channel MOSFET
WFD20N06 WINSEMI-WFD20N06 Datasheet
615Kb / 6P
   Silicon N-Channel MOSFET
WFP8N60B WINSEMI-WFP8N60B Datasheet
271Kb / 8P
   Silicon N-Channel MOSFET
WFU2N60B WINSEMI-WFU2N60B_13 Datasheet
252Kb / 8P
   Silicon N-Channel MOSFET
K2611B WINSEMI-K2611B_14 Datasheet
288Kb / 8P
   Silicon N-Channel MOSFET
WFP12N65 WINSEMI-WFP12N65 Datasheet
389Kb / 7P
   Silicon N-Channel MOSFET
WFP540 WINSEMI-WFP540 Datasheet
348Kb / 5P
   Silicon N-Channel MOSFET
WFW24N50N WINSEMI-WFW24N50N Datasheet
437Kb / 7P
   Silicon N-Channel MOSFET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com